Part Number Hot Search : 
NC7S14 562C2 T6BU07 SD101 IRF130 2N3980 B1212 100MB
Product Description
Full Text Search
 

To Download MMBT5551 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
NPN General Purpose Transistor
FEATURES
Epitaxial planar die construction. Complementary PNP type available (MMBT5401). Also available in lead free version.
Production specification
MMBT5551
Pb
Lead-free
APPLICATIONS
Ideal for medium power amplification and switching SOT-23
ORDERING INFORMATION
Type No. MMBT5551 Marking G1 Package Code SOT-23
MAXIMUM RATING @ Ta=25 unless otherwise specified
Symbol VCBO VCEO VEBO IC PC Tj ,Tstg Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE VCE(sat) VBE(sat) fT Parameter collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) Collector dissipation junction and storage temperature Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage collector cut-off current emitter cut-off current DC current gain collector-emitter saturation voltage base-emitter saturation voltage transition frequency Test conditions Value 180 160 6 0.6 0.3 -55-150 MIN. 180 160 6 80 80 30 80 0.1 0.1 250 0.5 1 V V MHz A A MAX. UNIT V V V A W C UNIT
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
IC=100A,IE=0 IC=0.1mA,IB=0
B
IE=100A,IC=0 IE = 0; VCB = 180V IC = 0; VEB = 4V VCE = 5V; IC= 1mA VCE = 5V;IC = 10mA VCE = 5V;IC = 50 mA IC = 50 mA; IB = 5 mA
B
IC = 50 mA; IB = 5 mA
B
IC = 10mA; VCE = 10V; f = 100MHz
Document number: BL/SSSTC065 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
NPN General Purpose Transistor
Production specification
MMBT5551
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSTC065 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
NPN General Purpose Transistor
PACKAGE OUTLINE
Plastic surface mounted package
A E
Production specification
MMBT5551
SOT-23
SOT-23
Dim A B C D E G H
H C
Min 2.85 1.25 0.37 0.35 1.85 0.02 2.35
Max 2.95 1.35 0.43 0.48 1.95 0.1 2.45
K
B
1.0Typical
D G
J
J K
0.1Typical
All Dimensions in mm
SOLDERING FOOTPRINT
Unit : mm
PACKAGE
Device MMBT5551
INFORMATION
Package SOT-23 Shipping 3000/Tape&Reel
Document number: BL/SSSTC065 Rev.A
www.galaxycn.com 3


▲Up To Search▲   

 
Price & Availability of MMBT5551

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X