Part Number Hot Search : 
2SA743 453215 IN4937 1N5271B TA2026F CLR2010 P4435 CY230508
Product Description
Full Text Search
 

To Download MMBT2369A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
NPN General Purpose Amplifier
FEATURES
Epitaxial planar die construction. Ultra-small surface mount package.
Production specification
MMBT2369A
Pb
Lead-free
APPLICATIONS
Use as a medium power amplifier.
.
SOT-23
ORDERING INFORMATION
Type No. MMBT2369A Marking 1JA Package Code SOT-23
MAXIMUM RATING @ Ta=25 unless otherwise specified
Symbol VCBO VCEO VEBO IC PC Tj,Tstg Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Collector Dissipation Junction and Storage Temperature Value 40 15 4.5 200 300 -55to+150 Unit V V V mA mW
Document number: BL/SSSTC115 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
NPN General Purpose Amplifier
Parameter Collector-base breakdown voltage Symbol V(BR)CBO Test conditions IC=10A IE=0
Production specification
MMBT2369A
MIN 40 TYP MAX UNIT V
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current DC current gain
V(BR)CEO
IC=10mA IB=0
B
15
V
V(BR)EBO ICBO hFE
IE=10A IC=0 VCB=20V IE=0 VCE=1.0V IC=10mA VCE=0.35V IC=10mA VCE=0.4V IC=30mA VCE=0.4V IC=30mA
4.5 0.4 120 40 30 20 0.2 0.25 0.5 0.7 0.85 1.15 1.6 4.0 5.0 8.0 10 13 12 18
V A
Collector-emitter saturation voltage Base-emitter saturation voltage
VCE(sat)
IC=10mA IB=1.0mA IC=30mA IB=3.0mA IC=100mA IB=10mA
B B B
V
VBE(sat)
IC=10mA IB=1.0mA IC=30mA IB=3.0mA IC=100mA IB=10mA
B B B
V
Output capacitance Storage time Turn-on time Turn-off time
Cobo tS ton toff
VCB=5V,IE=0.f=1.0MHz IB1=IB2=IC=10mA VCC=3V,IC=10mA, IB1=3mA VCC=3V,IC=10mA, IB1=3mA,IB2=1.5mA
pF ns ns ns
Document number: BL/SSSTC115 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
NPN General Purpose Amplifier
PACKAGE OUTLINE
Plastic surface mounted package
A E
Production specification
MMBT2369A
SOT-23
SOT-23
Dim A B C D Min 2.85 1.25 0.37 0.35 1.85 0.02 2.35 Max 2.95 1.35 0.43 0.48 1.95 0.1 2.45
K
B
1.0Typical
D G
J
E G H
H C
J K
0.1Typical
All Dimensions in mm
SOLDERING FOOTPRINT
Unitmm
PACKAGE
Device MMBT2369A
INFORMATION
Package SOT-23 Shipping 3000/Tape&Reel
Document number: BL/SSSTC115 Rev.A
www.galaxycn.com 3


▲Up To Search▲   

 
Price & Availability of MMBT2369A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X