Part Number Hot Search : 
50010 MA46451 KBP206 SB104 319209A 2SD2209 HPR109WH IRN50
Product Description
Full Text Search
 

To Download MMBT2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD General Purpose Transistor (NPN) MMBT2222A
SMD General Purpose Transistor (NPN)
Features
* NPN Silicon Epitaxial Planar Transistor for Switching and Amplifier Applications * RoHS compliance
Mechanical Data
Case: Terminals: Weight: SOT-23, Plastic Package Solderable per MIL-STD-202G, Method 208 0.008 gram
SOT-23
Maximum Ratings (T Ambient=25C unless noted otherwise)
Symbol Marking Code Description MMBT2222A 1P 75 40 6.0 0.6 350 Power Dissipation above 25C (note 1) 2.8 mW/ C C /W C C V V V A mW Unit
VCBO VCEO VEBO IC Ptot RJA TJ TSTG
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current
Thermal Resistance, Junction to Ambient Junction Temperature Storage Temperature Range
357 150 -55 to +150
Note: (1) Device mounted on FR-4 PCB 1.6'' x 1.6'' x 0.06''
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON Fax: (800)-TAITFA (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. A/AH 2007-11-13 Page 1 of 3
SMD General Purpose Transistor (NPN) MMBT2222A
Electrical Characteristics (T Ambient=25C unless noted otherwise)
Symbol Description Min. 35 50 75 Max. 300 0.3 1.0 1.2 2.0 10 10 V V V V Unit Conditions
VCE=10V, IC=0.1mA VCE=10V, IC=1mA VCE=10V, IC=10mA VCE=10V, IC=10mA Ta=-55 C VCE=10V, IC=150mA* VCE=10V, IC=500mA* VCE=1.0V, IC=150mA* IC=10A, IE=0 IC=10mA, IB=0 IE=10A, IC=0 IC=150mA, IB=15mA IC=500mA, IB=50mA IC=150mA, IB=15mA IC=500mA, IB=50mA VEB=3V, VCE=60V VCB=60V, IE=0 VCB=60V, IE=0, Ta=125 C VEB=3V, VCE=60V VEB=3V, IC=0 VCE=20V, IC=20mA, f=100MHz VCB=10V, f=1.0MHz, IE=0 VEB=0.5V, f=1.0MHz, IC=0 VCE=10V, IC=100A, Rs=1k, f=1kHz VCB=20V, IC=20mA, f=31.8 MHz IB1=15mA IC=150mA VCC=30V VEB=0.5V IB1=IB2=15mA IC=150mA VCC=30V
hFE
D.C. Current Gain
35 100 40 50
V(BR)CBO V(BR)CEO V(BR)EBO VCEsat VBEsat ICEX ICBO IBL IEBO fT Cobo Cibo
NF
Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage* Emitter-Base Breakdown Voltage Collector-Emitter Saturation Voltage*
75 40 6.0 0.6 300 -
Base-Emitter Saturation Voltage* Collector Cut-off Current Collector Cut-off Current Base Cut-off Current Emitter Cut-off Current Current Gain-Bandwidth Product Output Capacitance Input Capacitance Noise Figure Collector Base Time Constant Delay Time Rise Time Storage Time Fall Time
V nA nA A nA nA MHz pF pF dB ps
10 20 10 8.0 25 4.0 150 10 25 225 60
rb'Cc td tr ts tf
ns
*Pulse Test Pulse Width 300s, Duty Cycle 2.0%
Rev. A/AH 2007-11-13 www.taitroncomponents.com Page 2 of 3
SMD General Purpose Transistor (NPN) MMBT2222A
Dimensions in mm
SOT-23
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/AH 2007-11-13 www.taitroncomponents.com Page 3 of 3


▲Up To Search▲   

 
Price & Availability of MMBT2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X