Part Number Hot Search : 
30FQ045 FM220 KIC7SZ04 CA556 CA556 FIP11F10 GRM21 M3501
Product Description
Full Text Search
 

To Download MIC4120YME Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIC4120/4129
Micrel, Inc.
MIC4120/4129
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
General Description
MIC4120 and MIC4129 MOSFET drivers are resilient, efficient, and easy to use. The MIC4129 is an inverting driver, while the MIC4120 is a non-inverting driver. The MIC4120 and MIC4129 are improved versions of the MIC4420 and MIC4429. The drivers are capable of 6A (peak) output and can drive the largest MOSFETs with an improved safe operating margin. The MIC4120/4129 accept any logic input from 2.4V to VS without external speed-up capacitors or resistor networks. Proprietary circuits allow the input to swing negative by as much as 5V without damaging the part. Additional circuits protect against damage from electrostatic discharge. MIC4120/4129 drivers can replace three or more discrete components, reducing PCB area requirements, simplifying product design, and reducing assembly cost. Modern BiCMOS/DMOS construction guarantees freedom from latch-up. The rail-to-rail swing capability insures adequate gate voltage to the MOSFET during power up/down sequencing.
Features
* CMOS Construction * Latch-Up Protected: Will Withstand >200mA Reverse Output Current * Logic Input Withstands Negative Swing of Up to 5V * Matched Rise and Fall Times ................................ 25ns * High Peak Output Current ............................... 6A Peak * Wide Operating Range ............................... 4.5V to 20V * High Capacitive Load Drive ............................10,000pF * Low Delay Time .............................................. 55ns Typ * Logic High Input for Any Voltage From 2.4V to VS * Low Equivalent Input Capacitance (typ) ..................6pF * Low Supply Current ...............450A With Logic 1 Input * Low Output Impedance ......................................... 2.5 * Output Voltage Swing Within 25mV of Ground or VS * Exposed backside pad packaging reduces heat - ePAD SOIC-8L (JA = 58C/W) - 3mm x 3mm MFLTM-8L (JA = 60C/W)
Applications
* * * * Switch Mode Power Supplies Motor Controls Pulse Transformer Driver Class-D Switching Amplifiers
Functional Diagram
VS
0.1mA
0.4mA
MIC4129 IN V E R T I N G
OUT
IN
2k
MIC4120 NONINVERTING
GND
Micrel, Inc. * 2180 Fortune Drive * San Jose, CA 95131 * USA * tel + 1 (408) 944-0800 * fax + 1 (408) 474-1000 * http://www.micrel.com
August 2005
1
M9999-081105
MIC4120/4129
Micrel, Inc. Package EPAD 8-Pin SOIC 8-Pin MLF EPAD 8-Pin SOIC 8-Pin MLF Configuration Non-Inverting Non-Inverting Inverting Inverting Lead Finish Pb-Free Pb-Free Pb-Free Pb-Free
Ordering Information
Part Number MIC4120YME MIC4120YML MIC4129YME MIC4129YML
Pin Configurations
VS 1 IN 2 NC 3 GND 4
8 VS 7 OU T 6 OU T 5 GND
EPAD SOIC-8 (ME) MLF-8 (ML)
Pin Description
Pin Number 2 4, 5 1, 8 6, 7 3 EP Pin Name IN GND VS OUT NC GND Pin Function Control Input Ground: Duplicate pins must be externally connected together Supply Input: Duplicate pins must be externally connected together Output: Duplicate pins must be externally connected together Not connected Ground: Backside
M9999-081105
2
August 2005
MIC4120/4129
Micrel, Inc.
Absolute Maximum Ratings (Notes 1, 2 and 3)
Supply Voltage ...........................................................24V Input Voltage ............................... VS + 0.3V to GND - 5V Input Current (VIN > VS) .......................................... 50mA Storage Temperature............................. -65C to +150C Lead Temperature (10 sec.) ................................... 300C ESD Rating, Note 4
Operating Ratings
Supply Voltage .............................................. 4.5V to 20V Junction Temperature ............................ -40C to +125C Package Thermal Resistance 3x3 MLFTM (JA) ...............................................60C/W EPAD SOIC-8 (JA) ..........................................58C/W
Electrical Characteristics:
>1V/s Symbol INPUT VIH VIL IIN VIN OUTPUT VOH VOL RO RO IPK IR High Output Voltage Low Output Voltage Output Resistance, Output Low Output Resistance, Output High Peak Output Current Logic 1 Input Voltage Logic 0 Input Voltage Input Voltage Range Input Current Parameter
(TA = 25C with 4.5V VS 20V unless otherwise specified. Note 3.) Input Voltage slew rate Conditions Min 2.4 -5 0 V VIN VS See Figure 1 See Figure 1 IOUT = 10 mA, VS = 20 V IOUT = 10 mA, VS = 20 V VS = 20 V (See Figure 6) -10 VS-0.025 1.4 1.5 6 200 Typ 1.9 1.5 0.8 VS + 0.3 10 Max Units V V V A V 0.025 5 5 V A mA
Latch-Up Protection Withstand Reverse Current Rise Time Fall Time Delay Time Delay Time
SWITCHING TIME tR tF tD1 tD2 Test Figure 1, CL = 2200 pF Test Figure 1, CL = 2200 pF Test Figure 1 Test Figure 1 12 13 45 50 30 35 30 35 75 100 75 100 3 400 20 ns ns ns ns ns ns ns ns mA A V
POWER SUPPLY IS VS Power Supply Current Operating Input Voltage VIN = 3 V VIN = 0 V 0.45 60 4.5
Notes: 1. Functional operation above the absolute maximum stress ratings is not implied. 2. Static-sensitive device. Store only in conductive containers. Handling personnel and equipment should be grounded to prevent damage from static discharge. 3. Specification for packaged product only. 4. Devices are ESD sensitive. Handling precautions recommended. Human body model: 1.5k in series with 100pF.
August 2005
3
M9999-081105
MIC4120/4129
Micrel, Inc.
Test Circuits
VS = 20V
0.1F
VS = 20V
0.1F 1.0F
0.1F
IN MIC4120
0.1F
OUT 2200pF
1.0F
IN MIC4129
OUT 2200pF
INPUT
5V 90% 10% 0V
VS 90%
tP W
2.5V
INPUT
5V 90% 10% 0V
VS 90%
tD1
tP W
2.5V
tD1
tF
tD2
tR
tR
tD2
tF
OUTPUT
OUTPUT
10% 0V
10% 0V
Figure 1. Inverting Driver Switching Time
Figure 2. Non-inverting Driver Switching Time
M9999-081105
4
August 2005
MIC4120/4129
Micrel, Inc.
Typical Characteristics
60 50
R is e T ime
10000pF
60 50 FALL TIME (ns) 40 30 20 10
F all T ime
60 50 DELAY TIME (ns) 40 30 20 10 20 0 5
Delay T ime vs . Input V oltage
td2
10000pF
RISE TIME (ns)
40 30 20 10 0 5 10 15 INPUT VOLTAGE (V) 20
4700pF
4700pF
td1
2200pF
2200pF
0 5
10 15 INPUT VOLTAGE (V)
10 15 INPUT VOLTAGE (V)
20
3.0 2.5 RESISTANCE () 2.0
Output R es is tanc e vs . S upply V oltage
Output High
1.5 Output Low 1.0 0.5 0 5 10 15 SUPPLY VOLTAGE (V) 20
August 2005
5
M9999-081105
MIC4120/4129
Micrel, Inc.
Applications Information
Supply Bypassing
Charging and discharging large capacitive loads quickly requires large currents. For example, charging a 2500pF load to 18V in 25ns requires a 1.8 A current from the device power supply. The MIC4120/4129 has double bonding on the supply pins, the ground pins and output pins This reduces parasitic lead inductance. Low inductance enables large currents to be switched rapidly. It also reduces internal ringing that can cause voltage breakdown when the driver is operated at or near the maximum rated voltage. Internal ringing can also cause output oscillation due to feedback. This feedback is added to the input signal since it is referenced to the same ground. To guarantee low supply impedance over a wide frequency range, a parallel capacitor combination is recommended for supply bypassing. Low inductance ceramic capacitors should be used. A 1F low ESR film capacitor in parallel with two 0.1 F low ESR ceramic capacitors provide adequate bypassing. Connect one ceramic capacitor directly between pins 1 and 4. Connect the second ceramic capacitor directly between pins 8 and 5.
Grounding
The high current capability of the MIC4120/4129 demands careful PC board layout for best performance. Since the MIC4129 is an inverting driver, any ground lead impedance will appear as negative feedback which can degrade switching speed. Feedback is especially noticeable with slow-rise time inputs. Figure 3 shows the feedback effect in detail. As the MIC4129 input begins to go positive, the output goes negative and several amperes of current flow in the ground lead. As little as 0.05 of PC trace resistance can produce hundreds of millivolts at the MIC4129 ground pins. If the driving logic is referenced to power ground, the effective logic input level is reduced and oscillation may result. To insure optimum performance, separate ground traces should be provided for the logic and power connections. Connecting the logic ground directly to the MIC4129 GND pins will ensure full logic drive to the input and ensure fast output switching. Both of the MIC4129 GND pins should, however, still be connected to power ground. The E-Pad and MLF packages have an exposed pad under the package. It's important for good thermal performance that this pad is connected to a ground plane.
M9999-081105
6
August 2005
MIC4120/4129
Micrel, Inc. can easily be exceeded. Therefore, some attention should be given to power dissipation when driving low impedance loads and/or operating at high frequency. The supply current vs frequency and supply current vs capacitive load characteristic curves aid in determining power dissipation calculations. Table 1 lists the maximum safe operating frequency for several power supply voltages when driving a 2500pF load. More accurate power dissipation figures can be obtained by summing the three dissipation sources. Given the power dissipation in the device, and the thermal resistance of the package, junction operating temperature for any ambient is easy to calculate. For example, the thermal resistance of the 8-pin EPAD MSOP package, from the data sheet, is 60C/W. In a 25C ambient, then, using a maximum junction temperature of 150C, this package will dissipate 2W. Accurate power dissipation numbers can be obtained by totaling the three sources of power dissipation in the device: * Load Power Dissipation (PL) * Quiescent power dissipation (PQ) * Transition power dissipation (PT) Calculation of load power dissipation differs depending upon whether the load is capacitive, resistive or inductive. Resistive Load Power Dissipation Dissipation caused by a resistive load can be calculated as: PL = I2 RO D where: I = the current drawn by the load RO = the output resistance of the driver when the output is high, at the power supply voltage used. (See data sheet) D = fraction of time the load is conducting (duty cycle)
Input Stage
The input voltage level of the 4129 changes the quiescent supply current. The N channel MOSFET input stage transistor drives a 450A current source load. With a logic "1" input, the maximum quiescent supply current is 450A. Logic "0" input level signals reduce quiescent current to 55A maximum. The MIC4120/4129 input is designed to provide hysteresis. This provides clean transitions, reduces noise sensitivity, and minimizes output stage current spiking when changing states. Input voltage threshold level is approximately 1.5V, making the device TTL compatible over the 4.5V to 20V operating supply voltage range. Input current is less than 10A over this range. The MIC4129 can be directly driven by the MIC9130, MIC3808, MIC38HC42 and similar switch mode power supply. By offloading the power-driving duties to the MIC4120/4129, the power supply controller can operate at lower dissipation. This can improve performance and reliability. The input can be greater than the +VS supply, however, current will flow into the input lead. The propagation delay for TD2 will increase to as much as 400ns at room temperature. The input currents can be as high as 30mA p-p (6.4mARMS) with the input, 6 V greater than the supply voltage. No damage will occur to MIC4120/4129 however, and it will not latch. The input appears as a 7pF capacitance, and does not change even if the input is driven from an AC source. Care should be taken so that the input does not go more than 5 volts below the negative rail.
Power Dissipation
CMOS circuits usually permit the user to ignore power dissipation. Logic families such as 4000 and 74C have outputs which can only supply a few milliamperes of current, and even shorting outputs-to-ground will not force enough current to destroy the device. The MIC4120/4129, on the other hand, can source or sink several amperes and drive large capacitive loads at high frequency. The package power dissipation limit
+18 V
WIMA MK22 1 F 5.0V 18 V
Table 1: MIC4129 Maximum Operating Frequency
0V
1 8 MIC4121 6, 7
TEK CURREN T P ROBE 6 3 0 2
0V 0.1 F LOGIC GROUND POWER GROUND 4
5
0.1F
2,500 pF POLYCARBONATE
6 AMPS
20V 15V 10V
Conditions:
VS
Max Frequency 1MHz 1.5MHz 3.5MHz
TA = 25C, 3. CL = 2500pF
PC TRACE RESISTANCE = 0.05
Figure 3. Switching Time Degradation Due to Negative Feedback August 2005 7
M9999-081105
MIC4120/4129 Capacitive Load Power Dissipation Dissipation caused by a capacitive load is simply the energy placed in, or removed from, the load capacitance by the driver. The energy stored in a capacitor is described by the equation: E = 1/2 C V2 As this energy is lost in the driver each time the load is charged or discharged, for power dissipation calculations the 1/2 is removed. This equation also shows that it is good practice not to place more voltage on the capacitor than is necessary, as dissipation increases as the square of the voltage applied to the capacitor. For a driver with a capacitive load: PL = f C (VS)2 where: f = Operating Frequency C = Load Capacitance VS =Driver Supply Voltage Inductive Load Power Dissipation For inductive loads the situation is more complicated. For the part of the cycle in which the driver is actively forcing current into the inductor, the situation is the same as it is in the resistive case: PL1 = I2 RO D However, in this instance the RO required may be either the on resistance of the driver when its output is in the high state, or its on resistance when the driver is in the low state, depending on how the inductor is connected, and this is still only half the story. For the part of the cycle when the inductor is forcing current through the driver, dissipation is best described as PL2 = I VD (1-D) where VD is the forward drop of the clamp diode in the driver (generally around 0.7V). The two parts of the load dissipation must be summed in to produce PL PL = PL1 + PL2 Quiescent Power Dissipation Quiescent power dissipation (PQ, as described in the input section) depends on whether the input is high or low. A low input will result in a maximum current drain (per driver) of 0.2mA; a logic high will result in a current drain of 2.0mA. Quiescent power can therefore be found from: PQ = VS [D IH + (1-D) IL] where: IH = IL = D= VS = quiescent current with input high quiescent current with input low fraction of time input is high (duty cycle) power supply voltage Transition Power Dissipation
Micrel, Inc. Transition power is dissipated in the driver each time its output changes state, because during the transition, for a very brief interval, both the N- and P-channel MOSFETs in the output totem-pole are ON simultaneously, and a current is conducted through them from V+S to ground. The transition power dissipation is approximately: PT = 2 f VS (A*s) where (A*s) is a time-current factor derived from the typical characteristic curves. Total power (PD) then, as previously described is: PD = PL + PQ +PT Definitions CL = Load Capacitance in Farads. D = Duty Cycle expressed as the fraction of time the input to the driver is high. f = Operating Frequency of the driver in Hertz. IH = Power supply current drawn by a driver when both inputs are high and neither output is loaded. IL = Power supply current drawn by a driver when both inputs are low and neither output is loaded. ID = Output current from a driver in Amps. PD = Total power dissipated in a driver in Watts. PL = Power dissipated in the driver due to the driver's load in Watts. PQ = Power dissipated in a quiescent driver in Watts. PT = Power dissipated in a driver when the output changes states ("shoot-through current") in Watts. NOTE: The "shoot-through" current from a dual transition (once up, once down) for both drivers is shown by the "Typical Characteristic Curve": Crossover Area vs. Supply Voltage and is in ampere-seconds. This figure must be multiplied by the number of repetitions per second (frequency) to find Watts. RO = Output resistance of a driver in Ohms. VS = Power supply voltage to the IC in Volts.
M9999-081105
8
August 2005
MIC4120/4129
Micrel, Inc.
+18 V
WIMA MK22 1 F
5.0V
1
2
0V
0.1 F
8
MIC4129
6, 7
TEK CURREN T P ROBE 6 3 0 2
18 V
5 4
0.1F
0V
10,000 pF POLYCARBONATE
Figure 4. Peak Output Current Test Circuit
August 2005
9
M9999-081105
MIC4120/4129
Micrel, Inc.
Package Information
8-Pin 3x3 MLF (ML)
8-Pin Exposed Pad SOIC (ME)
MICREL INC.
TEL + 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com
2180 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
This information furnished by Micrel in this data sheet is believed to be accurate and reliable. However no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2004 Micrel Incorporated M9999-081105
10
August 2005


▲Up To Search▲   

 
Price & Availability of MIC4120YME

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X