Part Number Hot Search : 
114EKA AN101 LTC1471 CFPA10MD T1501 HTV546 MA6160 IL79L12
Product Description
Full Text Search
 

To Download MBRD660CTPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-21097 rev. B 08/06
MBRD650CTPbF MBRD660CTPBF
SCHOTTKY RECTIFIER 6 Amp
IF(AV) = 6.0Amp VR = 50-60V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 3 Apk, TJ = 125C (per leg) range
Description/ Features Units
A V A V The MBRD650CTPbF, MBRD660CTPBF surface mount, center tap, Schottky rectifier series has been designed for applications requiring low forward drop and small foot prints on PC board. Typical applications are in disk drives, switching power supplies, converters, free-wheeling diodes, battery charging, and reverse battery protection. Popular D-PAK outline Center tap configuration Small foot print, surface mountable Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability Lead-Free ("PbF" suffix)
Values
6 50 - 60 490 0.65
- 40 to 150
C
Case Styles
Base Common Cathode
4
2 Common 1 Cathode
3
Anode
Anode
D-PAK (TO-252AA)
www.irf.com
1
MBRD650CTPbF, MBRD660CTPBF
Bulletin PD-21097 rev. B 08/06
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
MBRD650CTPbF
50
MBRD660CTPBF
60
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward(Per Leg) Current * See Fig. 5 IFSM EAS IAR (Per Device) Max. Peak One Cycle Non-Repetitive Surge Current * See Fig. 7 Non-Repet. Aval. Energy (Per Leg) Repetitive Avalanche Current (Per Leg)
Value
3.0 6 490 75 6 0.6
Units
A
Conditions
50% duty cycle @ TC = 128C, rectangular wave form 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse Following any rated load condition and with rated VRRM applied
A mJ A
TJ = 25 C, IAS = 1 Amp, L = 12 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
Value
0.7 0.9 0.65 0.85 0.1 15 145 5.0 10000
Units
V V V V mA mA pF nH V/s @ @ @ @ 3A 6A 3A 6A
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1) Typ. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
TJ = 25 C TJ = 125 C
VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body (Rated VR)
(1) Pulse Width < 300s, Duty Cycle <2%
dv/dt Max. Voltage Rate of Change
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Storage Temperature Range Junction to Case to Ambient wt Approximate Weight Case Style Device Marking
(*) dPtot dTj < 1 Rth( j-a)
Value
-40 to 150 6 3 80
Units
C C
Conditions
Max. Junction Temperature Range (*) -40 to 150
RthJC Max. Thermal Resistance (Per Leg) (Per Device) RthJA Max. Thermal Resistance Junction
C/W DC operation C/W
* See Fig. 4
0.3 (0.01) g (oz.) D-Pak MBRD660CT Similar to TO-252AA
thermal runaway condition for a diode on its own heatsink
2
www.irf.com
MBRD650CTPbF, MBRD660CTPBF
Bulletin PD-21097 rev. B 08/06
10
100
Tj = 150C
Reverse Current (mA)
10 1
125C 100C 75C
0.1 0.01 0.001
50C 25C
Instantaneous Forward Current - I
F
(A)
Tj = 150C Tj = 125C
0
10
20
30
40
50
60
1
Tj = 100C Tj = 25C
Junction Capacitance C T (pF)
Reverse Voltage - VR (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
1000
Tj = 25C
100
0.1 0.2
10
0.4 0.6 0.8 1 1.2 1.4 1.6
0
10
20
30
40
50
60
Forward Voltage Drop - V FM (V) Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
Thermal Impedance - Z thJC (C/W)
Reverse Voltage - V R (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
10
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
P
DM t 1 t2
1
Single Pulse (Thermal Resistance)
Notes: 1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x Z thJC + Tc
0.1 0.00001
0.0001
0.001
0.01
0.1
1
t1, Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
MBRD650CTPbF, MBRD660CTPBF
Bulletin PD-21097 rev. B 08/06
160
Allowable Case Temperature (C) Average Power Loss (Watts)
3 2.5
DC
150
DC
140 130 120 Square wave (D = 0.50)
80% Rated Vr applied
2
RMS Limit
1.5 1 0.5 0
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75
110
see note (2)
100 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5
Average Forward Current - I
F(AV)
0
1
2
3
4
F(AV)
5
(A)
(A)
Average Forward Current - I
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Non-Repetitive Surge Current - I (A)
FSM
1000
100
At Any Rated Load Condition And With rated Vrrm Applied Following Surge
10 10
100
1000
p
10000
(microsec)
Square Wave Pulse Duration - t
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
MBRD650CTPbF, MBRD660CTPBF
Bulletin PD-21097 rev. B 08/06
Outline Table
Modified JEDEC outline TO-252AA Dimensions in millimeters and (inches)
Part Marking Information
THIS IS A MBRD660CT INTERNATIONAL RECTIFIER LOT CODE 8024 LOGO ASSEMBLED ON WW 02, 2000 ASSEMBLY LOT CODE
PART NUMBER
MBRD660CT
DATE CODE P = LEAD-FREE YEAR 0 = 2000 WEEK 02 X = SITE ID
www.irf.com
5
MBRD650CTPbF, MBRD660CTPBF
Bulletin PD-21097 rev. B 08/06
Tape & Reel Information
4.1 (0.16) 3.9 (0.15) TR 2.1 (0.83) 1.9 (0.07) 1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29) 12.1 (0.48) 11.9 (0.47) 2.6 (0.10) DIA. 1.5 (0.06) 0.35 (0.01) 0.25 (0.01) 16.3 (0.64) 15.7 (0.62)
7.0 (0.28) 6.8 (0.26) 2.75 (0.11) 2.55 (0.10)
FEED DIRECTION
4.1 (0.16) 3.9 (0.15) TRR 2.1 (0.83) 1.9 (0.07)
1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29)
0.35 (0.01) 0.25 (0.01)
10.6 (0.42) 10.4 (0.41) 2.75 (0.11) 2.55 (0.10)
16.3 (0.64) 15.7 (0.62)
FEED DIRECTION
8.1 (0.32) 7.9 (0.31)
2.6 (0.10) DIA. 1.5 (0.06) 1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29)
4.1 (0.16) 3.9 (0.15) TRL 2.1 (0.83) 1.9 (0.07)
0.35 (0.01) 0.25 (0.01) 16.3 (0.64) 15.7 (0.62)
10.6 (0.42) 10.4 (0.41) 2.75 (0.11) 2.55 (0.10)
FEED DIRECTION
8.1 (0.32) 7.9 (0.31)
2.6 (0.10) DIA. 1.5 (0.06)
13 (0.52) DIA.
22.4 (0.88)
TO-252AA Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples of 2,000 pieces per reel for TR and multiples of 3,000 pieces per reel for both TRL and TRR.
375 (14.17) DIA. MAX.
50 (1.97) DIA.
6
www.irf.com
MBRD650CTPbF, MBRD660CTPBF
Bulletin PD-21097 rev. B 08/06
Ordering Information Table
Device Code
MBR
1
D
2
6
3
60
4
CT
5
TR
6
PbF
7
1 2 3 4 5 6
-
Schottky MBR Series D = TO-252AA (D-Pak) Currrent Rating (6 = 6A) Voltage Ratings CT = Center Tap (Dual) none = Tube (50 pieces) TR = Tape & Reel TRL = Tape & Reel (Left Oriented) TRR = Tape & Reel (Right Oriented) 50 = 50V 60 = 60V
7
-
none = Standard Production PbF = Lead-Free
Data and specifications subject to change without notice. This product has been designed and qualified for AEC Q101 Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 08/06
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of MBRD660CTPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X