|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Lower Range High Voltage Chip Resistors LHVC Series Welwyn Components Superior voltage performance over commercial range chips 0805, 1206 and 2010 sizes Resistance 50Kohms to 10Mohms RoHS compliant Electrical Data LHVC0805 Power rating at 70C Resistance range Limiting element voltage 5s Overload voltage Dielectric withstand voltage TCR Resistance tolerance Standard values Ambient temperature range C watts ohms dc volts dc volts volts ppm/C % 0.125 100K to 10M 300 800 LHVC1206 0.25 100K to 10M 400 1000 500V 200 1, 5 E24 (5% tolerance) & E96 (1% tolerance) -55 to +155 LHVC2010 0.5 50K to 10M 800 3000 Physical Data Dimensions in mm Type LHVC0805 LHVC1206 LHVC2010 L 2.00 0.15 3.10 0.15 5.00 0.10 W 1.25 +0.15/-0.10 1.55 +0.15/-0.10 2.50 +0.15/-0.10 T 0.55 0.10 0.55 0.10 0.55 0.10 D1 0.40 0.20 0.45 0.20 0.60 0.25 D2 0.40 0.20 0.45 0.20 0.50 0.20 Nom wt. (g) 0.005 0.012 0.036 Construction Pd/Ag terminations are applied to the top and bottom of an alumina substrate. A resistive element is printed between the top face conductors, which is then adjusted to value and protected. A wraparound conductor is applied to join the top and bottom sides. The terminations are electroplated with a Ni barrier layer prior to plating with a Sn finish. Solvent Resistance The body protection and marking are resistant to all normal industrial solvents suitable for printed circuits. Flammability The resistor will not burn or emit incandescent particles under any condition of applied temperature or overload. Solderability 95% min coverage (MIL-STD 202F / 208H, 235C 2 secs) General Note Welwyn Components reserves the right to make changes in product specification without notice or liability. All information is subject to Welwyn's own data and is considered accurate at time of going to print. (c) Welwyn Components Limited * Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 * Facsimile: +44 (0) 1670 829465 * Email: info@welwyn-tt.com * Website: www.welwyn-tt.com 02 . 08 Lower Range High Voltage Chip Resistors LHVC series Welwyn Components Mounting Type LHVC0805 LHVC1206 LHVC2010 A 1.0 2.0 4.0 (nominal dimensions in mm) B 0.8 1.0 1.2 C 1.50 1.75 2.75 B R% R% R% R% ohms A C Performance Data Load at rated power (1000hrs cyclic load at 70C) De-rating from rated power at 70C Short term overload (6.25 x rated power for 5s) Temperature rapid change (-55 / +155C, 5 cycles) Damp heat steady state Insulation resistance Maximum 3 See Graph 2 (0805, 2010): 3(1206) 0.5 (1% tolerance chips): 1 (5% tolerance chips) 3 >1000M Proportion of Pr Power de-rating graph 100% 0% -55 70 155 T (C) Packaging The standard packing for LHVC0805 and 1206 parts is on 8mm wide paper tape wound on 178mm diameter reels. LHVC2010 parts are packed in plastic 12mm wide tape on a 178mm reel. Ordering Procedure Example: LHVC0805 at 100k ohms and 1% tolerance on reel of 5000 pieces: LHVC0805 - Type Value (use IEC62 code) F J 100K F T5 Tolerance (use IEC62 code) 1% 5% Packing T5 T4 Tape 0805 / 1206 2010 5,000 / reel 4,000 / reel Standard General Note Welwyn Components reserves the right to make changes in product specification without notice or liability. All information is subject to Welwyn's own data and is considered accurate at time of going to print. (c) Welwyn Components Limited * Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 * Facsimile: +44 (0) 1670 829465 * Email: info@welwyn-tt.com * Website: www.welwyn-tt.com 02 . 08 |
Price & Availability of LHVC2010 |