Part Number Hot Search : 
SP800LEP 24LC04 C1660 TMK316B 3204U FCW100 M32F3 TC75S
Product Description
Full Text Search
 

To Download LBT10703 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
106.8MHz SAW Filter 5MHz Bandwidth
Part Number: LBT10703
www.sipatsaw.com
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss 1 dB Bandwidth 3 dB Bandwidth 35 dB Bandwidth 40 dB Bandwidth 45 dB Bandwidth 50 dB Bandwidth 55 dB Bandwidth Passband Variation Absolute Delay Ultimate Rejection(f015MHz) Material Temperature coefficient Ambient Temperature Package Size
Unit
MHz dB MHz MHz MHz MHz MHz MHz MHz dB usec
Minimum
106.65 5 60
Typical
106.8 29 5.04 5.23 5.86 5.9 5.93 5.96 6 0.7 4.4 68 -1.92 25
Maximum
106.95 30 5.9 6.2 7 15 1 4.5 -
dB
KHz/C C
DIP3512 (35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
INPUT 50 C1
L2
OUTPUT 50 L1
L1=56nH
L2=82nH
C1=47pF Source/Load Impedance=50 ohm
Notes - Component values may change depending on board layout.
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Ver.
LBT10703 2007-3-19 1.0 Page 1/4
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
106.8MHz SAW Filter 5MHz Bandwidth
Part Number: LBT10703
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
35.000.5 12.800.5 4.7 4.5
0.450.05
2.540.2
7.620.2
3 6
2 1
4 5
25.400.2
2.540.2
Input Output Ground
1 5 2,3,4,6
Package: DIP3512
Unit: mm
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Ver.
LBT10703 2007-3-19 1.0 Page 2/4
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
106.8MHz SAW Filter 5MHz Bandwidth
Part Number: LBT10703
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
Type Performance -19.0821 -29.0821 3dB CF = 106.8711MHz -39.0821 35dB = 5.8623MHz -49.0821 Magnitude(dB) -59.0821 -69.0821 -79.0821
-30.0821 -27.0821
Passband Respond
1dB = 5.041MHz 3dB = 5.2278MHz
-27.5821
40dB = 5.9011MHz 45dB = 5.9315MHz 50dB = 5.9623MHz 55dB = 5.9968MHz Insert Loss = -29.0821dB Passband Ripple = 0.73372dB Ultimate Rejection = 55.9818dB Group Delay = 118.0551ns Phase Linearity = 6.8782deg Delay = 4408.3218ns
-28.0821
-28.5821
-29.0821
-29.5821
-89.0821 -99.0821 -109.0821 -119.0821
-30.5821
-31.0821
95
100
105 110 Frequency(MHz)
115
120
-31.5821 98
100
102
104
106
108
110
112
114
Horizontal: 5MHz/Div
Vertical: 10 dB/Div
Horizontal: 2MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f02.5MHz)
Type Performance
Phase Linearity(f02.5MHz)
Type Performance 15
4800
4700
10
4600
5
Group Delay Time(ns) 4500
X: 104.3 Y: 0.8933 X: 109.3 Y: 0.1206
Degree(deg)
4400
X: 104.3 Y: 4320
X: 106.8 Y: 4374
X: 109.3 Y: 4411
0
X: 106.8 Y: -1.14
4300
-5
4200
-10
4100
-15
4000
-20
3900 98 100 102 104 106 108 Frequency(MHz) 110 112 114
98
100
102
104
106 108 Frequency(MHz)
110
112
114
Horizontal: 2MHz/Div
Vertical: 100ns/Div
Horizontal: 2MHz/Div
Vertical: 5deg/Div
Smith Chart S11
+j1.0 +j0.5 +j2.0
Smith Chart S22
+j1.0 +j0.5 +j2.0
+j0.2
+j5.0
+j0.2
+j5.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
0.0
5.0
0.0
-j0.2
-j5.0
-j0.2
-j5.0
-j0.5 -j1.0
-j2.0
-j0.5 -j1.0
-j2.0
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Ver.
LBT10703 2007-3-19 1.0 Page 3/4
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
106.8MHz SAW Filter 5MHz Bandwidth
Part Number: LBT10703
www.sipatsaw.com
SIPAT Co., Ltd.
Maximum Ratings
Operating Temperature Range Storage Temperature Range
DC Voltage Input Power ESD Class C C V dBm
[-40C;+85C] [-40C;+105C]
0 10 max 1
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Ver.
LBT10703 2007-3-19 1.0 Page 4/4
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBT10703

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X