Part Number Hot Search : 
HYB25 TS612IDT 90120 R2A201 BAV102 CH7006C CD214 UDN2596A
Product Description
Full Text Search
 

To Download LBN140A10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
140MHz SAW Filter 12MHz Bandwidth
Part Number: LBN140A10
www. sipatsaw.com
SIPAT Co., Ltd.
Features
For IF SAW filter High attenuation Single-ended operation Dual In-line Package No matching required for operation at 50 RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Center Frequency Insertion Loss 3 dB Bandwidth Passband Variation Absolute Delay f06.2MHz f06.4MHz Ultimate Rejection f06.8MHz f010.8MHz f015MHz Material Temperature coefficient Substrate Material Ambient Temperature Operating Temperature Range Storage Temperature Range DC Voltage Input Power ESD Class Package Size Notes: 1. 2. 3. 4. All specifications are based on the test circuit shown; In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room temperature; Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances; This is the optimum impedance in order to achieve the performance show.
Unit
MHz dB MHz dB usec dB dB dB dB dB KHz/C C C C V dBm -
Minimum
139.85 11.55 35 45 50 55 55
Typical
140 22.7 11.6 1.1 3.63 35 51 51 58 60 -13.16 YZ LN 25
Maximum
140.15 27 1.5 4 -
-40 -45 -
0 1A
+85 +105 10
DIP3512 (35.0x12.8x4.7mm3)
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBN140A10 2008-05-06 1.0 Page 1/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
140MHz SAW Filter 12MHz Bandwidth
Part Number: LBN140A10
www. sipatsaw.com
SIPAT Co., Ltd.
Matching Configuration
Source/Load Impedance=50 ohm
INPUT 50 OUTPUT 50
Notes - Component values may change depending on board layout.
Package Dimension
35.00 0.5 12.80 0.5
SIPAT LBN140A10 XXYYZZ
Pad Configuration: Input Output 1 5
Ground All Others
4.7 4.5
Marking Configuration: 1) SIPAT: Manufacturer Name 2) LBN140A10: Part Number 3) XXYY: Date(Year/month) 4) ZZ: Identified Code
0.45 0.05 2.54 0.2 7.62 0.2
3 6
Package: DIP3512
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
2 1
4 5
25.40 0.2
2.54 0.2
Unit: mm
Part Number Rev. Date Ver.
LBN140A10 2008-05-06 1.0 Page 2/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
140MHz SAW Filter 12MHz Bandwidth
Part Number: LBN140A10
www. sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
Type Performance -12.7135 -22.7135 -32.7135
-22.2135 -21.2135
Passband Respond
-21.7135
-42.7135 Magnitude(dB) -52.7135 -62.7135 -72.7135 -82.7135
-24.2135 -22.7135
-23.2135
-23.7135
-92.7135 -102.7135 -112.7135 115 120 125 130 135 140 145 Frequency(MHz) 150 155 160 165
-24.7135
-25.2135 130
132
134
136
138
140
142
144
146
148
150
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 2MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f05MHz)
Type Performance 3900 40
Phase Linearity(f05MHz)
Type Performance
30 3800 20
3700
X: 135 Y: 3629 X: 140 Y: 3632
10
X: 145 Y: 3613
X: 135 Y: 6.709
X: 145 Y: 6.48
Group Delay Time(ns)
0 Degree(deg)
3600 -10
X: 140 Y: -3.623
3500 -20
3400
-30
-40 3300 -50
3200 130
132
134
136
138
140 Frequency(MHz)
142
144
146
148
150
-60 130
132
134
136
138
140 Frequency(MHz)
142
144
146
148
150
Horizontal: 2MHz/Div
Vertical: 100ns/Div
Horizontal: 2MHz/Div
Vertical: 10deg/Div
Smith Chart S11
+j1.0 +j0.5 +j2.0
Smith Chart S22
+j1.0 +j0.5 +j2.0
+j0.2
+j5.0
+j0.2
+j5.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
0.0
0.0
5.0
-j0.2
-j5.0
-j0.2
-j5.0
-j0.5 -j1.0
-j2.0
-j0.5 -j1.0
-j2.0
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBN140A10 2008-05-06 1.0 Page 3/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBN140A10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X