Part Number Hot Search : 
MC33260P FBI6M5M1 CT52R 1N942B FBI6M5M1 25001 CHCC3DIU HP8481
Product Description
Full Text Search
 

To Download LB140DS31 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
140MHz SAW Filter 2MHz Bandwidth
Part Number: LB140DS31
www. sipatsaw.com
SIPAT Co., Ltd.
Features
For IF SAW filter Single-ended operation Ceramic Surface Mount Package Small size RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Center Frequency Insertion Loss Passband Variation(139.2140.8MHz) Phase Linearity(139.2140.8MHz) Group Delay Variation(139.2140.8MHz) Absolute Delay Ultimate Rejection 10137MHz 143280MHz
Unit
MHz dB dB deg nsec usec dB dB KHz/C C C C V dBm -
Minimum
40 40
Typical
140 15.6 0.2 3 70 1.23 52 49 0.14 Qz 25
Maximum
16 1.2 10 180 -
Material Temperature coefficient Substrate Material Ambient Temperature Operating Temperature Range Storage Temperature Range DC Voltage Input Power ESD Class Package Size Notes: 1. 2.
-40 -45
0
+85 +105
-
1A
10
SMD13.3*6.5C
All specifications are based on the test circuit shown; In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LB140DS31 2008-03-07 1.0 Page 1/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
140MHz SAW Filter 2MHz Bandwidth
Part Number: LB140DS31
www. sipatsaw.com
SIPAT Co., Ltd.
Matching Configuration
L1 L2
L1=120nH L2=(150+18)nH
OUTPUT 50 C1
Notes - Component values may change depending on board layout.
INPUT 50 L3
L1=27nH
C1=56pF
Source/Load Impedance=50 ohm
Package Dimension
+0.2 13.3-0.1
Pad Configuration:
7
+0.2 6.5-0.1
10 11 12
9
8
Input
6 5
11 5
SIPAT LB140DS31 08XX
3 4
Output
Ground All Others
Marking Configuration:
1.56 0.1 0.76 0.4 0.79
1) *: Pad Number 1 Index 2) SIPAT: Manufacturer Name 3) LB140DS31: Part Number 4) 08XX: Date Code
5 6
1
1.5
2
3
4
12 11 10
2.54
9
8
7
Package: SMD13.3*6.5C
Unit: mm
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LB140DS31 2008-03-07 1.0 Page 2/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
140MHz SAW Filter 2MHz Bandwidth
Part Number: LB140DS31
www. sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
Type Performance -5.5814 -15.5814 -25.5814
-15.0814 -14.0814
Passband Respond
-14.5814
-35.5814 Magnitude(dB) -45.5814 -55.5814 -65.5814 -75.5814
-17.0814 -15.5814
-16.0814
-16.5814
-85.5814 -95.5814 -105.5814 130
-17.5814
132
134
136
138 140 142 Frequency(MHz)
144
146
148
150
137.5
138
138.5
139
139.5
140
140.5
141
141.5
142
142.5
Horizontal: 2MHz/Div
Vertical: 10dB/Div
Horizontal: 0.5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f00.8MHz)
Type Performance 1500 10
Phase Linearity(f00.8MHz)
Type Performance
8 1400
6
4 1300 2 Group Delay Time(ns)
X: 139.2 Y: 1227 X: 140.8 Y: 1230 X: 139.2 Y: 0.6625 X: 140.8 Y: 0.008987
Degree(deg)
0
X: 140 Y: -0.2507
1200
X: 140 Y: 1192
-2
-4 1100 -6
1000
-8
-10
900 136
137
138
139
140 Frequency(MHz)
141
142
143
144
-12 136
137
138
139
140 Frequency(MHz)
141
142
143
144
Horizontal: 1MHz/Div
Vertical: 100ns/Div
Horizontal: 1MHz/Div
Vertical: 2deg/Div
Smith Chart S11
+j1.0 +j0.5 +j2.0
Smith Chart S22
+j1.0 +j0.5 +j2.0
+j0.2
+j5.0
+j0.2
+j5.0
0.2
0.5
1.0
2.0
0.0
5.0
0.2
0.5
1.0
2.0
5.0
0.0
-j0.2
-j5.0
-j0.2
-j5.0
-j0.5 -j1.0
-j2.0
-j0.5 -j1.0
-j2.0
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LB140DS31 2008-03-07 1.0 Page 3/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LB140DS31

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X