Part Number Hot Search : 
HIP4086 EPZ3005G MBSC3 VR250 ALF1T12 STTH1R02 APTGT20 24LC02D
Product Description
Full Text Search
 

To Download LANS1205NSMT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
LANS SERIES
* * * * * 16 pin SMD package 2000 Vrms isolation MTBF > 1 million hours short-circuit protection up to 75% efficiency
TO 1.8 WATTS
The LANS series offers the designer a 16-pin SMD package for high speed production at an economical price. The 2000 Vrms isolation is appropriate for medical and safety applications.
MODELS
MODEL NUMBER INPUT VOLTAGE (VDC) OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (MA) EFFICIENCY
LANS505NSMT LANS509NSMT LANS512NSMT LANS515NSMT LANS1205NSMT LANS1209NSMT LANS1212NSMT LANS1215NSMT
5 5 5 5 12 12 12 12
5 9 12 15 5 9 12 15
360 200 150 120 360 200 150 120
70% 75% 75% 75% 70% 75% 75% 75%
PIN CONNECTIONS
SINGLE 1 2 3 7 8 others -Vin N/C +Vin +Vout -Vout N/C
603 778 2300
www.wallindustries.com
2/18/04
1
DATA SHEET
LANS SERIES SPECIFICATIONS TO 1.8 WATTS
All specifications apply at 25C unless otherwise noted.
SPECIFICATION INPUT Input Voltage Range OUTPUT Output Current Voltage Accuracy Line Regulation (10 to 100% F.L.) Load Regulation (10-100% load) Short Circuit Protection Ripple/Noise (20MHz BW) GENERAL Efficiency Isolation Voltage (input to output) Isolation Resistance (input to output) Switching Frequency ENVIRONMENTAL Operating Temperature (ambient) Storage Temperature Cooling PHYSICAL
VALUE 5,12VDC +/-5% see model information table +/-5% +/-1.2% +/-10% short term 100mV p-p see table 2000Vrms 100mohms min@500VDC 100kHz 0C to +70C -40C to +100C natural convection
Dimensions L 1.0 x W 0.385 x H 0.440 inches Case Material black plastic due to advances in technology, specifications subject to change without notice.
603 778 2300
www.wallindustries.com
2/18/04
2
DATA SHEET
LANS SERIES TO 1.8 WATTS
.440 11.10
603 778 2300
www.wallindustries.com
2/18/04
3


▲Up To Search▲   

 
Price & Availability of LANS1205NSMT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X