Part Number Hot Search : 
HT1621 SMDJ6 MAX9376 2010A D9893F ZHX1223 SMDA03C TS01ARE
Product Description
Full Text Search
 

To Download KK74LV241DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
KK74LV241
OCTAL BUFFER/LINE DRIVE; 3-STATE
The KK74LV241 is a low-voltage Si-gate CMOS device and is pin and function compatible with KK74HC/HCT241. The KK74LV241 is an octal non-inverting buffer/line driver with 3-state outputs. The 3-state outputs are controlled by the output enable inputs 1OE and 2OE. * * * * * Outputs Directly Interface to CMOS, NMOS, and TTL Operating Voltage Range: 1.2 to 3.6 V Low Input Current: 1.0 A, 0.1 at = 25 Output Current: 8 mA at VCC = 3.0 V High Noise Immunity Characteristic of CMOS Devices
N SUFFIX PLASTIC DIP
20
1 20 1
DW SUFFIX SO
ORDERING INFORMATION
KK74LV241N Plastic DIP KK74LV241DW SOIC TA = -40 to 125 C for all packages
LOGIC DIAGRAM
1A0 1A1 1A2 1A3
DATA INPUTS
2 4 6 8 11 13
18 16 14 12 9 7 5 3
1Y0 1Y1 1Y2 1Y3 2Y0 2Y1 2Y0 2Y1
NONINVERTING OUTPUTS
PIN ASSIGNMENT
1OE
1A0 2Y3 1A1 2Y2 1A2 2Y1 1A3 2Y0
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14
13 12 11
VCC
2OE
1Y0 2A3 1Y1 2A2 1Y2 2A1 1Y3 2A0
2A0 2A1
2A0 15 2A1 17
GND
OUTPUT ENABLES
1OE
2OE
1 19
FUNCTION TABLE
Input
1OE
PIN 20=VCC PIN 10 = GND
Output
1Yn
L
H
Z
Input
2OE
H
H
L
Output
2Yn
L
H
Z
1A n
L
H
X
2A n
L
H
X
L
L
H
H= high level L = low level X = don't care Z = high impedance
1
KK74LV241
MAXIMUM RATINGS*
Symbol VCC IIK * IO * ICC IGND PD
1 2
Parameter DC supply voltage DC Input diode current DC Output diode current DC Output source or sink current DC VCC current DC GND current Power dissipation per package: * Plastic DIP SO Storage Temperature Lead Temperature, 1.5 mm (Plastic DIP Package), 0.3 mm (SO Package) from Case for 4 Seconds
4
Value -0.5 to +5.0 20 50 35 70 70 750 500 -65 to +150 260
Unit V mA mA mA mA mA mW
IOK *
3
Tstg TL
*
C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. *1 VI < -0.5 V or VI > VCC + 0.5 V. *2 VO < -0.5 V or VO > VCC + 0.5 V. *3 -0.5 V < VO < VCC + 0.5 V. *4 Derating - Plastic DIP: - 12 mW/C from 70 to 125C SO Package: : - 8 mW/C from 70 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO TA tr, tf DC Supply Voltage Input Voltage Output Voltage Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) VCC =1.2 V VCC =2.0 V VCC =3.0 V VCC =3.6 V Parameter Min 1.2 0 0 -40 0 0 0 0 Max 3.6 VCC VCC +125 1000 700 500 400 Unit V V V C ns
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
2
KK74LV241
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Test Symbol VIH Parameter HIGH level input voltage conditions VCC V 1.2 2.0 3.0 3.6 1.2 2.0 3.0 3.6 VI = VIH or VIL IO = -50 1.2 2.0 3.0 3.6 3.0 1.2 2.0 3.0 3.6 3.0 * 1.2 * * 25C min 0.9 1.4 2.1 2.5 1.1 1.92 2.92 3.52 2.48 max 0.3 0.6 0.9 1.1 0.09 0.09 0.09 0.09 0.33 0.1 0.5 Guaranteed Limit -40C to 85C min 0.9 1.4 2.1 2.5 1.0 1.9 2.9 3.5 2.34 max 0.3 0.6 0.9 1.1 0.1 0.1 0.1 0.1 0.4 1.0 5 125C min 0.9 1.4 2.1 2.5 1.0 1.9 2.9 3.5 2.20 max 0.3 0.6 0.9 1.1 0.1 0.1 0.1 0.1 0.5 1.0 10 V Unit
VIL
LOW level input voltage
V
VOH
HIGH level output voltage
V
VI = VIH or VIL IO = -8 m VOL LOW level output voltage VI = VIH or VIL IO = 50
V V
VI = VIH or VIL IO = 8 m II IOZ Input current VI = VCC or 0 V Three state leakage 3-state outputs current VI (01,19) = VIH VO =VCC or 0 V Supply current VI =VCC or 0 V IO = 0
V
ICC
-
8.0
-
80
-
160
* VCC = 3.3 0.3 V
3
KK74LV241
AC ELECTRICAL CHARACTERISTICS (CL=50 pF, tr=tf=6.0 ns)
Test Symbol Parameter conditions VCC V 1.2 2.0 * 1.2 2.0 * 1.2 2.0 * 1.2 2.0 * 3.0 VI = 0 V or VCC 25C 100 24 15 140 30 20 140 32 20 60 16 10 7.0 70 Guaranteed Limit -40C to 85C max 125 30 19 175 35 24 175 40 25 75 20 13 7.0 125C min max 150 36 23 210 41 28 210 48 30 90 24 15 7.0 ns Unit min max min tPHL, tPLH Propagation delay , 1An to VI = 0 V or VCC 1Yn, 2An to 2Yn Figure 1 and 3 tPHZ tPLZ Propagation delay, 1OE to VI = 0 V or VCC 1Yn, 2OE to 2Yn Figure 2 and 4 tPZH tPZL Propagation delay, 1OE to VI = 0 V or VCC 1Yn, 2OE to 2Yn Figure 2 and 4 tTHL, tTLH Output Transition Time, Any Output CI CPD Input capacitance Power dissipation capacitance (per one channel) VI = 0 V or VCC Figure 1 and 3
ns
ns
ns
pF pF
* VCC = 3.3 0.3 V
VCC GND VCC t PLZ
50%
tr 1An or 2An
10% 90% 50%
tf
1OE
50%
VCC GND t PHL
2OE t PZL 1Yn or 2Yn
50%
GND VCC
t PLH 1Yn or 2Yn t TLH
50% 10% 90%
t THL
t PZH 1Yn or 2Yn
50%
)
t PHZ
VOL VOH GND
Figure 1. Switching Waveforms
TEST POINT DEVICE UNDER TEST
Figure 2. Switching Waveforms
TEST POINT 1k CL
*
OUTPUT CL
*
DEVICE UNDER TEST
OUTPUT
Connect to V CC when testing tPLZ and tPZL Connect to GND when testing tPHZ and tPZH
* Includes all probe and jig capacitance Figure 3. Test Circuit
* Includes all probe and jig capacitance Figure 4. Test Circuit
4
KK74LV241
N SUFFIX PLASTIC DIP (MS - 001AD)
A
Dimension, mm
20 11 B 1 10
Symbol A B C
MIN 24.89 6.1
MAX 26.92 7.11 5.33
F
L
D F
0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38
0.56 1.78
C -T- SEATING N G D 0.25 (0.010) M T K
PLANE
G H
H J
M
J K L M N
10 3.81 8.26 0.36
NOTES:
1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 013AC)
A 20 11
Dimension, mm Symbol MIN 12.6 7.4 2.35 0.33 0.4 1.27 9.53 0 0.1 0.23 10 0.25 8 0.3 0.32 10.65 0.75 MAX 13 7.6 2.65 0.51 1.27
H
B
P
A B
1
G
10 C R x 45
C D F
-TD 0.25 (0.010) M T C M K
SEATING PLANE
J
F
M
G H J K M P R
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
5


▲Up To Search▲   

 
Price & Availability of KK74LV241DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X