Part Number Hot Search : 
C3360 FS1610BH 4S1071 GS81032A 63168 1N6108A MSU2031 1N494
Product Description
Full Text Search
 

To Download ITR2040206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Technical Data Sheet OPTO INTERRUPTER ITR
ITR20402 Features
Fast response time High sensitivity Cut-off visible wavelength p=940nm Thin Small package Pb free This product itself will remain within RoHS compliant version
Descriptions
The ITR20402 consists of an infrared emitting Diode and a silicon phototransistor encased in a black Thermo-plastic housing. The advantage of the device is the small package. Phototransistor receives radiation from the IRED only, and avoids the noise from ambient light
Applications
Camera Copier Scanner Non-contact Switching For Direct PC Board
Device Selection Guide
Device No. IR1918C PT1918B Chip Material GaAlAs Silicon
Everlight Electronics Co., Ltd. Device NoCDRX-204-004
http:\\www.everlight.com Prepared date2006/06/05
Rev 1
Page: 1 of 9
Prepared byzhouhong
ITR20402 Package Dimensions
2 1 3 4
1:Anode 2:Cathode 3:Collector 4:Emillter
A-A' SECTION
Notes: 1.All dimensions are in millimeters 2.Tolerances unless dimensions 0.25mm
Absolute Maximum Ratings (Ta=25)
Parameter Power Dissipation at(or below) 25 Free Air Temperature Input Reverse Voltage Forward Current Peak Forward Current (*1) Pulse width 100s, Duty cycle=1% Collector Power Dissipation Output Collector Current Collector-Emitter Voltage Emitter-Collector Voltage Operating Temperature Storage Temperature Lead Soldering Temperature (*2) (1) tw=100 sec. , T=10 msec.
Everlight Electronics Co., Ltd. Device NoCDRX-204-004
Symbol Pd VR IF IFP PC IC B VCEO B VECO Topr Tstg Tsol t=5 Sec
Rev 1
Ratings 75 5 50 1 75 20 30 5 -25~+85 -40~+85 260
Unit mW V mA A mW mA V V
(2)
http:\\www.everlight.com Prepared date2006/06/05
Page: 2 of 9
Prepared byzhouhong
ITR20402 Electro-Optical Characteristics (Ta=25)
Parameter Forward Voltage Input Reverse Current Peak Wavelength Dark Current Output C-E Saturation Voltage Collector Current Leakage Current Rise time Fall time Symbol VF IR P ICEO VCE(sat) IC(ON) Min. ----------0.3 ------Typ.
Max. 1.6 10 --100 0.4 --1 -----
Unit V A nm nA V mA A sec sec
Conditions IF=20mA VR=5V --VCE=10V IC=2mA ,Ee=1mW/cm2 VCE=5V, IF=10mA VCE=5V IF=10mA VCE=2V IC=1mA RL=1K
1.2 --940 1
---
----15 15
Transfer Characteristics
ICEOD
tr tf
Everlight Electronics Co., Ltd. Device NoCDRX-204-004
http:\\www.everlight.com Prepared date2006/06/05
Rev 1
Page: 3 of 9
Prepared byzhouhong
ITR20402 Typical Electrical/Optical/Characteristics Curves for IR
Fig.1 Forward Current vs. Ambient Temperature Fig.2 Spectral Distribution
100 80 60 40 20 0
100 80 60 40 20 0
IF=20mA Ta=25 C
-20
0
25
50
75 85 100
Fig.3
Peak Emission Wavelength vs . Ambient Temperature
Fig.4
Forward Current vs. Forward Voltage
980 960
10
4
10
940 920 900 -25
3
10
2
0
25
50
75
100
1 10 0 1 2 3 4
Everlight Electronics Co., Ltd. Device NoCDRX-204-004
http:\\www.everlight.com Prepared date2006/06/05
Rev 1
Page: 4 of 9
Prepared byzhouhong
ITR20402
. Fig.8 Forward Voltage vs.
Ambient Temperature(C)
Fig.6 Relative Radiant Flux vs. Ambient Temperature(C)
1.3
Relative radiant flux (%)
20 10 5 2 1 0.5 0.2 0.1
IF = const
1.2
IF=20mA
1.1
1
25 50 75 100 120
0
-25
25
50
75 100
Everlight Electronics Co., Ltd. Device NoCDRX-204-004
http:\\www.everlight.com Prepared date2006/06/05
Rev 1
Page: 5 of 9
Prepared byzhouhong
ITR20402 Typical Electrical/Optical/Characteristics Curves for PT
Fig.1Collector Power Dissipation vs. Ambient Temperature Fig.2 Spectral Sensitivity
100 80 60 40 20 0
1.0 Ta=25 C 0.8 0.6 0.4 0.2 0
-25
0
25
50
75 85 100
700
800
900
1000 1100 1300
Fig.3 Relative Collector Current vs. Ambient Temperature
Fig.4 Collector Current vs. Irradiance
160 140 120 100 80 60 40 20 0 0 10 20 30 40 50 60 70
2
20 10 5 2 1 0.5 0.2 0.1 0.1 0.2 0.5 1 C
2
5
2
10 20
Everlight Electronics Co., Ltd. Device NoCDRX-204-004
http:\\www.everlight.com Prepared date2006/06/05
Rev 1
Page: 6 of 9
Prepared byzhouhong
ITR20402 Typical Electro-Optical Characteristics Curves
Fig.5 Collector Dark Current vs. Ambient Temperature Fig.6 Collector Current vs. Collector-Emitter Voltage
10
VCE=10V
14 12 10 8 6 4 2
10 10
10 10 0 25 50 75 100
0 0
1
2
3
4
Everlight Electronics Co., Ltd. Device NoCDRX-204-004
http:\\www.everlight.com Prepared date2006/06/05
Rev 1
Page: 7 of 9
Prepared byzhouhong
ITR20402 Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below. Confidence level90% LTPD10% NO. Item Test Conditions Test Hours/ Sample Cycles Sizes 10secs 22pcs 22pcs IC(on)Lx0.8 L :the initial test 22pcs value 0/1 Failure Judgement Criteria Ac/Re
1 Solder Heat
TEMP.2605
0/1 0/1
2 Temperature Cycle H : 100 L : -40 3 Thermal Shock H :+100 L :-10 4 High Temperature Storage 5 Low Temperature Storage
15mins 300Cycles 5mins 15mins 5mins 300Cycles 10secs 5mins 1000hrs 1000hrs 1000hrs 1000hrs
TEMP.+100 TEMP.-40
22pcs 22pcs 22pcs 22pcs
0/1 0/1 0/1 0/1
6 DC Operating Life IF=20mA 7 High Temperature/ 85 / 85% R.H High Humidity
Everlight Electronics Co., Ltd. Device NoCDRX-204-004
http:\\www.everlight.com Prepared date2006/06/05
Rev 1
Page: 8 of 9
Prepared byzhouhong
ITR20402 Label Form Specification
CPN: Customer's Production Number P/N : Production Number QTY: Packing Quantity CAT: Ranks HUE: Peak Wavelength REF: Reference LOT No: Lot Number
ITR20402
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please don't reproduce or cause anyone to reproduce them without EVERLIGHT's consent.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C
Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http:\\www.everlight.com
Everlight Electronics Co., Ltd. Device NoCDRX-204-004
http:\\www.everlight.com Prepared date2006/06/05
Rev 1
Page: 9 of 9
Prepared byzhouhong


▲Up To Search▲   

 
Price & Availability of ITR2040206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X