|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PD - 95519A SMPS MOSFET Applications l IRFU3709PBF HEXFET(R) Power MOSFET l l High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use High Frequency Buck Converters for Computer Processor Power Lead-Free VDSS 30V RDS(on) max 9.0m ID 90A Benefits l l l Ultra-Low Gate Impedance Very Low RDS(on) at 4.5V VGS Fully Characterized Avalanche Voltage and Current I-Pak IRFU3709 Absolute Maximum Ratings Symbol VDS VGS ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C PD @TC = 100C TJ , TSTG Parameter Drain-Source Voltage Gate-to-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Maximum Power Dissipation Maximum Power Dissipation Linear Derating Factor Junction and Storage Temperature Range Max. 30 20 90 57 360 120 48 0.96 -55 to + 150 Units V V A W W mW/C C Thermal Resistance Parameter RJC RJA Junction-to-Case Junction-to-Ambient Typ. --- --- Max. 1.04 110 Units C/W Notes through are on page 9 www.irf.com 1 12/06/04 IRFU3709PBF Static @ TJ = 25C (unless otherwise specified) Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient V(BR)DSS RDS(on) VGS(th) IDSS IGSS Min. 30 --- --- Static Drain-to-Source On-Resistance --- Gate Threshold Voltage 1.0 --- Drain-to-Source Leakage Current --- Gate-to-Source Forward Leakage --- Gate-to-Source Reverse Leakage --- Typ. --- 0.029 6.9 7.9 --- --- --- --- --- Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 9.0 VGS = 10V, ID = 15A m 10.5 VGS = 4.5V, ID = 12A 3.0 V VDS = VGS, ID = 250A 20 VDS = 24V, VGS = 0V A 100 VDS = 24V, VGS = 0V, TJ = 125C 200 VGS = 16V nA -200 VGS = -16V Dynamic @ TJ = 25C (unless otherwise specified) Symbol gfs Qg Qgs Qgd Qoss td(on) tr td(off) tf Ciss Coss Crss Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Output Gate Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. 53 --- --- --- --- --- --- --- --- --- --- --- Typ. --- 27 6.7 9.7 22 11 171 21 9.2 2672 1064 109 Max. Units Conditions --- S VDS = 15V, ID = 30A 41 ID = 15A --- nC VDS = 15V --- VGS = 4.5V --- VGS = 0V, VDS = 10V --- VDD = 15V --- ID = 30A ns --- RG = 1.8 --- VGS = 4.5V --- VGS = 0V --- pF VDS = 16V --- = 1.0MHz Avalanche Characteristics Symbol EAS IAR Parameter Single Pulse Avalanche Energy Avalanche Current Typ. --- --- Max. 382 30 Units mJ A Diode Characteristics Symbol IS ISM Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Reverse Reverse Reverse Recovery Recovery Recovery Recovery Time Charge Time Charge Min. Typ. Max. Units --- --- --- --- --- --- --- --- --- --- 0.88 0.82 48 46 48 52 90 A 360 1.3 --- 72 69 72 78 V ns nC ns nC VSD trr Qrr trr Qrr Conditions D MOSFET symbol showing the G integral reverse S p-n junction diode. TJ = 25C, IS = 30A, VGS = 0V TJ = 125C, IS = 30A, VGS = 0V TJ = 25C, I F = 30A, VR=15V di/dt = 100A/s TJ = 125C, IF = 30A, VR=15V di/dt = 100A/s 2 www.irf.com IRFU3709PBF 1000 I D , Drain-to-Source Current (A) 100 I D , Drain-to-Source Current (A) VGS 15V 10V 7.0V 5.5V 4.5V 4.0V 3.5V BOTTOM 2.7V TOP 1000 VGS 15V 10V 7.0V 5.5V 4.5V 4.0V 3.5V BOTTOM 2.7V TOP 100 2.7V 2.7V 10 10 1 0.1 20s PULSE WIDTH TJ = 25 C 1 10 100 1 0.1 20s PULSE WIDTH TJ = 150 C 1 10 100 VDS , Drain-to-Source Voltage (V) VDS , Drain-to-Source Voltage (V) Fig 1. Typical Output Characteristics Fig 2. Typical Output Characteristics RDS(on) , Drain-to-Source On Resistance (Normalized) 1000 2.0 I D , Drain-to-Source Current (A) ID = 90A TJ = 25 C 1.5 TJ = 150 C 100 1.0 0.5 10 2.0 V DS= 15V 20s PULSE WIDTH 3.0 4.0 5.0 6.0 7.0 0.0 -60 -40 -20 VGS = 10V 0 20 40 60 80 100 120 140 160 VGS , Gate-to-Source Voltage (V) TJ , Junction Temperature ( C) Fig 3. Typical Transfer Characteristics Fig 4. Normalized On-Resistance Vs. Temperature www.irf.com 3 IRFU3709PBF 4000 VGS , Gate-to-Source Voltage (V) VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd 6 ID = 30A 5 V DS= 24V V DS= 15V V DS= 6V C, Capacitance (pF) 3000 Ciss 2000 4 3 1000 Coss 2 1 0 Crss 1 10 100 0 0 5 10 15 20 25 30 VDS , Drain-to-Source Voltage (V) QG , Total Gate Charge (nC) Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage 1000 10000 ISD , Reverse Drain Current (A) OPERATION IN THIS AREA LIMITED BY RDS(on) ID , Drain Current (A) 100 T = 150 C J 1000 10us 100us 1ms 10 10ms 10 100 TJ = 25 C 1 0.1 0.2 V GS = 0 V 0.8 1.4 2.0 2.6 1 TC = 25 C TJ = 150 C Single Pulse 1 10 100 VSD ,Source-to-Drain Voltage (V) VDS , Drain-to-Source Voltage (V) Fig 7. Typical Source-Drain Diode Forward Voltage Fig 8. Maximum Safe Operating Area 4 www.irf.com IRFU3709PBF 100 LIMITED BY PACKAGE VGS 80 V DS RD ID , Drain Current (A) RG VGS Pulse Width 1 s Duty Factor 0.1 % D.U.T. + -VDD 60 40 Fig 10a. Switching Time Test Circuit 20 VDS 90% 0 25 50 75 100 125 150 TC , Case Temperature ( C) 10% VGS Fig 9. Maximum Drain Current Vs. Case Temperature td(on) tr t d(off) tf Fig 10b. Switching Time Waveforms 10 Thermal Response(Z thJC ) 1 D = 0.50 0.20 0.10 0.1 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t1 / t 2 2. Peak TJ = P DM x Z thJC + TC 0.001 0.01 0.1 1 0.01 0.00001 0.0001 t1 , Rectangular Pulse Duration (sec) Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case www.irf.com 5 IRFU3709PBF EAS , Single Pulse Avalanche Energy (mJ) 1200 15V TOP BOTTOM 1000 VDS L DRIVER ID 13A 19A 30A 800 RG 20V D.U.T IAS tp + V - DD A 600 0.01 Fig 12a. Unclamped Inductive Test Circuit V(BR)DSS tp 400 200 0 25 50 75 100 125 150 Starting TJ , Junction Temperature( C) Fig 12c. Maximum Avalanche Energy Vs. Drain Current I AS Fig 12b. Unclamped Inductive Waveforms Current Regulator Same Type as D.U.T. 50K QG 12V .2F .3F VGS QGS VG QGD VGS 3mA D.U.T. + V - DS IG ID Charge Current Sampling Resistors Fig 13a. Basic Gate Charge Waveform Fig 13b. Gate Charge Test Circuit 6 www.irf.com IRFU3709PBF Peak Diode Recovery dv/dt Test Circuit D.U.T + + Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer - + RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test + VDD Driver Gate Drive P.W. Period D= P.W. Period VGS=10V * D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt VDD Re-Applied Voltage Inductor Curent Body Diode Forward Drop Ripple 5% ISD * VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFET(R) Power MOSFETs www.irf.com 7 IRFU3709PBF I-Pak (TO-251AA) Package Outline Dimensions are shown in millimeters (inches) 8 www.irf.com IRFU3709PBF I-Pak (TO-251AA) Part Marking Information EXAMPLE: THIS IS AN IRFU120 WITH AS S EMBLY LOT CODE 5678 AS SEMBLED ON WW 19, 1999 IN T HE AS S EMBLY LINE "A" Note: "P" in as s embly line pos ition indicates "Lead-Free" INTERNATIONAL RECTIF IER LOGO PART NUMBER IRF U120 919A 56 78 AS SEMBLY LOT CODE DAT E CODE YEAR 9 = 1999 WEEK 19 LINE A OR PART NUMBER IRF U120 56 78 INT ERNATIONAL RECT IF IER LOGO ASS EMBLY LOT CODE DAT E CODE P = DESIGNAT ES LEAD-F REE PRODUCT (OPT IONAL) YEAR 9 = 1999 WEEK 19 A = ASS EMBLY SITE CODE Notes: Repetitive rating; pulse width limited by max. junction temperature. Pulse width 400s; duty cycle 2%. Calculated continuous current based on maximum allowable junction temperature. Package limitation current is 30A. Starting TJ = 25C, L = 0.85mH R G = 25, IAS = 30A. Data and specifications subject to change without notice. This product has been designed and qualified for the industrial market. Qualification Standards can be found on IR's Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.12/04 www.irf.com 9 |
Price & Availability of IRFU3709PBF |