Part Number Hot Search : 
1N3519A P6KE20 DTC143XK P3100SAA SBR5100 CSA1220 ADM212 G527520
Product Description
Full Text Search
 

To Download IRFP4368PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 97322
IRFP4368PBF
Applications l High Efficiency Synchronous Rectification in SMPS l Uninterruptible Power Supply l High Speed Power Switching l Hard Switched and High Frequency Circuits
G
HEXFET(R) Power MOSFET
D
VDSS RDS(on) typ. max. ID (Silicon Limited) ID (Package Limited)
Benefits l Improved Gate, Avalanche and Dynamic dv/dt Ruggedness l Fully Characterized Capacitance and Avalanche SOA l Enhanced body diode dV/dt and dI/dt Capability
S
75V 1.46m 1.85m 350Ac 195A
D
D G
S
TO-247AC
G
D
S
Gate
Drain
Source
Absolute Maximum Ratings
Symbol
ID @ TC = 25C ID @ TC = 100C ID @ TC = 25C IDM PD @TC = 25C VGS dv/dt TJ TSTG
Parameter
Continuous Drain Current, VGS @ 10V (Silicon Limited) Continuous Drain Current, VGS @ 10V (Silicon Limited) Continuous Drain Current, VGS @ 10V (Wire Bond Limited) Pulsed Drain Current d Maximum Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery f Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds (1.6mm from case) Mounting torque, 6-32 or M3 screw
Max.
350c 250c 195 1280 520 3.4 20 13 -55 to + 175 300 10lbxin (1.1Nxm)
Units
A
W W/C V V/ns C
Avalanche Characteristics
EAS (Thermally limited) IAR EAR Single Pulse Avalanche Energy e Avalanche Current d Repetitive Avalanche Energy g 430 See Fig. 14, 15, 22a, 22b mJ A mJ
Thermal Resistance
Symbol
RJC RCS RJA
Parameter
Junction-to-Case k Case-to-Sink, Flat Greased Surface Junction-to-Ambient jk
Typ.
--- 0.24 ---
Max.
0.29 --- 40
Units
C/W
www.irf.com
1
06/02/08
IRFP4368PBF
Static @ TJ = 25C (unless otherwise specified)
Symbol
V(BR)DSS V(BR)DSS/TJ RDS(on) VGS(th) IDSS IGSS
Parameter
Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage
Min. Typ. Max. Units
75 --- --- --- 0.077 --- --- 1.46 1.85 2.0 --- 4.0 --- --- 20 --- --- 250 --- --- 100 --- --- -100
Conditions
V VGS = 0V, ID = 250A V/C Reference to 25C, ID = 5mAd m VGS = 10V, ID = 195A g V VDS = VGS, ID = 250A A VDS = 75V, VGS = 0V VDS = 75V, VGS = 0V, TJ = 125C nA VGS = 20V VGS = -20V
Dynamic @ TJ = 25C (unless otherwise specified)
Symbol
gfs Qg Qgs Qgd Qsync RG(int) td(on) tr td(off) tf Ciss Coss Crss Coss eff. (ER) Coss eff. (TR)
Parameter
Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Total Gate Charge Sync. (Qg - Qgd) Internal Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min. Typ. Max. Units
650 --- --- --- ---
---
Conditions
VDS = 50V, ID = 195A ID = 195A VDS = 38V VGS = 10V g ID = 195A, VDS =0V, VGS = 10V
--- 380 79 105 275 0.80 43
--- 570 --- --- --- --- ---
S nC
---
ns
VDD = 49V ID = 195A RG = 2.7 VGS = 10V g VGS = 0V VDS = 50V = 100kHz VGS = 0V, VDS = 0V to 60V i VGS = 0V, VDS = 0V to 60V h
--- 220 --- --- 170 --- --- 260 --- --- 19230 --- --- 1670 --- --- 770 --- Effective Output Capacitance (Energy Related)i --- 1700 --- --- 1410 --- Effective Output Capacitance (Time Related)h
pF
Diode Characteristics
Symbol
IS ISM VSD trr Qrr IRRM ton
Parameter
Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) di Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current Forward Turn-On Time
Min. Typ. Max. Units
--- --- --- 350c --- 1280 A
Conditions
MOSFET symbol showing the integral reverse
G S D
--- --- 1.3 V --- 130 200 ns --- 140 210 --- 450 680 nC TJ = 125C --- 530 800 --- 9.1 --- A TJ = 25C Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
p-n junction diode. TJ = 25C, IS = 195A, VGS = 0V g TJ = 25C VR = 64V, TJ = 125C IF = 195A di/dt = 100A/s g TJ = 25C
Notes: Calculated continuous current based on maximum allowable junction temperature. Bond wire current limit is 195A. Note that current limitations arising from heating of the device leads may occur with some lead mounting arrangements. Refer to App Notes (AN-1140). Repetitive rating; pulse width limited by max. junction temperature. Limited by TJmax, starting TJ = 25C, L = 0.022mH RG = 25, IAS = 195A, VGS =10V. Part not recommended for use above this value.
ISD 195A, di/dt 1740A/s, VDD V(BR)DSS, TJ 175C. Pulse width 400s; duty cycle 2%. Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
Coss eff. (ER) is a fixed capacitance that gives the same energy as When mounted on 1" square PCB (FR-4 or G-10 Material). For recom
mended footprint and soldering techniques refer to application note #AN-994. Coss while VDS is rising from 0 to 80% VDSS.
R is measured at TJ approximately 90C.
2
www.irf.com
IRFP4368PBF
1000
TOP VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 4.8V 4.5V
1000
TOP VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 4.8V 4.5V
ID, Drain-to-Source Current (A)
BOTTOM
ID, Drain-to-Source Current (A)
BOTTOM
4.5V
100
100
4.5V
60s PULSE WIDTH
Tj = 25C 10 0.1 1 10 100 V DS, Drain-to-Source Voltage (V) 10 0.1 1
60s PULSE WIDTH
Tj = 175C 10 100
V DS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
1000
RDS(on) , Drain-to-Source On Resistance
Fig 2. Typical Output Characteristics
2.5 ID = 195A VGS = 10V 2.0
(Normalized)
ID, Drain-to-Source Current (A)
VDS = 25V 60s PULSE WIDTH
100
1.5
T J = 175C 10
T J = 25C
1.0
1.0 1 2 3 4 5 6 7
0.5 -60 -40 -20 0 20 40 60 80 100120140160180 T J , Junction Temperature (C)
VGS , Gate-to-Source Voltage (V)
Fig 3. Typical Transfer Characteristics
1E+006
VGS = 0V, f = 1 MHZ Ciss = Cgs + Cgd, C ds SHORTED Crss = Cgd Coss = Cds + Cgd
Fig 4. Normalized On-Resistance vs. Temperature
12.0 ID= 195A
VGS , Gate-to-Source Voltage (V)
10.0
100000
C, Capacitance (pF)
VDS= 60V VDS= 38V
8.0
Ciss 10000 Coss Crss
6.0
4.0
1000
2.0
100 1 10 VDS, Drain-to-Source Voltage (V) 100
0.0 0 50 100 150 200 250 300 350 400 Q G , Total Gate Charge (nC)
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage
www.irf.com
3
IRFP4368PBF
1000 10000 OPERATION IN THIS AREA LIMITED BY R DS(on)
100
ID, Drain-to-Source Current (A)
ISD, Reverse Drain Current (A)
T J = 175C
1000 100sec 100 1msec 10msec 10 Tc = 25C Tj = 175C Single Pulse 1 1
10
T J = 25C
1 VGS = 0V 0.1 0.0 0.4 0.8 1.2 1.6 2.0 VSD, Source-to-Drain Voltage (V)
DC 10 100
VDS, Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
350 300
ID, Drain Current (A)
V(BR)DSS , Drain-to-Source Breakdown Voltage (V)
Fig 8. Maximum Safe Operating Area
95 Id = 5.0mA 90
Limited By Package
250 200 150 100 50 0 25 50 75 100 125 150 175 T C , Case Temperature (C)
85
80
75
70 -60 -40 -20 0 20 40 60 80 100120140160180 T J , Temperature ( C )
Fig 9. Maximum Drain Current vs. Case Temperature
6.0
Fig 10. Drain-to-Source Breakdown Voltage
2000
EAS , Single Pulse Avalanche Energy (mJ)
5.0
1500
ID 33A 53A BOTTOM 195A TOP
4.0
Energy (J)
3.0
1000
2.0
500
1.0
0.0 10 20 30 40 50 60 70 80
0 25 50 75 100 125 150 175 Starting T J , Junction Temperature (C)
VDS, Drain-to-Source Voltage (V)
Fig 11. Typical COSS Stored Energy
Fig 12. Maximum Avalanche Energy vs. DrainCurrent
4
www.irf.com
IRFP4368PBF
1
Thermal Response ( Z thJC ) C/W
D = 0.50 0.1 0.20 0.10 0.05 0.01 0.02 0.01
J J 1
R1 R1 2
R2 R2
R3 R3 3
R4 R4 C 4
Ri (C/W)
0.0145 0.0661 0.1257 0.0838
i (sec)
0.000024 0.000148 0.002766 0.017517
1
2
3
4
0.001
SINGLE PULSE ( THERMAL RESPONSE )
Ci= i/Ri Ci i/Ri
Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthjc + Tc 0.0001 0.001 0.01 0.1
0.0001 1E-006
1E-005
t1 , Rectangular Pulse Duration (sec)
Fig 13. Maximum Effective Transient Thermal Impedance, Junction-to-Case
1000
Duty Cycle = Single Pulse
Avalanche Current (A)
100
0.01
Allowed avalanche Current vs avalanche pulsewidth, tav, assuming Tj = 150C and Tstart =25C (Single Pulse)
0.05 0.10 10 Allowed avalanche Current vs avalanche pulsewidth, tav, assuming j = 25C and Tstart = 150C. 1 1.0E-06 1.0E-05 1.0E-04 tav (sec) 1.0E-03 1.0E-02 1.0E-01
Fig 14. Typical Avalanche Current vs.Pulsewidth
500 TOP Single Pulse BOTTOM 1.0% Duty Cycle ID = 195A
EAR , Avalanche Energy (mJ)
400
300
200
100
Notes on Repetitive Avalanche Curves , Figures 14, 15: (For further info, see AN-1005 at www.irf.com) 1. Avalanche failures assumption: Purely a thermal phenomenon and failure occurs at a temperature far in excess of Tjmax. This is validated for every part type. 2. Safe operation in Avalanche is allowed as long asTjmax is not exceeded. 3. Equation below based on circuit and waveforms shown in Figures 16a, 16b. 4. PD (ave) = Average power dissipation per single avalanche pulse. 5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. Iav = Allowable avalanche current. 7. T = Allowable rise in junction temperature, not to exceed Tjmax (assumed as 25C in Figure 14, 15). tav = Average time in avalanche. D = Duty cycle in avalanche = tav *f ZthJC(D, tav) = Transient thermal resistance, see Figures 13)
175
0 25 50 75 100 125 150 Starting T J , Junction Temperature (C)
PD (ave) = 1/2 ( 1.3*BV*Iav) = DT/ ZthJC Iav = 2DT/ [1.3*BV*Zth] EAS (AR) = PD (ave)*tav
Fig 15. Maximum Avalanche Energy vs. Temperature
www.irf.com
5
IRFP4368PBF
4.0
VGS(th) , Gate threshold Voltage (V)
30 IF = 72A V R = 64V TJ = 25C TJ = 125C
3.5 25 3.0
IRR (A)
2.5 2.0 1.5 1.0 0.5 -75 -50 -25 0 25 50 75 100 125 150 175 200 T J , Temperature ( C ) ID = 250A ID = 1.0mA ID = 1.0A
20
15
10
5 0 200 400 600 800 1000 diF /dt (A/s)
Fig 16. Threshold Voltage vs. Temperature
30 IF = 108A V R = 64V TJ = 25C TJ = 125C
Q RR (A)
Fig. 17 - Typical Recovery Current vs. dif/dt
1000 920 840 760 680 600 520 440 IF = 72A V R = 64V TJ = 25C TJ = 125C
25
IRR (A)
20
15
10
360 280
5 0 200 400 600 800 1000 diF /dt (A/s)
200 0 200 400 600 800 1000 diF /dt (A/s)
Fig. 18 - Typical Recovery Current vs. dif/dt
1000 920 840 760
Q RR (A)
Fig. 19 - Typical Stored Charge vs. dif/dt
IF = 108A V R = 64V TJ = 25C TJ = 125C
680 600 520 440 360 280 200 0 200 400 600 800 1000 diF /dt (A/s)
6
Fig. 20 - Typical Stored Charge vs. dif/dt
www.irf.com
IRFP4368PBF
D.U.T
Driver Gate Drive
+
P.W.
Period
D=
P.W. Period VGS=10V
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
-
+
RG
* * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
VDD
VDD
+ -
Re-Applied Voltage
Body Diode
Forward Drop
Inductor Curent Inductor Current
Ripple 5% ISD
* VGS = 5V for Logic Level Devices Fig 20. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET(R) Power MOSFETs
V(BR)DSS
15V
tp
DRIVER
VDS
L
RG
VGS 20V
D.U.T
IAS tp
+ V - DD
A
0.01
I AS
Fig 21a. Unclamped Inductive Test Circuit
LD VDS
Fig 21b. Unclamped Inductive Waveforms
VDS
90%
+
VDD -
D.U.T VGS Pulse Width < 1s Duty Factor < 0.1%
10%
VGS
td(on) tr td(off) tf
Fig 22a. Switching Time Test Circuit
Fig 22b. Switching Time Waveforms
Id Vds Vgs
L VCC
0
DUT 1K
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 23a. Gate Charge Test Circuit
www.irf.com
Fig 23b. Gate Charge Waveform
7
IRFP4368PBF
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)
TO-247AC Part Marking Information
@Y6HQG@) UCDTADTA6IADSAQ@"A XDUCA6TT@H7GA GPUA8P9@A$%$& 6TT@H7G@9APIAXXA"$A! DIAUC@A6TT@H7GAGDI@AACA Ir)AAQAAvAhriyAyvrAvv vqvphrAAGrhqArrA DIU@SI6UDPI6G S@8UDAD@S GPBP 6TT@H7G GPUA8P9@ Q6SUAIVH7@S
,5)3(
A "$C $%AAAAAAAAAAA$&
96U@A8P9@ @6SA A2A! X@@FA"$ GDI@AC
TO-247AC package is not recommended for Surface Mount Application. Note: For the most current drawing please refer to IR website at http://www.irf.com/package/ Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 06/08
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRFP4368PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X