Part Number Hot Search : 
MA3082WA C9827H 1N30N60 NT600 KE200 R1080 RD13JS BOURNS
Product Description
Full Text Search
 

To Download IRF7811AV05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD-94009B IRF7811AV IRF7811AV
N-Channel Application-Specific MOSFETs Ideal for CPU Core DC-DC Converters Low Conduction Losses Low Switching Losses Minimizes Parallel MOSFETs for high current applications * 100% RG Tested Description This new device employs advanced HEXFET Power MOSFET technology to achieve an unprecedented balance of on-resistance and gate charge. The reduced conduction and switching losses make it ideal for high efficiency DC-DC converters that power the latest generation of microprocessors. The IRF7811AV has been optimized for all parameters that are critical in synchronous buck converters including RDS(on), gate charge and Cdv/dt-induced turn-on immunity. The IRF7811AV offers an extremely low combination of Qsw & RDS(on) for reduced losses in both control and synchronous FET applications. The package is designed for vapor phase, infra-red, convection, or wave soldering techniques. Power dissipation of greater than 2W is possible in a typical PCB mount application. * * * * *
S S S G
1
8 7
A A D D D D
2
3
6
4
5
SO-8
Top View
DEVICE CHARACTERISTICS
IRF7811AV 11 m 17 nC 6.7 nC 8.1 nC
RDS(on) QG QSW QOSS
Absolute Maximum Ratings
Parameter
Drain-to-Source Voltage Gate-to-Source Voltage Continuous Output Current (VGS 4.5V) Pulsed Drain Current TA = 25C TL = 90C = 25C
Symbol
VDS VGS ID IDM PD TJ , TSTG IS ISM
IRF7811AV
30 20 10.8 11.8 100 2.5 3.0 -55 to 150 2.5 50
Units
V
A
T Power Dissipation eAAAAAAAAAA T
Junction & Storage Temperature Range Continuous Source Current (Body Diode) Pulsed Source Current
A
L = 90C
W C A
Thermal Resistance
eh Maximum Junction-to-Lead hA
Maximum Junction-to-Ambient
Parameter
Symbol
RJA RJL
Typ
--- ---
Max
50 20
Units
C/W
www.irf.com
1
11/01/05
IRF7811AV
Electrical Characteristics
Parameter Drain-to-Source Breakdown Voltage Static Drain-to-Source On-Resistance Gate Threshold Voltage Drain-to-Source Leakage Current Gate-to-Source Leakage Current Total Gate Charge, Control FET Total Gate Charge, Synch FET Pre-Vth Gate-to-Source Charge Post-Vth Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Switch Charge (Qgs2 + Qgd) Output Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Symbol Min V(BR)DSS 30 RDS(on) VGS(th) IDSS IGSS Qg Qg Qgs1 Qgs2 Qgd QSW QOSS RG td(on) tr td(off) tf Ciss Coss Crss --- 1.0 --- --- --- --- --- --- --- --- --- --- --- 0.5 --- --- --- --- --- --- --- Typ --- 11 --- --- --- --- 17 14 3.4 1.6 5.1 6.7 8.1 --- 8.6 21 43 10 723 46 Max Units Conditions --- V VGS = 0V, ID = 250A 14 3.0 50 20 100 26 21 --- --- --- --- 12 4.4 --- --- --- --- pF --- --- ns VDD = 16V ID = 15A VGS = 5.0V Clamped Inductive Load VGS = 0V VDS = 10V VDS = 16V, VGS = 0 VDS = 16V, ID = 15A m VGS = 4.5V, ID = 15A V A A A nA nC VDS = 30V, VGS = 0V VDS = 24V, VGS = 0V VDS = 24V, VGS = 0V, TJ = 100C VGS = 20V VDS = 24V, ID = 15A, VGS = 5.0V VGS = 5.0V, VDS < 100mV
d
VDS = VGS, ID = 250A
--- 100
1801 ---
Diode Characteristics
Parameter Diode Forward Voltage Reverse Recovery Charge Reverse Recovery Charge (with Parallel Schottsky) Symbol Min VSD --- Qrr Qrr --- --- Typ --- 50 43 Max Units 1.3 --- --- V nC nC Conditions TJ = 25C, IS = 15A ,VGS = 0V
d
f
di/dt = 700A/s VDD = 16V, VGS = 0V, ID = 15A di/dt = 700A/s , (with 10BQ040) VDD = 16V, VGS = 0V, ID = 15A
f
Notes:
Repetitive rating; pulse width limited by max. junction temperature. Pulse width 400 s; duty cycle 2%. When mounted on 1 inch square copper board, t < 10 sec. Typ = measured - Qoss Typical values of RDS(on) measured at VGS = 4.5V, QG, QSW and QOSS measured at VGS =5.0V, IF = 15A. R is measured at TJ approximately 90C
2
www.irf.com
IRF7811AV
RDS(on) , Drain-to-Source On Resistance
2.0
I D = 15A
6
1.5
VGS , Gate-to-Source Voltage (V)
V GS = 4.5V
-60 -40 -20 0 20 40 60 80 100 120 140 160
ID = 15A VDS = 16V
(Normalized)
4
1.0
2
0.5
0.0
0 0 5 10 15 20
T J , Junction Temperature
( C)
Q G, Total Gate Charge (nC)
Figure 1. Normalized On-Resistance vs. Temperature
RDS(on) , Drain-to -Source On Resistance ( )
0.020
Figure 2. Gate-to-Source Voltage vs. Typical Gate Charge
3000 V GS = 0V, f = 1 MHZ Ciss = C gs + C gd , Cds SHORTED Crss = C gd Coss = C ds + C gd
I D = 15A
0.018
2500
C, Capacitance(pF)
0.016
2000
Ciss Coss
0.014
1500
0.012
1000
0.010
500
Crss
0.008 3.0 6.0 9.0 12.0 15.0
0 1 10 100
V GS, Gate -to -Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Figure 3. Typical Rds(on) vs. Gate-to-Source Voltage
100
Figure 4. Typical Capacitance vs. Drain-to-Source Voltage
100
I D , Drain-to-Source Current (A)
T = 150 C J
10
ISD , Reverse Drain Current (A)
T = 150 C J
10
T = 25 C J
T = 25 C J
1
1
0.1
V DS = 15V 20s PULSE WIDTH 2.0 2.5 3.0 3.5 4.0 4.5 5.0
0.1
V GS= 0 V
0.3 0.6 0.9 1.2 1.5
V GS, Gate-to-Source Voltage (V)
V SD ,Source-to-Drain Voltage (V)
Figure 5. Typical Transfer Characteristics
Figure 6. Typical Source-Drain Diode Forward Voltage
www.irf.com
3
IRF7811AV
100
Thermal Response(Z thJA )
D = 0.50 0.20 0.10 0.05 0.02 1 0.01 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJA + TA 0.001 0.01 0.1 1 10 100 1000 PDM t1 t2
10
0.1 0.0001
t1, Rectangular Pulse Duration (sec)
Figure 7. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
50 u
8V
5 uH Schottky -6A VDD 450 125nS Repetition rate:100Hz 50 u
16Vz500mW
Mic4452BM
450
50 Ohms probe
V ds 90%
10% Vgs
t d(on) t f(v) t d(off) t r (v)
Switching Time Waveforms
Figure 8. Clamped Inductive load test diagram and switching waveform
4
www.irf.com
IRF7811AV
SO-8 Package Outline
Dimensions are shown in millimeters (inches)
D A 5 B
DIM A b INCHES MIN .0532 .013 .0075 .189 .1497 MAX .0688 .0098 .020 .0098 .1968 .1574 MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00
A1 .0040
8 6 E 1
7
6
5 H 0.25 [.010] A
c D E e e1 H K L y
2
3
4
.050 BASIC .025 BASIC .2284 .0099 .016 0 .2440 .0196 .050 8
1.27 BASIC 0.635 B ASIC 5.80 0.25 0.40 0 6.20 0.50 1.27 8
6X
e
e1 A C 0.10 [.004] 8X b 0.25 [.010] A1 CAB y
K x 45
8X L 7
8X c
NOT ES : 1. DIMENS IONING & TOLERANCING PER ASME Y14.5M-1994. 2. CONT ROLLING DIMENS ION: MILLIMET ER 3. DIMENS IONS ARE SHOWN IN MILLIMETERS [INCHES]. 4. OUTLINE CONFORMS TO JEDEC OUTLINE MS -012AA. 5 DIMENS ION DOES NOT INCLUDE MOLD PROT RUSIONS . MOLD PROTRUS IONS NOT TO EXCEED 0.15 [.006]. 6 DIMENS ION DOES NOT INCLUDE MOLD PROT RUSIONS . MOLD PROTRUS IONS NOT TO EXCEED 0.25 [.010]. 7 DIMENS ION IS T HE LENGT H OF LEAD FOR SOLDERING TO A S UBST RAT E. 3X 1.27 [.050]
F OOTPRINT 8X 0.72 [.028]
6.46 [.255]
8X 1.78 [.070]
SO-8 Part Marking
EXAMPLE: T HIS IS AN IRF7101 (MOSFET ) DAT E CODE (YWW) P = DES IGNAT ES LEAD-FREE PRODUCT (OPT IONAL) Y = LAS T DIGIT OF T HE YEAR WW = WEEK A = AS S EMBLY S IT E CODE LOT CODE PART NUMBER
INT ERNAT IONAL RECT IFIER LOGO
XXXX F7101
www.irf.com
5
IRF7811AV
SO-8 Tape and Reel
Dimensions are shown in millimeters (inches)
TERMINAL NUMBER 1
12.3 ( .484 ) 11.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
330.00 (12.992) MAX.
14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Data and specifications subject to change without notice. This product has been designed and qualified for the industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.11/05
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF7811AV05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X