Part Number Hot Search : 
CEB05P03 F7631 2950048 CHV37H36 PP2380 CHV37H12 BAV73 CHV37H16
Product Description
Full Text Search
 

To Download IRF740ASPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMPS MOSFET
PD- 95532
IRF740AS/LPbF
Applications Switch Mode Power Supply ( SMPS ) l Uninterruptable Power Supply l High speed power switching l Lead-Free
l
HEXFET(R) Power MOSFET
VDSS
400V
Rds(on) max
0.55
ID
10A
Benefits Low Gate Charge Qg results in Simple Drive Requirement l Improved Gate, Avalanche and dynamic dv/dt Ruggedness l Fully Characterized Capacitance and Avalanche Voltage and Current l Effective Coss specified ( See AN 1001)
l
D 2 Pak
TO-262
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TA = 25C PD @TC = 25C VGS dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
10 6.3 40 3.1 125 1.0 30 5.9 -55 to + 150 300 (1.6mm from case )
Units
A W W/C V V/ns C
Typical SMPS Topologies:
l l
Single transistor Flyback Xfmr. Reset Single Transistor Forward Xfmr. Reset ( Both for US Line Input only )
through are on page 10
Notes
www.irf.com
1
7/20/04
IRF740AS/LPbF
Static @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(on) Static Drain-to-Source On-Resistance VGS(th) Gate Threshold Voltage V(BR)DSS IDSS IGSS Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Min. 400 --- --- 2.0 --- --- --- --- Typ. --- 0.48 --- --- --- --- --- --- Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 0.55 VGS = 10V, ID = 6.0A 4.0 V VDS = VGS, ID = 250A 25 VDS = 400V, VGS = 0V A 250 VDS = 320V, VGS = 0V, TJ = 125C 100 VGS = 30V nA -100 VGS = -30V
Dynamic @ TJ = 25C (unless otherwise specified)
gfs Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Coss Coss Coss eff. Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance Min. 4.9 --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- --- --- --- 10 35 24 22 1030 170 7.7 1490 52 61 Max. Units Conditions --- S VDS = 50V, ID = 6.0A 36 ID = 10A 9.9 nC VDS = 320V 16 VGS = 10V, See Fig. 6 and 13 --- VDD = 200V --- ID = 10A ns --- RG = 10 --- RD = 19.5,See Fig. 10 --- VGS = 0V --- VDS = 25V --- pF = 1.0MHz, See Fig. 5 --- VGS = 0V, VDS = 1.0V, = 1.0MHz --- VGS = 0V, VDS = 320V, = 1.0MHz --- VGS = 0V, VDS = 0V to 320V
Avalanche Characteristics
Parameter
EAS IAR EAR Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy
Typ.
--- --- ---
Max.
630 10 12.5
Units
mJ A mJ
Thermal Resistance
Parameter
RJC RJA Junction-to-Case Junction-to-Ambient ( PCB Mounted, steady-state)* Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Typ.
--- ---
Max.
1.0 40
Units
C/W
Diode Characteristics
Min. Typ. Max. Units IS
ISM
VSD trr Qrr ton
Conditions D MOSFET symbol 10 --- --- showing the A G integral reverse --- --- 40 S p-n junction diode. --- --- 2.0 V TJ = 25C, IS = 10A, VGS = 0V --- 240 360 ns TJ = 25C, IF = 10A --- 1.9 2.9 C di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
2
www.irf.com
IRF740AS/LPbF
100
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
I D , Drain-to-Source Current (A)
10
I D , Drain-to-Source Current (A)
10
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
1
1
0.1
4.5V
4.5V
20s PULSE WIDTH TJ = 25 C
1 10 100
0.01 0.1
0.1 0.1
20s PULSE WIDTH TJ = 150 C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
3.0
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = 10A
I D , Drain-to-Source Current (A)
2.5
10
TJ = 150 C
2.0
1.5
1
1.0
TJ = 25 C
V DS = 50V 20s PULSE WIDTH 5.0 6.0 7.0 8.0 9.0 10.0
0.5
0.1 4.0
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF740AS/LPbF
20
ID = 10A VDS = 320V VDS = 200V VDS = 80V
VGS , Gate-to-Source Voltage (V)
100000
10000
VGS = 0V, f = 1 MHZ Ciss = C + Cgd , C gs ds SHORTED Crss = C gd Coss = C + Cgd ds
16
C, Capacitance(pF)
1000
Ciss Coss
12
100
8
10
Crss
4
1 1 10 100 1000
0
FOR TEST CIRCUIT SEE FIGURE 13
0 10 20 30 40
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
10us
10
ID , Drain Current (A)
TJ = 150 C TJ = 25 C
1
10
100us
1ms
0.1 0.2
V GS = 0 V
0.4 0.6 0.8 1.0 1.2 1.4
1
TC = 25 C TJ = 150 C Single Pulse
10 100
10ms 1000
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF740AS/LPbF
10.0
V DS VGS RG 10V
Pulse Width 1 s Duty Factor 0.1 %
RD
8.0
D.U.T.
+
ID , Drain Current (A)
-VDD
6.0
4.0
Fig 10a. Switching Time Test Circuit
2.0
VDS 90%
0.0
25
50
TC , Case Temperature ( C)
75
100
125
150
Fig 9. Maximum Drain Current Vs. Case Temperature
10% VGS
td(on) tr t d(off) tf
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
1 D = 0.50 0.20 0.1 0.10 0.05 0.02 0.01 PDM SINGLE PULSE (THERMAL RESPONSE) t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1 10
0.01
0.001 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRF740AS/LPbF
EAS , Single Pulse Avalanche Energy (mJ)
15V
1400 1200 1000 800 600 400 200 0
TOP BOTTOM
VDS
L
DRIVER
ID 4.5A 6.3A 10A
RG
20V
D.U.T
IAS tp
+ V - DD
A
0.01
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp
25
50
75
100
125
150
Starting TJ , Junction Temperature ( C)
I AS
Fig 12b. Unclamped Inductive Waveforms
QG
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
10 V
QGS
QGD
580
VG
V DSav , Avalanche Voltage ( V )
560
Charge
Fig 13a. Basic Gate Charge Waveform
Current Regulator Same Type as D.U.T.
540
520
50K 12V .2F .3F
D.U.T. VGS
3mA
+ V - DS
500
480 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0
IAV , Avalanche Current ( A)
IG ID
Current Sampling Resistors
Fig 13b. Gate Charge Test Circuit
Fig 12d. Typical Drain-to-Source Voltage Vs. Avalanche Current
6
www.irf.com
IRF740AS/LPbF
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFETS
www.irf.com
7
IRF740AS/LPbF
D2Pak Package Outline
Dimensions are shown in millimeters (inches)
D2Pak Part Marking Information (Lead-Free)
T H IS IS AN IR F 5 3 0 S W IT H L O T CO D E 8 0 2 4 AS S E M B L E D O N W W 0 2 , 2 0 0 0 IN T H E AS S E M B L Y L IN E "L " N ote: "P " in as s em bly lin e po s i tion in dicates "L ead-F r ee" IN T E R N AT IO N AL R E CT IF IE R L O GO AS S E M B L Y L O T CO D E P AR T N U M B E R F 53 0 S D AT E CO D E Y E AR 0 = 2 0 0 0 W E E K 02 L IN E L
OR
IN T E R N AT IO N AL R E C T IF IE R L OG O AS S E M B L Y L OT CO D E P AR T N U M B E R F 530 S D AT E C O D E P = D E S IGN AT E S L E AD -F R E E P R O D U C T (O P T IO N AL ) Y E AR 0 = 2 0 0 0 WE E K 02 A = AS S E M B L Y S IT E C O D E
8
www.irf.com
IRF740AS/LPbF
TO-262 Package Outline
TO-262 Part Marking Information
E XAMPLE : T HIS IS AN IR L 3103L L OT CODE 1789 AS S E MB L E D ON WW 19, 1997 IN T HE AS S E MB LY LINE "C" Note: "P" in as s embly line pos ition indicates "L ead-F ree" INT ER NAT IONAL RE CT IF IE R LOGO AS S E MB LY L OT CODE PAR T NUMB ER
DAT E CODE YE AR 7 = 1997 WE E K 19 L INE C
OR
INT E R NAT IONAL R E CT IF IE R LOGO AS S E MBL Y L OT CODE PAR T NUMB ER DAT E CODE P = DE S IGNAT E S L EAD-F R E E PR ODUCT (OPT IONAL ) YE AR 7 = 1997 WE E K 19 A = AS S E MB L Y S IT E CODE
www.irf.com
9
IRF740AS/LPbF
D2Pak Tape & Reel Infomation
TRR
1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153)
1.60 (.063) 1.50 (.059)
0.368 (.0145) 0.342 (.0135)
FEED DIRECTION 1.85 (.073)
1.65 (.065)
11.60 (.457) 11.40 (.449)
15.42 (.609) 15.22 (.601)
24.30 (.957) 23.90 (.941)
TRL
10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.049) 16.10 (.634) 15.90 (.626) 4.72 (.136) 4.52 (.178)
FEED DIRECTION
13.50 (.532) 12.80 (.504)
27.40 (1.079) 23.90 (.941)
4
330.00 (14.173) MAX.
60.00 (2.362) MIN.
NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
26.40 (1.039) 24.40 (.961) 3
30.40 (1.197) MAX. 4
Notes:
Repetitive rating; pulse width limited by Starting TJ = 25C, L = 12.6mH
max. junction temperature. ( See fig. 11 )
Pulse width 300s; duty cycle 2%. Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
RG = 25, IAS = 10A. (See Figure 12) TJ 150C
ISD 10A, di/dt 330A/s, VDD V(BR)DSS,
Uses IRF740A data and test conditions
* When mounted on 1" square PCB ( FR-4 or G-10 Material ). For recommended footprint and soldering techniques refer to application note #AN-994.
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.07/04
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF740ASPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X