|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PD- 95982 IRF530SPBF Lead-Free www.irf.com 1 12/21/04 IRF530SPBF 2 www.irf.com IRF530SPBF www.irf.com 3 IRF530SPBF 4 www.irf.com IRF530SPBF www.irf.com 5 IRF530SPBF 6 www.irf.com IRF530SPBF Peak Diode Recovery dv/dt Test Circuit + Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer + + - * dv/dt controlled by RG * ISD controlled by Duty Factor "D" * D.U.T. - Device Under Test + - * Reverse Polarity for P-Channel ** Use P-Channel Driver for P-Channel Measurements Driver Gate Drive P.W. Period D= P.W. Period VGS=10V D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt VDD Re-Applied Voltage Inductor Curent Body Diode Forward Drop Ripple 5% ISD *** VGS = 5.0V for Logic Level and 3V Drive Devices Fig 14 For N Channel HEXFETS www.irf.com 7 IRF530SPBF D2Pak Package Outline Dimensions are shown in millimeters (inches) D2Pak Part Marking Information T HIS IS AN IRF530S WIT H LOT CODE 8024 AS SEMBLED ON WW 02, 2000 IN T HE ASS EMBLY LINE "L" Note: "P" in as s embly line pos ition indicates "Lead-Free" INT ERNAT IONAL RECT IFIER LOGO ASS EMB LY LOT CODE PART NUMBER F530S DAT E CODE YEAR 0 = 2000 WEEK 02 LINE L OR INTERNATIONAL RECTIFIER L OGO AS S EMBLY LOT CODE PART NUMBER F530S DAT E CODE P = DES IGNATES LEAD-FREE PRODUCT (OPTIONAL) YEAR 0 = 2000 WEEK 02 A = AS S EMBLY S IT E CODE 8 www.irf.com IRF530SPBF D2Pak Tape & Reel Information Dimensions are shown in millimeters (inches) TRR 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) 1.60 (.063) 1.50 (.059) 0.368 (.0145) 0.342 (.0135) FEED DIRECTION 1.85 (.073) 1.65 (.065) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 24.30 (.957) 23.90 (.941) TRL 10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.049) 16.10 (.634) 15.90 (.626) 4.72 (.136) 4.52 (.178) FEED DIRECTION 13.50 (.532) 12.80 (.504) 27.40 (1.079) 23.90 (.941) 4 330.00 (14.173) MAX. 60.00 (2.362) MIN. NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE. 30.40 (1.197) MAX. 26.40 (1.039) 24.40 (.961) 3 4 Data and specifications subject to change without notice. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.12/04 www.irf.com 9 |
Price & Availability of IRF530SPBF |