Part Number Hot Search : 
CA010 X9802406 05024 XXXFF 045984 N80C32 BD234 PK1912
Product Description
Full Text Search
 

To Download IR333C-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DEVICE NUMBER : ECN :
DIR-033-007
REV : 1.2 PAGE : 1/8
5mm Infrared LED
MODEL NO : Features :
High radiant intensity Peak wavelength p=940nm View angle 20 High reliability 2.54mm Lead spacing
IR333C-A
Description :
Infrared Emitting Diode (IR333C-A) is a high intensity diode, molded
in a water clear plastic package. The device is spectrally matched with phototransistor, photodiode and infrared receiver module.
Applications :
Free air transmission system Optoelectronic switch Floppy disk drive Infrared applied system Smoke detector
CHIP PART NO. IR MATERIAL GaAlAs LENS COLOR Water clear
DEVICE NUMBER : ECN :
DIR-033-007
REV : 1.2 PAGE : 2/8
5mm Infrared LED
MODEL NO : IR333C-A
Package Dimensions :
Notes :
1.All dimensions are in millimeter. 2.Protruded resin under flange 1.5 mm Max. 3.Lead spacing is measured where the lead emerge from the package. 4.Lens colorWater clear. 5.Above specification may be changed without notice. We will reserve authority on material change for above specification. 6.These specification sheets include materials protected under copyright of corporation . Please don't reproduce or cause anyone to reproduce them without consent. 7.When using this product , please observe the absolute maximum ratings and the instructions for use outlined in these specification sheets. We assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets.
DEVICE NUMBER : ECN :
DIR-033-007
REV : 1.2 PAGE : 3/8
5mm Infrared LED
MODEL NO : IR333C-A
Absolute Maximum Ratings at TA = 25 Parameter Symbol Rating Continuous Forward Current Peak Forward Current Pulse width=100s, Duty cycle=1 Reverse Voltage Operating Temperature Storage Temperature Soldering Temperature Power Dissipation at(or below) 25Free Air Temperature IF IFP VR Topr Tstg Tsol Pd 50 1.0 5 -40 ~ +85 -40 ~ +85 260 100
Unit mA A V
Notice
4mm from mold body less than 5 seconds
Electronic Optical Characteristics : Parameter Symbol Min. Typ. Max. 7.8 ---------------------------20 85 750 940 45 1.2 1.4 2.6 ---20 ---------------1.5 1.85 4.0 10 ----
Unit
Condition IF=20mA IF=100mA,tp=100s, tP/T=0.01 IF=1A,tp=100s, tP/T=0.01 IF=20mA IF=20mA IF=20mA IF=100mA,tp=100s, tP/T=0.01 IF=1A,tp=100s, tP/T=0.01 VR=5V IF=20mA
Radiant Intensity Peak Wavelength Spectral Bandwidth Forward Voltage Reverse Current View Angle
Ee P
mW/sr nm nm
VF IR 2
1/2
V A deg
DEVICE NUMBER : ECN :
DIR-033-007
REV : 1.2 PAGE : 4/8
5mm Infrared LED
MODEL NO : IR333C-A
Typical Electrical/Optical/Characteristics Curves



DEVICE NUMBER : ECN :
DIR-033-007
REV : 1.2 PAGE : 5/8
5mm Infrared LED
MODEL NO : IR333C-A
Typical Electrical/Optical/Characteristics Curves








DEVICE NUMBER : ECN :
DIR-033-007
REV : 1.2 PAGE : 6/8
5mm Infrared LED
MODEL NO : IR333C-A
Reliability Test Item And Condition The reliability of products shall be satisfied with items listed below. Confidence level:90% LTPD:10% NO. Item Test Conditions Test Sample Failure Ac/Re Hours/ Size Judgement Cycles Criteria 1 Solder Heat TEMP : 260 5 5 secs 22 pcs IR 2 0.8 VF 1.2 0/1
H : +85
30 mins
2
Temperature Cycle
5 mins
50 cycles
22 pcs
0/1
L : -55
30 mins
H : +100
5 mins
3
Thermal Shock 10 secs
L : -10 5 mins
50 cycles
22 pcs
U :Upper specification limit L :Lower specification limit
0/1
4 5 6 7
High Temperature TEMP. : +100 Storage Low Temperature TEMP. : -55 Storage DC Operating Life IF=20mA High Temperature / 85 / 85% R.H. High Humidity
1000 hrs 1000 hrs 1000 hrs 1000 hrs
22 pcs 22 pcs 22 pcs 22 pcs
0/1 0/1 0/1 0/1
DEVICE NUMBER : ECN :
DIR-033-007
REV : PAGE :
1.2 7/8
5mm Infrared LED
MODEL NO : IR333C-A
Test Method For Power : Condition : Test Item :

Unit : mW/sr
To Distinguish Intensity:
Condition:IF=20mA Bin Number Min Max M 7.80 12.50 N 11.00 17.60 P 15.00 24.00 Q 21.00 34.00
DEVICE NUMBER : ECN :
DIR-033-007
REV : 1.2 PAGE : 8/8
5mm Infrared LED
MODEL NO : IR333C-A
Packing Specifications










▲Up To Search▲   

 
Price & Availability of IR333C-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X