Part Number Hot Search : 
2N3908 2005G 810SE 2A222 STV223 VSM51221 2A222 RAL2505
Product Description
Full Text Search
 

To Download HUR1540 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HUR1520, HUR1530, HUR1540
High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
Dimensions TO-220AC A C(TAB) A C C
Dim. A B C D E F G H J K L M N Q
A=Anode, C=Cathode, TAB=Cathode VRSM V 200 300 400 VRRM V 200 300 400
HUR1520 HUR1530 HUR1540
Inches Min. Max. 0.500 0.580 0.560 0.650 0.380 0.420 0.139 0.161 2.300 0.420 0.100 0.135 0.045 0.070 0.250 0.025 0.035 0.190 0.210 0.140 0.190 0.015 0.022 0.080 0.115 0.025 0.055
Milimeter Min. Max. 12.70 14.73 14.23 16.51 9.66 10.66 3.54 4.08 5.85 6.85 2.54 3.42 1.15 1.77 6.35 0.64 0.89 4.83 5.33 3.56 4.82 0.38 0.56 2.04 2.49 0.64 1.39
Symbol IFRMS IFAVM IFSM EAS IAR TVJ TVJM Tstg Ptot Md Weight TC=25oC mounting torque typical
Test Conditions TC=135oC; rectangular, d=0.5 TVJ=45oC; tp=10ms (50Hz), sine TVJ=25 C; non-repetitive; IAS=2.5A; L=180uH VA=1.5.VR typ.; f=10kHz; repetitive
o
Maximum Ratings 35 15 140 0.8 0.3 -55...+175 175 -55...+150 95 0.4...0.6 2
Unit A A mJ A
o
C
W Nm g
HUR1520, HUR1530, HUR1540
High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
Symbol TVJ=25oC; VR=VRRM TVJ=150oC; VR=VRRM IF=15A; TVJ=150oC TVJ=25oC
Test Conditions
Characteristic Values typ. max. 100 0.5 1.21 1.68 1.6 0.5
Unit uA mA V K/W ns
IR VF RthJC RthCH trr IRM
IF=1A; -di/dt=100A/us; VR=30V; TVJ=25oC VR=100V; IF=25A; -diF/dt=100A/us; TVJ=100 C
o
30 2.7
A
FEATURES
* International standard package * Planar passivated chips * Very short recovery time * Extremely low switching losses * Low IRM-values * Soft recovery behaviour
APPLICATIONS
* Antiparallel diode for high frequency switching devices * Antisaturation diode * Snubber diode * Free wheeling diode in converters and motor control circuits * Rectifiers in switch mode power supplies (SMPS) * Inductive heating * Uninterruptible power supplies (UPS) * Ultrasonic cleaners and welders
ADVANTAGES
* Avalanche voltage rated for reliable operation * Soft reverse recovery for low EMI/RFI * Low IRM reduces: - Power dissipation within the diode - Turn-on loss in the commutating switch
HUR1520, HUR1530, HUR1540
High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
40 A IF 30 TVJ = 150C TVJ = 100C 20 TVJ = 25C 200 10 100 5 Qr 300 500 TVJ = 100C nC 400 IRM IF = 30A IF = 15A IF = 7.5A 10 15 VR = 150V A 20 TVJ = 100C VR = 150V IF = 30A IF = 15A IF = 7.5A
0 0 1 VF V 2
0 100
0 A/us 1000 -diF/dt 0 200 400 600 A/us 1000 800 -diF/dt
Fig. 1 Forward current IF versus VF
1.4
Fig. 2 Reverse recovery charge Qr versus -diF/dt
80 ns TVJ = 100C VR = 150V
Fig. 3 Peak reverse current IRM versus -diF/dt
14 V VFR 12 tfr VFR TVJ = 100C IF = 15A 0.85 us 0.80 tfr 0.75
1.2 Kf
trr
70 IF = 30A IF = 15A IF = 7.5A
60 1.0 IRM Qr 0.8 40 50
10
8
0.70
6
0.65
0.6 0 40 80 120 C 160 TVJ
30 0 200 400 600 -diF/dt 800 A/us 1000
4 0 200 400
0.60 600 A/us 1000 800 diF/dt
Fig. 4 Dynamic parameters Qr, IRM versus TVJ
10 K/W 1 ZthJC 0.1
Fig. 5 Recovery time trr versus -diF/dt
Fig. 6 Peak forward voltage VFR and tfr versus diF/dt Constants for ZthJC calculation: i 1 2 3 Rthi (K/W) 0.908 0.35 0.342 ti (s) 0.005 0.0003 0.017
0.01
0.001 0.00001
0.0001
0.001
0.01
0.1 t
s
1
Fig. 7 Transient thermal resistance junction to case


▲Up To Search▲   

 
Price & Availability of HUR1540

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X