Part Number Hot Search : 
VUO105 RFU37 40A11 MOC208 MAX5481 LT2178A BAS20 2SC17
Product Description
Full Text Search
 

To Download HSBD140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP
SILICON
TRANSISTOR OO|uIaA BD140
ECI* cxOAE/1/4 IE3/4
HSBD140
O|AEIOO
O/OOAI3/4
IaI 1/4 Oy1/2A A
T stg Tj1/2aIA
1/4IO
Ouae
Ta=25ae(c)
-------AE Tc=25ae(c) TA=25ae(c) cN----------55~150ae 150ae 12.5W 1.25W -80V -80V -5V (Pulse)- (DC)- -3A -1.5A -0.5A 1D*Ea1/4 2D1/4c 3Du 1/4 E C B
IAE-----
PC PC1/4c|AEAE VCBO VCEO1/4c*EaNVEBO*Ea1/4ucNIC1/4cA/ IC1/4cA/ IBu1/4cA/-
1/4 c 1/4|AE
1/4
c1/4
u1/4
IEy*uA
cIEy
1/4cu1/2OOA/ *Ea1/4u1/2OOcA/ OA/cOoOae OA/cOoOae OA/cOoOae 1/4c*EaIN1/2 u1/4*EacN 1/4c*EaION
TC=25ae(c)
*u A E A/ xiO aIO xioO -0.1 -10 (1) (2) (3) 25 25 40 250 -0.5 -1.0 -80 S,Duty Cycle=2% Pulsed V V V |I |I I A A a EO Io 1/4
ICBO IEBO *hFE(1) *hFE(2) *hFE(3) *VCE(sat) *VBE(ON) *VCEO(SUS)
VCB= -30V, IE=0 VEB= -5V, IC=0 VCE= -2V, IC= -5mA VCE= -2V, IC= -0.5A VCE= -2V, IC= -150mA Ic= -500mA, IB= -50mA Ic= -0.5A, VCE= -2V Ic= -30mA,IB=0
*Pulse Test: PW=350|I
hFE(3)*O1/4AEae3/4
Cassification 6 40~100 10 63~160 16 100~250
hFE(3)


▲Up To Search▲   

 
Price & Availability of HSBD140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X