Part Number Hot Search : 
M00000 5KE18 MUR3040 W20NB60 IT4005D ML410PZA MC683 F55215RF
Product Description
Full Text Search
 

To Download HMC647LP6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC647LP6 / 647LP6E
v00.0607
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
Typical Applications
The HMC647LP6(E) is ideal for: * EW Receivers
Features
Low RMS Phase Error: 1.0 Low Insertion Loss: 4 dB High Linearity: +54 dBm Positive Control Logic 360 Coverage, LSB = 5.625 28 Lead QFN Leadless SMT Package: 36mm2
7
PHASE SHIFTERS - SMT
* Weather & Military Radar * Satellite Communications * Beamforming Modules * Phase Cancellation
Functional Diagram
General Description
The HMC647LP6(E) is a 6-bit digital phase shifter which is rated from 2.5 - 3.1 GHz, providing 360 degrees of phase coverage, with a LSB of 5.625 degrees. The HMC647LP6(E) features very low RMS phase error of 1.0 degree and extremely low insertion loss variation of 0.4 dB across all phase states. This high accuracy phase shifter is controlled with positive control logic of 0/+5V. The HMC647LP6(E) is housed in a compact 6x6 mm plastic leadless SMT package and is internally matched to 50 Ohms with no external components.
Electrical Specifications
TA = +25 C, Vss= -5V, Vdd= +5V , Control Voltage= 0/ +5V, 50 Ohm System
Parameter Frequency Range Insertion Loss* Input Return Loss* Output Return Loss* Phase Error* RMS Phase Error Insertion Loss Variation* Input Power for 1 dB Compression Input Third Order Intercept Control Voltage Current Bias Voltage Current *Note: Major States Shown Min. 2.5 4 16 16 5 1.0 0.4 31 54 <250 <12 +6 / -15 Typ. Max. 3.1 6.5 Units GHz dB dB dB deg deg dB dBm dBm A mA
7 - 48
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC647LP6 / 647LP6E
v00.0607
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
Insertion Loss, Major States Only
0 -2 INSERTION LOSS (dB) -4 -6 -8 -10 -12 2 2.4 2.8 FREQUENCY (GHz) 3.2 3.6
Normalized Loss, Major States Only
4 3 NORMALIZED LOSS (dB) 2 1 0
7
PHASE SHIFTERS - SMT
7 - 49
-1 -2 -3 -4 2 2.4 2.8 FREQUENCY (GHz) 3.2 3.6
Input Return Loss, Major States Only
0 -5 RETURN LOSS (dB) -10 -15 -20 -25 -30 2 2.4 2.8 FREQUENCY (GHz) 3.2 3.6
Phase Error, Major States Only
20 15 PHASE ERROR (degrees) 10 5 0 -5 -10 -15 -20 2 2.4 2.8 FREQUENCY (GHz) 3.2 3.6
Output Return Loss, Major States Only
0 -5 RETURN LOSS (dB) -10 -15 -20 -25 -30 2 2.4 2.8 FREQUENCY (GHz) 3.2 3.6
Relative Phase Shift Major States Including All Bits
400 RELATIVE PHASE SHIFT (degrees) 350 300 250 200 150 100 50 0 2 2.4 2.8 FREQUENCY (GHz) 3.2 3.6
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC647LP6 / 647LP6E
v00.0607
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
Relative Phase Shift, RMS, Average, Max, All States
30 RELATIVE PHASE SHIFT (degrees) 25 20 15 10 5 0 -5 -10 2.5
RMS AVERAGE MAX
Input IP3, Major States Only
80 75 70 IP3 (dBm) 3 3.1 65 60 55 50 45 40 2.5
7
PHASE SHIFTERS - SMT
2.6
2.7
2.8
2.9
2.6
2.7
2.8
2.9
3.0
3.1
FREQUENCY (GHz)
FREQUENCY (GHz)
Input IP2, Major States Only
140 130 120 IP2 (dBm) 110 100 90 80 2.5
Input P1dB, Major States Only
40 35 30 25 20 15 10 2.5
2.6
2.7
2.8
2.9
3.0
3.1
P1dB (dBm)
2.6
2.7
2.8
2.9
3
3.1
FREQUENCY (GHz)
FREQUENCY (GHz)
RMS Phase Error vs. Temperature
20 RELATIVE PHASE SHIFT (degrees) 15 10 5 0 -5 -10 2.5
+25C +85C -40C
Insertion Loss vs. Temperature, Major States Only
0
INSERTION LOSS (dB) 2.9 3 3.1
-2
-4
-6
-8
2.6
2.7
2.8
-10 2.5
2.6
2.7
2.8
2.9
3
3.1
FREQUENCY (GHz)
FREQUENCY (GHz)
7 - 50
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC647LP6 / 647LP6E
v00.0607
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
Absolute Maximum Ratings
Input Power (RFIN) Bias Voltage Range (Vdd)
PHASE ERROR (degrees) 5
Phase Error vs. State
10
26 dBm (T= +85 C) -0.2 to +12V +0.2 to -12V 150 C 160 C/W
Bias Voltage Range (Vss) Channel Temperature (Tc)
0
Thermal Resistance (channel to ground paddle) Storage Temperature
7
PHASE SHIFTERS - SMT
7 - 51
-65 to +150 C -40 to +85 C
-5 2.7, 2.8, 2.9, 3.0, 3.1 GHz -10 0 45 90 135 180 225 270 315 360 STATE (degrees)
Operating Temperature
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
Bias Voltage & Current
Vdd 5.0 Vss -5.0 Idd 5.3mA Iss 5.3mA
Control Voltage
State Low (0) High (1) Bias Condition 0 to 0.2 Vdc Vdd 0.2 Vdc @ 35 A Typ.
Truth Table
Control Voltage Input Bit 1 0 1 0 0 0 0 0 1 Bit 2 0 0 1 0 0 0 0 1 Bit 3 0 0 0 1 0 0 0 1 Bit 4 0 0 0 0 1 0 0 1 Bit 5 0 0 0 0 0 1 0 1 Bit 6 0 0 0 0 0 0 1 1 Phase Shift (Degrees) RFIN - RFOUT Reference* 5.625 11.25 22.5 45.0 90.0 180.0 354.375
Any combination of the above states will provide a phase shift approximately equal to the sum of the bits selected. *Reference corresponds to monotonic setting
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC647LP6 / 647LP6E
v00.0607
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
Outline Drawing
7
PHASE SHIFTERS - SMT
NOTES: 1. LEADFRAME MATERIAL: COPPER ALLOY 2. DIMENSIONS ARE IN INCHES [MILLIMETERS]. 3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE. 4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE. 5. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND. 6. CLASSIFIED AS MOISTURE SENSITIVITY LEVEL (MSL) 1.
Package Information
Part Number HMC647LP6 HMC647LP6E Package Body Material Low Stress Injection Molded Plastic RoHS-compliant Low Stress Injection Molded Plastic Lead Finish Sn/Pb Solder 100% matte Sn MSL Rating MSL1 MSL1
[1]
Package Marking [3] H647 XXXX H647 XXXX
[2]
[1] Max peak reflow temperature of 235 C [2] Max peak reflow temperature of 260 C [3] 4-Digit lot number XXXX
7 - 52
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC647LP6 / 647LP6E
v00.0607
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
Pin Descriptions
Pin Number Function Description Interface Schematic
1
Vdd
Voltage supply.
7
PHASE SHIFTERS - SMT
7 - 53
2, 20
GND
These pins and exposed ground paddle must be connected to RF/DC ground.
3
RFIN
This port is DC coupled and matched to 50 Ohms.
4 - 18
N/C
No connection required. These pins may be connected to RF/DC ground without affecting performance.
19
RFOUT
This port is DC coupled and matched to 50 Ohms.
22 - 24, 26 - 28
BIT6, BIT5, BIT4, BIT3, BIT2, BIT1
Control Input. See truth table and control voltage tables.
25
Vss
Voltage supply.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC647LP6 / 647LP6E
v00.0607
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
Evaluation PCB
7
PHASE SHIFTERS - SMT
List of Materials for Evaluation PCB 117720 [1][3]
Item J1 - J2 J3 - J4 C1, C2 U1 PCB [2] Description PCB Mount SMA RF Connector Molex Header 2mm 1000pF, 0402 Pkg. HMC647LP6(E) 6-Bit Digital Phase Shifter 117718 Eval Board
[1] Reference this number when ordering complete evaluation PCB [2] Circuit Board Material: Rogers 4350 [3] Please refer to part's pin description and functional diagram for pin out assignments on evaluation board.
The circuit board used in the final application should use RF circuit design techniques. Signal lines should have 50 ohm impedance while the package ground leads and exposed paddle should be connected directly to the ground plane similar to that shown. A sufficient number of via holes should be used to connect the top and bottom ground planes. The evaluation board should be mounted to an appropriate heat sink. The evaluation circuit board shown is available from Hittite upon request.
7 - 54
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC647LP6 / 647LP6E
v00.0607
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
Notes:
7
PHASE SHIFTERS - SMT
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
7 - 55


▲Up To Search▲   

 
Price & Availability of HMC647LP6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X