![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HIP6211 Dual Low Noise LDO in 3mmx3mm MLFTM Description The HIP6211 is a dual CMOS low dropout linear regulator with ultra-low-noise output, very low dropout voltage and very low ground current. The HIP6211 operates from a 2.5V to 5.5V input voltage range and delivers up to 300mA, with low dropout of 150 mV at 300mA. The other features of HIP6211 include short-circuit protection and thermal-shutdown protection. Its dual channel and low noise feature is ideal for microcontroller and DSP based handheld applications. Other key application areas for HIP6211 also include palmtop computers, PCMCIA cards and WLAN cards. The HIP6211 has a special feature that if both EN pin is enabled simultaneously the output of LDO2 delays 20us from output of LDO1 which helps to minimize inrush startup current. The HIP6211 is available in tiny 10pin 3mm x 3mm MLF (10L-TDLMF) package with fixed output voltage versions. Features * * * * * * * * * * * 300mA+300mA dual channel high accuracy LDO Ultra low output noise: 140VRMS Low ground current: 200A Very low dropout: 150mV @300mA Zero shutdown supply current TTL-logic-controlled independent enable input Thermal and current limit protections Ultra low droop load transient response Ultra fast line transient response Tiny 10pin 3mm x 3mm MLF (10L-TDLMF ) package Fixed options 1.5V, 1.8V, 2.5V, 2.8V, 3.0V and 3.3V Applications * * * * * * * * Dual supply handheld products Cellular and cordless phones Wireless LAN cards Digital camera MP3 / MP4 / CD player Pen drives USB Hubs and USB 2.0 Mini PCI & PCI express cards Typical Application HIP Technologies Inc. Tel: 408-982-9882 Fax:408-982-9594 www.hipsemi.com 1 HIP6211 Dual Low Noise LDO in 3mmx3mm MLFTM Pin Configuration Ordering Information Part Number HIP6211 HIP6211 HIP6211 HIP6211 HIP6211 HIP6211 HIP6211 HIP6211 HIP6211 HIP6211 HIP6211 HIP6211 HIP6211 HIP6211 - 15VZ - 15UZ - 18VZ - 18UZ - 25VZ - 25UZ - 27VZ - 27UZ - 28VZ - 28UZ - 30VZ - 30UZ - 33VZ - 33UZ Output Voltage 1.5 1.5 1.8 1.8 2.5 2.5 2.7 2.7 2.8 2.8 3.0 3.0 3.3 3.3 Marking DBAMW DBBMW DBCMW DBDMW DBEMW DBFMW DBGMW DBHMW DBIMW DBJMW DBKMW DBLMW DBMMW DBNMW Package 10L-TDLMF 10L-TDLMF 10L-TDLMF 10L-TDLMF 10L-TDLMF 10L-TDLMF 10L-TDLMF 10L-TDLMF 10L-TDLMF 10L-TDLMF 10L-TDLMF 10L-TDLMF 10L-TDLMF 10L-TDLMF Note 1: Contact the factory for other output voltages that are not in the above table HIP Technologies Inc. Tel: 408-982-9882 Fax:408-982-9594 www.hipsemi.com 2 HIP6211 Dual Low Noise LDO in 3mmx3mm MLFTM Pin Descriptions Name IN EN1 EN2 BYP GND OUT2 OUT1 Pin No. 1 2 3 4 6 9 10 Type Supply Logic input 1 Logic input 2 Bypass Ground Analog output2 Analog output1 Function Supply voltage. 2.5V ~ 5.5V. Enable/Shutdown. CMOS compatible input. Logic `H' : enable, logic `L' : shutdown. Enable/Shutdown. CMOS compatible input. Logic `H' : enable, logic `L' : shutdown. Reference voltage bypass pin. Connect 0.01uF CBYP 0.1uF to GND to reduce output noise. May be left open. Ground pin Regulator 2 Output. Regulator 1 Output. Block Diagram HIP Technologies Inc. Tel: 408-982-9882 Fax:408-982-9594 www.hipsemi.com 3 HIP6211 Dual Low Noise LDO in 3mmx3mm MLFTM Absolute Maximum Ratings Symbol VIN VEN PD TSTG RJA TJ,MAX TL ESD Parameter DC Supply Voltage at Pin 1 Enable Input Voltage at Pin 2 and Pin 3 Continuous Power Dissipation Storage Temperature Range Thermal Resistance, Junction-To-Air Operating Junction Temperature Lead Temperature (Soldering, 5sec) ESD Capability, HBM model Value -0.3 to +6.0 -0.3 to +6.0 Internally limited -65 to +150 235 -40 to +125 260 2 Unit V V W c c/W c c kV Recommended Operating Conditions Symbol VIN VEN TA Parameter Value +2.5 to 5.5 0 to VIN -40 to +85 Unit V V DC Supply Voltage at Pin 1 Enable Input Voltage at Pin 2 and Pin 3 Operating Ambient Temperature c Electrical Characteristics (VIN=VOUT(nominal)+1V OR 2.5V (WHICHEVER IS GREATER), VEN=VIN, CIN=COUT=1F, IO=1MA, TA=25C, UNLESS OTHERWISE NOTED.) Symbol VIN VOUT VLOAD Vl LINE VDP IO ILIM IQ IG PSRR PSRR Parameter Supply Voltage Output Voltage Accuracy Load Regulation Line Regulation dVOUT/( dVIN*VOUT(NOMINAL) )*100% Dropout Voltage (Note 1) Maximum Output Current Current Limit/Output Current Standby Current Ground pin current Ripple Rejection, IOUT = 10mA, Output voltage noise Thermal Shutdown Temperature Thermal Shutdown Hysteresis Logic Input High Voltage (EN) Logic Input Low Voltage (EN\) Logic Input Current (SHDN\) Test Conditions IO = 1mA ( both regulator ) IO=1mA to 300mA ( both regulator ) VIN =VOUT(NOMINAL) +0.1V (or 2.5V, whichever is greater) to 5.5V, IO=1mA ( both regulator ) ILOAD = 300mA ( both regulator ) ILOAD = 100mA ( both regulator ) Continuous VIN-VOUT =1.3V ( regulator 1 ) VIN-VOUT =1.3V ( regulator 2 ) VEN = 0V ILOAD1 = ILOAD2 =1mA ( both regulator active) f = 100Hz, Cout= 1F, Cbyp=10nF f = 10KHz, Cout= 1F, Cbyp =10nF COUT = 1F, CBYP = 10nF, F = 10Hz to 100K Hz (Vp-p/2/2) Min. 2.5 -1.0 Typ. Max. 5.5 1.0 0.5 0.05 Unit V % % %/V mV mV mARMS mA 150 80 300 350 350 600 600 0.02 200 75 70 140 165 20 220 100 1 300 A A dB dB VRMS C C V V A VIH VIL IEN ( both regulator ) ( both regulator ) ( both regulator ) 1.2 -1 0.4 1 Note 1: The Dropout Voltage is defined as VIN - VOUT, when VOUT is 2% below the value of VOUT measured for VIN=VOUT(nominal)+1V. HIP Technologies Inc. Tel: 408-982-9882 Fax:408-982-9594 www.hipsemi.com 4 HIP6211 Dual Low Noise LDO in 3mmx3mm MLFTM Operation Description The HIP6211 are ultra-low-noise, low-dropout, lowquiescent current linear regulators designed for space-restricted applications. These devices can supply loads up to 300mA. As shown in the Block Diagram, the HIP6211 consists of a highly accurate band gap core, noise bypass circuit, error amplifier, P-channel pass transistor and an internal feedback voltage divider. The 1.0V band gap reference is connected to the error amplifier's inverting input. The error amplifier compares this reference with the feedback voltage and amplifies the difference. If the feedback voltage is lower than the reference voltage, the pass transistor gate is pulled low. This allows more current to pass to the output and increases the output voltage. If the feedback voltage is too high, the pass transistor gate is pulled high, allowing less current to pass to the output. The output voltage is feedback through an internal resistor voltage divider connected to the OUT pin. An external bypass capacitor connected to BYP reduces noise at the output. Additional blocks include a current limiter, over temperature protection, and shutdown logic. Internal P-Channel Pass Transistor The HIP6211 feature a 1 (typ) P-channel MOSFET pass transistor. This provides several advantages over similar designs using a PNP pass transistor, including longer battery life. The P-channel MOSFET requires no base drive, which considerably reduces quiescent current. PNP-based regulators waste considerable current in dropout when the pass transistor saturates. They also use high base-drive current under heavy loads. The HIP6211 does not suffer from these problems and consume only 200A of quiescent current in light load. Current Limit The HIP6211 includes a current limiter. It monitors the output current and controls the pass transistor's gate voltage to limit the output current under 600mA (typ). The output can be shorted to ground for an indefinite amount of time without damaging the part. Enable Input The HIP6211 features an active-high Enable input (EN) pin that allows on/off control of the regulator. The HIP6211 bias current reduces to less than microampere of leakage current when it is shutdown. The Enable input is TTL/CMOS compatible threshold for simple logic interfacing. When EN is `H,' the output voltage startup rising time is 35us typically at 300mA output current. Connect EN pin to IN pin for normal operation Under Voltage Lockout When the input supply goes too low (below 2.0V) the HIP6211 produces an internal UVLO (under voltage lockout) signal that generates a fault signal and shuts down the chip. This mechanism protects the chip from producing false logic due to low input supply. Quick Charging Mode The HIP6211 has a quick charge block to get the reference up very quickly by charging the BYP capacitor with very high current when the chip comes out of shut down. This quick charge block stops charging the BYP capacitor when the reference reaches 95% of its nominal value and then the chip switches out of quick charging mode to normal operating mode. Over Temperature Protection Over temperature protection limits total power dissipation in the HIP6211. When the junction temperature exceeds Tj= +165C, the thermal sensor signals the shutdown logic and turns off the pass transistor. The thermal sensor turns the pass transistor on again after the IC's junction temperature drops by 20C, resulting in a pulsed output during continuous thermal-overload conditions. Thermal-Overload protection is design to protect the HIP6211 in the event of a fault condition. For continual operation, do not exceed the absolute maximum junction temperature rating of Tj = +150C. HIP Technologies Inc. Tel: 408-982-9882 Fax:408-982-9594 www.hipsemi.com 5 HIP6211 Dual Low Noise LDO in 3mmx3mm MLFTM Operating Region and Power Dissipation The HIP6211 maximum power dissipation depends on 1) the thermal resistance of the case and circuit board, 2) the temperature difference between the die junction and ambient, and 3) the rate of airflow. The power dissipation across the device is: P = Iout ( Vin - Vout ) The maximum power dissipation is: Pmax = (Tj - Ta) / (jc + ca) Where (Tj - Ta) is the temperature difference between the HIP6211 die junction and the ambient air; jc is the thermal resistance of the package; and ca is the thermal resistance through the PC board, copper traces, and other materials to the surrounding air. The GND pin of the HIP6211 performs the dual function of providing an electrical connection to ground and channeling heat away. Connect the GND pin to ground using a large pad or ground plane. Noise Reduction For the HIP6211, an external 0.01F bypass capacitor between BYP and GND with innovative noise bypass scheme reduces output noises dramatically, exhibiting 100Vrms of output voltage noise with Cbyp = 0.01F and Cout = 1F. Use a 0.01F bypass capacitor at BYP for lowoutput voltage noise. The leakage current going into the BYP pin should be less than 10nA. Noise, PSRR, and Transient Response The HIP6211 are designed to deliver ultra-low noise and high PSRR, as well as low dropout and low quiescent currents in battery-powered systems. The HIP6211 PSRR is 75dB at 100Hz and 70dB at 10kHz (see the Power-Supply Rejection Ratio vs. Frequency graph in the Typical Characteristic). When operating from sources other than batteries, improved supply-noise rejection and transient response can be achieved by increasing the values of the input and output bypass capacitors, and through passive filtering techniques. The Typical Characteristics show the HIP6211 line and load transient responses. Dropout Voltage A regulator's minimum dropout voltage determines the lowest usable supply voltage. In batterypowered systems, this determines the useful endof-life battery voltage. Because the HIP6211 use a P-channel MOSFET pass transistor, their dropout voltage is a function of drain-to-source on resistance (RDS (on)) multiplied by the load current (see the Typical Characteristics). temperatures below -10C. With X7R or X5R dielectrics, 1F is sufficient at all operating temperatures. A graph of the region of stable Cout ESR vs. load current is shown in the Typical Characteristics. Application Information Capacitor Selection and Regulator Stability Use a 1F capacitor on the HIP6211 input and a 1F capacitor on the output. Large input capacitor values and lower ESRs provide better noise rejection and line-transient response. Reduce output noise and improve load-transient response, stability, and power-supply rejection by using large output capacitors. Note that some ceramic dielectrics exhibit large capacitance and ESR variation with temperature. With dielectrics such as Z5U and Y5V, it may be necessary to use a 1F or larger output capacitor to ensure stability at HIP Technologies Inc. Tel: 408-982-9882 Fax:408-982-9594 www.hipsemi.com 6 HIP6211 Dual Low Noise LDO in 3mmx3mm MLFTM Package Information 10-Pin 3mm X 3mm Mlf Outline Dimension HIP Technologies Inc. Tel: 408-982-9882 Fax:408-982-9594 www.hipsemi.com 7 HIP6211 Dual Low Noise LDO in 3mmx3mm MLFTM Dimension: HIP Technologies Inc. Tel: 408-982-9882 Fax:408-982-9594 www.hipsemi.com 8 HIP6211 Dual Low Noise LDO in 3mmx3mm MLFTM Disclaimers Life Support HIP's products are not designed to be used as components in devices intended to support or sustain human life. Use of HIP's products in components intended for surgical implant into the body, or other applications in which failure of HIP's products could create a situation where personal death or injury may occur, is not authorized without the express written approval of HIP's Chief Executive Officer. HIP will not be held liable for any damages or claims resulting from the use of its products in medical applications. Military HIP's products are not designed for use in military applications. Use of HIP's products in military applications is not authorized without the express written approval of HIP's Chief Executive Officer. HIP will not be held liable for any damages or claims resulting from the use of its products in military applications. Right to make changes HIP reserves the right to change this document and/or this product without notice. Customers are advised to consult their HIP sales representative before ordering. HIP Technologies Inc. Tel: 408-982-9882 Fax:408-982-9594 www.hipsemi.com 9 |
Price & Availability of HIP6211
![]() |