Part Number Hot Search : 
1602C ZXMS600 C1100 MMBZ4709 0430452 MA46H072 1S111 BC140
Product Description
Full Text Search
 

To Download HG4519006-2Z1C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Automotive Subminiature PCB Twin Relay
HG4519
FEATURES Two indepandent relay installed in one package Miniaturized structure, light weight TYPICAL AUTOMOTIVE APPLICATIONS Power antenna Tilt lock wheel Power window Automatic door lock Interval wiper Automatic seat adjustment Slide roof control Immobilizers CONTACT DATA
Form Max. Switching Current Material Max. Switching Voltage Max. Continuous Current Min. Load Service Life Mechanical Electrical Make Break 2 Form C (2Z) 30A 30A AgNi0.15, AgSnOInO See curve, Current dependent 30A 0.1A, 12VDC 107 ops. 105 ops. see Note 3
COIL DATA
Type Coil Voltage Code 006 009 012 024 006 009 012 024 Nominal Voltage (VDC) 6 9 12 24 6 9 12 24 Resistance () 10% 45 100 178 700 64 135 255 1000 Must Operate Voltage max. (VDC) 2.9 4.4 5.8 11.6 3.5 5.2 6.9 13.8 Allowable Voltage (VDC) 12.6 19.0 25.3 51.0 15.0 22.5 30.0 60.0 Must Release Voltage min. (VDC) 0.40 0.60 0.80 1.60 0.50 0.75 1.00 2.00
Standard 0.8W
Sensitive 0.6W
CHARACTERISTICS
Operate Time Release Time Insulation Resistance Dielectric Strength Shock Resistance Vibration Resistance Drop Resistance Power Consumption Ambient Temperature Weight 3 ms. typical 1.3 ms. typical 100 M, at 500 VDC, 50%RH 500 Vrms, 1 min. 30 g, 6ms. 6g / 30g, 10 - 200 Hz 1 M height drop on concrete Standard: 0.8W; Sensitive: 0.6W -40 C to 85 C operating; -40 C to 125 C storage 10 g, approx.
ORDERING DESIGNATION
Example: HG4519 / Model Coil Voltage Code Contact Form 2Z: 2 Form C Version 1: Sealed Contact Material Nil: AgNi10; A: AgNi0.15; C: AgCdO; S: AgSnOInO Coil Sensitivity Nil: Standard 0.8W; L: Sensitive 0.6W 012 2Z 1 A L
HG4519
1/2
HG4519
REFERENCE CURVE
* Not consider temperrature rise caused by contact current.
OVERALL DIMENSIONS, MOUNTING HOLES AND WIRING DIAGRAM (mm)
Overall Dimensions
Mounting Holes (Bottom View)
Wiring Diagrams (Bottom View)
NOTES
1. 2. 3. 4. 5. All parameters, unless otherwise specified, are measured at ambient temperature 23C. Maximum make current refers to inrush current of motor load. Electrical life obtained at motor load of locked rotor at 25A, 13.5VDC with operating frequency of 1 ops/sec. Custom-made services available with operational quantity. Please let us know your special requirements. Specifications subject to change without prior notice.
DB LECTRO INC. 3600 boul. Matte suite I Brossard Qc J4Y-2Z2
TEL: (450)-444-1424 FAX: (450)-444-4714
HG4519
2/2


▲Up To Search▲   

 
Price & Availability of HG4519006-2Z1C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X