Part Number Hot Search : 
3NV04 UNR2221 TCD1252 BAT721S SBL3040C C4001 ES3DB 149AUS
Product Description
Full Text Search
 

To Download GBPC35005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBPC35005 thru GBPC3510
Single Phase Bridge Rectifiers
Dimensions GBPC
GBPC35005 GBPC3501 GBPC3502 GBPC3504 GBPC3506 GBPC3508 GBPC3510
VRRM V 50 100 200 400 600 800 1000
VRMS V 35 70 140 280 420 560 700
VDC V 50 100 200 400 600 800 1000
Symbol I(AV) IFSM VF IR I2t CJ ROJC TJ TSTG
Characteristics Maximum Average Forward Rectified Current @TC=50oC (With Heatsink) Peak Forward Surge Current 8.3ms Single Half-Sine-Wave Superimposed On Rated Load (JEDEC METHOD) Maximum Forward Voltage At 17.5A DC Maximum DC Reverse Current At Rated DC Blocking Voltage I2t Rating For Fusing (t < 8.3 ms), (Note 1) Typical Junction Capacitance Per Element (Note 2) Typical Thermal Resistance (Note 3) Operating Temperature Range Storage Temperature Range @TJ=25oC @TJ=125oC
Maximum Ratings 35.0 400 1.1 5.0 500 660 150 1.2 -55 to +150 -55 to +150
Unit A A V uA A2S pF
o
C/W
o o
C C
NOTES: 1. Measured At Non-repetitive, For Greater Than 1ms And Less Than 8.3ms. 2. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC. 3. Device Mounted On 300mm x 300mm x 1.6mm Cu Plate Heatsink.
FEATURES
* Rating to 1000V PRV * High efficiency * Glass passivated chip junction * Electrically isolated metal case for maximum heat dissipation
MECHANICAL DATA
* Case: Molded plastic with Heatsink internally mounted in the bridge encapsulation * Polarity: As marked on Body * Mounting: Hole for # 10 screw * Weight: 0.63 ounces, 18.0 grams
GBPC35005 thru GBPC3510
Single Phase Bridge Rectifiers


▲Up To Search▲   

 
Price & Availability of GBPC35005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X