Part Number Hot Search : 
BA15T B66243 C9V1T SM7620HY MHW5185B STS2302S ATS03 APW707
Product Description
Full Text Search
 

To Download G24D12-06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW Series G
Output to 12A 280 Vac DC Control
Part Number G24R12-06 G24D12-06 Description 12A, 280 Vac 12A, 280 Vac
Part Number Explanation
G
24
R
12
-06
NOTES 1) Line Voltage (nominal): 24 = 240 Vac 2) Switch Type: R = Random turn-on; D = Zero-cross turn-on 3) Feature: -06 = Faston terminals
MECHANICAL SPECIFICATION
1.0 (25.4) 0.6 (15.24) .25x.032 (6.35x0.8)
FEATURES/BENEFITS * Miniature size package * Power and control connections by Faston terminals * Internal VDR protection * Excellent thermal performance * High immunity to surges DESCRIPTION The Series G relays are designed for medium-power loads. The design incorporates a thyristor output. The Series G relays utilize optical isolation to protect the control from load transients. An internal MOV is also provided to protect against transient voltages. Its compact size makes it ideal for designs where space is limited. APPLICATIONS * Heating control * Motor control * Light dimmers * Industrial and process control * On/Off controls of medium-power AC equipment APPROVALS UL pending. Units Vdc Vdc
Input Current (mA)
32 30 28 26 24 22 20 18 16 14 12 10 8 6 4 2 0 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32
.866 (22)
2.63 (66.8) 1.728 (43.9)
1.496 (38)
O5 2.24 (56.9)
Figure 1 -- G relays; dimensions in inches (mm)
INPUT (CONTROL) SPECIFICATION Min Control Range G24R G24D Input Current Range G24R G24D Must Turn-Off Voltage Input Resistance (Typical) Reverse Voltage Protection 2 3 30.5 30.5 1 1000 32 mAdc mAdc Vdc Ohms V 3 4 32 32 Max
1.0 (25.4)
.49 (12.5)
.315 (8)
CONTROL CHARACTERISTIC
Control Voltage (V)
Figure 2 -- G relays
(c) 2003 TELEDYNE RELAYS (800) 284-7007 * www.teledynerelays.com G1
G\032003\Q1
Series G
OUTPUT (LOAD) SPECIFICATION Min Operating Range (See Note 1) 12 MOV Clamping Voltage @ 1mA Output Current Range .001 Max 320 520 12 Units
12-280 Vac
TYPICAL APPLICATION Vrms V Arms
Line protection
-
Maximum Surge Current Rating (Non-Repetitive) See Figure 4 On-State Voltage Drop 260 0.75(Ie)+0.02(Ie)2 A V
Control 12-30 Vdc
4-
1~
+
3+
2~
Zero-Cross Window (Typical) G24R G24D R D NA 12 0.1 Vac mA
* 1-2 can be changed * SSR must be mounted on a heat sink LOAD
Figure 3 -- G relays
SURGE CURRENT
250 200
Off-State Leakage Current (60Hz) Turn-On Time (60 Hz)
Apeak
FS24R FS24D Turn-Off Time (60 Hz) Off-State dv/dt Maximum di/dt (Non-Repetitive) Operating Frequency Range 0.1 I2t for Match Fusing (<8.3ms) Thermal Resistance Junction to Case
0.1 8.3 8.3 500 50 440 340 5.6
ms ms ms V/s A/s Hz A2S C/W
Non-Repetitive
150 100 50 Repetitive with initial Tj = 70C 0 0.01 0.1 1 10
t(s)
Figure 4 -- G relays output current
THERMAL CHARACTERISTICS
20
Load Current (Arms)
ENVIRONMENTAL SPECIFICATION Min Operating Temperature Storage Temperature Input-Output Isolation Output-Case Isolation Rated Impulse Voltage -40 -40 4000 4000 4000 Max 100 100 Units C C Vrms Vrms Vi
15 10 5 0 0 10 20 30 40 50 60 70 80 90 100 Ambient Temperature (C)
1.2K/W heat sink 2.6K/W heat sink 4K/W heat sink
Figure 5 -- G relays output current
NOTES: 1. Maximum voltage limited by MOV. 2. Electrical specifications at 25C unless otherwise specified. 3. For 800Hz applications, contact factory. 4. For additional/custom options, contact factory. G2 SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE (c) 2003 TELEDYNE RELAYS
G\032003\Q1


▲Up To Search▲   

 
Price & Availability of G24D12-06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X