|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Model: FVXO-LC73 SERIES LVDS 7 x 5mm 3.3V V C X O Features XTREMELY Low Jitter Low Cost XPRESS Delivery Frequency Resolution to six decimal places Absolute Pull Range (APR) of 50ppm -20 to +70C or -40 to +85C operating temperatures Tri-State Enable / Disable Feature Industry Standard Package, Footprint & Pin-Out Fully RoHS compliant Gold over Nickel Termination Finish Serial ID with Comprehensive Traceability VC V DD Enable / Disable Freq: 0.75 MHz to 1.35GHz Rev. 12/12/2007 Applications * * * * * * * * * ANY application requiring an oscillator SONET Ethernet Storage Area Network Broadband Access Microprocessors / DSP / FPGA Industrial Controllers Test and Measurement Equipment Fiber Channel Frequency Control Circuit X PRESSO ASICs GND FOX OUTPUT For more information -- Click on the drawing Contents page Description The Fox XPRESSO Crystal Oscillator is a breakthrough in configurable Frequency Control Solutions. XPRESSO utilizes a family of proprietary ASICs, designed and developed by Fox, with a key focus on noise reduction technologies. The 3rd order Delta Sigma Modulator reduces noise to the levels that are comparable to traditional Bulk Quartz and SAW oscillators. The ASICs family has ability to select the output type, input voltages, and temperature performance features. With the XPRESS lead-time, low cost, low noise, wide frequency range, excellent ambient performance, XpressO is an excellent choice over the conventional technologies. Finished XPRESSO parts are 100% final tested. Model Selection & Part Number Guide 2 Electrical Characteristic 3 Absolute Maximums 3 Output Wave Characteristics 4 Phase Noise 5 Jitter 5 Pin Assignment 6 Recommended Circuit 6 Reflow 6 Mechanical Drawing and Pad Layout 7 Tape and Reel Specification 8 Label 8 Traceability - LOT Number & Serial Identification 9 RoHS Material Declaration 10 SGS Report 11 & 12 Mechanical Test 13 Burn-In Test 13 MTTF / FITS calculations 14 15 Other XPRESSO Links Fox Contact Information 15 Page 1 of 15 FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 Taiwan Tel: +886.2.22073427 Fax +886.2.22073486 | Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221 (c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified FVXO-LC73 Series Model Selection Guide & Fox Part Number STEP #1: Customer selects the Model Description and provides to Fox Customer Service Model Description FVXO - L C 7 3 B R - 1244.16 Frequency (in MHz) Resolutions to 6 places past the decimal point H = HCMOS C = Ceramic Q = Quartz L = LVDS P = LVPECL X = HCMOS (comp 2nd Output) 5 = 5 x 3.2mm 7 = 7 x 5mm 3 = 3.3 V 2 = 2.5 V R = -40C to +85C B = 50-ppm Absolute Pull Range blank = -20C to +70C STEP #2: The Fox Customer Service team provides a customer specific Part Number for use on their Bill Of Materials (BOM). Fox Part Number The 1st Field Product Code # 793 = FVXO-HC5 792 = FVXO-HC7 797 = FVXO-LC5 794 = FVXO-LC7 795 = FVXO-PC5 796 = FVXO-PC7 (The assigned Fox Part Number must be on the BOM - not the above Model Description) (This will ensure receipt of the proper part) 7 9 4 - 1244.16 - 1 The 3rd Field Fox Internally Generated Number nd The 2 Field The Customer's Frequency (If any specification changes, the last digits change) (The same specs for a different customer also changes the last digits) This example, FVXO-LC73BR-1244.16 = Voltage Controlled, LVDS Output, Ceramic, 7 x 5mm Package, 3.3V, 50 PPM Absolute Pull Range, -40 to +85C Temperature Range, at 1244.16 MHz Absolute Maximum Ratings (Useful life may be impaired. Parameters Input Voltage Operating Temperature Storage Temperature Junction Temperature ESD Sensitivity For user guidelines only, not tested) Symbol VDD TAMAX TSTG HBM Condition Maximum Value (unless otherwise noted) Human Body Model -0.5V to +5.0V -55C to +105C -55C to +125C 150C 1 kV Page 2 of 15 (c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified FVXO-LC73 Series Electrical Characteristics Parameters Frequency Range Absolute Pull Range Note 1 Temperature Range Supply Voltage Input Current (@ 100 Ohm LOAD) Output Load Start-Up Time Output Enable / Disable Time Moisture Sensitivity Level Termination Finish TSTG VDD IDD TS MSL JEDEC J-STD-20 Symbol FO APR TO Condition Maximum Value (unless otherwise noted) Standard operating Optional operating Storage Standard Standard Load Standard 0.750 MHz to 1.35 GHz 50 ppm MIN -20C to +70C -40C to +85C -55C to +125C 3.3 V 5% 100 mA 100 Ohms Typ. 10 mS 100 nS 1 Au Note 1 - Stability is inclusive of 25C tolerance, operating temperature range, input voltage change, load change, aging, shock and vibration. Frequency Control (VC) Input -Parameters Control Voltage Tuning Slope 2 Control Voltage Linearity Control Voltage Tuning Range Modulation Bandwidth Nominal Control Voltage 1 pin # 1 Symbol LVC VC BW VCNOM Condition 0V to VDD Maximum Value (unless otherwise noted) @ f0 40 ~ 75 ppm/V Typ 10% 0V ~ 3.3V 10 kHz Min 1.65V 2 NOTES: 2 3 Actual slope is affected by frequency and accuracy settings. For an example of linearity, see the graph below. (The middle line represents the default Fox factory setting) FVXO Oscillator Pull @ 25C -- (range of typical responses) Range of possible Tuning Slopes - depending on frequency and stability 150.0 100.0 Pull From Vc=1.65V (PPM) 50.0 0.0 -50.0 -100.0 -150.0 0.00 0.30 0.60 0.90 1.20 1.50 1.80 2.10 2.40 2.70 3.00 3.30 Vc = Voltage Applied to Pin # 1 Page 3 of 15 (c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified FVXO-LC73 Series Output Wave Characteristics Parameters Differential Output Voltage Output Offset Voltage Output Symmetry (See Drawing Below) Output Enable (PIN # 2) Voltage Output Disable (PIN # 2) Voltage Cycle Rise Time (See Drawing Below) Cycle Fall Time (See Drawing Below) Symbol VOD VOS VIH VIL TR TF Condition 0.75 MHz to 1.35 GHz @ 50% VP-P Level Maximum Value (unless otherwise noted) 0.75 MHz to 1.35 GHz 0.75 MHz to 1.35 GHz 0.6V Typ. 1.3V Typ. 45% ~ 55% > 70% VDD < 30% VDD 400 pS (20%~80%) 400 pS (80%~20%) Rise Time / Fall Time Measurements TR OUTPUT 2 TF 20% to 80% 50% V P-P 1.30V Typ. 0.6VP-P Typ. OUTPUT 1 Oscillator Symmetry Ideally, Symmetry should be 50/50 for 1/2 period -- Other expressions are 45/55 or 55/45 OUTPUT 2 50% V P-P OUTPUT 1 1/2 Period Period Page 4 of 15 (c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified FVXO-LC73 Series Phase Noise 0 dBc -10dBc -20dBc -30dBc -40dBc -50dBc 212.5 MHz 622.08 MHz Phase Noise Graph (dBc / Hz) vs. offset frequency FOUR frequencies matching the below jitter measurements -60dBc -70dBc -80dBc 62.5 MHz Data Collected using HP 3048A -90dBc -100dBc -110dBc -120dBc -130dBc 62.5 MHz 156.25MHz -140dBc -150dBc -160dBc 622.08 MHz 156.25MHz 212.5 MHz 10 100 1k 10k 100k 1M 10M 40M Offset Frequency (10Hz to 40MHz) Jitter is frequency dependent. Below are typical values at select frequencies. LVDS Phase Jitter & Time Interval Error (TIE) Frequency 62.5 MHz 156.25 MHz 212.5 MHz 622.08MHz Phase Jitter (12kHz to 20MHz) TIE (Sigma of Jitter Distribution) Units pS RMS pS RMS pS RMS pS RMS 0.77 1.19 0.89 0.99 3.0 3.6 3.9 3.2 Phase Jitter is integrated from HP3048 Phase Noise Measurement System; measured directly into 50 ohm input; VDD = 3.3V. TIE was measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software; VDD = 3.3V. Per MJSQ spec (Methodologies for Jitter and Signal Quality specifications) LVDS Random & Deterministic Jitter Composition Frequency 62.5 MHz 156.25 MHz 212.5 MHz 622.08 MHz Random (Rj) (pS RMS) Deterministic (Dj) (pS P-P) Total Jitter (Tj) (14 x Rj) + Dj 24.9 pS 23.6 pS 18.7 pS 20.7 pS 1.3 1.3 0.9 1.1 7.0 5.8 6.7 5.3 Rj and Dj, measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software. Per MJSQ spec (Methodologies for Jitter and Signal Quality specifications) Page 5 of 15 (c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified FVXO-LC73 Series Pin Description and Recommended Circuit Pin # 1 2 3 4 5 6 Name VC E/D GND Output Output 2 VDD 1 2 Type 1 Function Frequency Control by changing voltage Enable / Disable Control of Output (0 = Disabled) Electrical Ground for VDD LVDS Oscillator Output Complimentary LVDS Output Power Supply Source Voltage 2 Control Logic Ground Output Output Power NOTES: Includes pull-up resistor to VDD to provide output when the pin (2)is No Connect. Installation should include a 0.01F bypass capacitor placed between VDD (Pin 6)and GND (Pin 3) to minimize power supply line noise. VC 1 E/D 2 GND 3 6 VDD 0.01 F 5 Output 2 4 Output VC E/D GND #1 #2 #3 #6 #5 100 #4 VDD OUT#2 OUT Terminations as viewed from the Top NOTE: XPRESSO LVDS VCXOs are designed to fit on Industry Standard, 6 pad layouts Enable / Disable Control Pin # 2 (state) OPEN (No Connection) "1" Level VIH > 70% VDD "0" Level VIL < 30% VDD Output (Pin # 4, Pin # 5) ACTIVE Output ACTIVE Output High Impedance Soldering Reflow Profile 260C 225C 180C (2 times Maximum at 260C for 10 seconds MAX) tp Ramp-Up 3C/s Max 5010 Seconds Above 225C Reflow Area 10 Seconds Max within 5C of 260C peak Ramp Down Not to exceed 6C/s 160C 120 20 Seconds In Pre-heating Area 25C 400 Seconds MAX from +25C to 260C peak Page 6 of 15 (c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified FVXO-LC73 Series Mechanical Dimensional Drawing & Pad Layout 7.5 Max #6 TOP VIEW #5 #4 Actual part marking is depicted. 5.2 Max See Traceability (pg. 8) for more information X PRESS O #1 0.5 #2 #3 1.4 Max 2.54 1.4 #1 #6 #2 #5 #3 2.6 #4 5.08 Recommended Solder Pad Layout 5.08 2.54 4.2 2 1.8 Note: XPRESSO LVDS VCXOs are designed to fit on Industry standard, 6 pad, layouts. Pin Connections #4) Output #1) VC #2) E/D #5) Output 2 #3) GND #6) VDD Drawing is for reference to critical specifications defined by size measurements. Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary Page 7 of 15 (c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified FVXO-LC73 Series Tape and Reel Dimensions 4.0mm O1.5mm 7.5mm 16mm 2.15mm 8.0mm 1k Reel Dimensions in mm 2.0 2k Reel Dimensions in mm 2.0 120 O13.0 O21.0 178.0 2.0 62.0 O13.0 2.0 2.0 O21.0 255.0 80.0 17.5 17.5 Labeling (Reels and smaller packaging are labeled with the below) * Fox Part Number: 794-1244.16-1 * Quantity: * Description: * Date Code * 794-1244.16-1 2000 pieces FVXO-LC73BR-1244.16 0745 24435 (YYWW 2007 45 wk) th FVXO-LC73BR-1244.16 LOT # If traceability should become necessary An additional identification code is contained internally if tracking should ever be necessary Page 8 of 15 (c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified FVXO-LC73 Series Traceability - LOT Number & Serial Identification LOT Number The LOT Number has direct ties to the customer purchase order. The LOT Number is marked on the "Reel" label, and also stored internally on non-volatile memory inside the XPRESSO part. XPRESSO parts that are shipped Tape and Reel, are also placed in an Electro Static Discharge (ESD) bag and will have the LOT Number labeled on the exterior of the ESD bag. It is recommended that the XPRESSO parts remain in this ESD bag during storage for protection and identification. If the parts become separated from the label showing the LOT Number, it can be retrieved from inside one of the parts, and the information that can be obtained is listed below: * * * * * Customer Purchase Order Number Internal Fox Sales Order Number Dates that the XPRESSO part was shipped from the factory The assigned customer part number The specification that the part was designed for Serial Identification The Serial ID is the individualized information about the configuration of that particular XPRESSO part. The Serial ID is unique for each and every XPRESSO part, and can be read by special Fox equipment. With the Serial ID, the below information can be obtained about that individual, XPRESSO part: * * * * * * * Equipment that the XPRESSO part was configured on Raw material used to configure the XPRESSO part Traceability of the raw material back to the foundries manufacturing lot Date and Time that the part was configured Any optimized electrical parameters based on customer specifications Electrical testing of the actual completed part Human resource that was monitoring the configuration of the part Fox has equipment placed at key Fox locations World Wide to read the Lot Identification and Serial Number of any XPRESSO part produced and can then obtain the information from above within 24 hours Page 9 of 15 (c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified FVXO-LC73 Series RoHS Material Declaration Material Name Cover Kovar Component Nickel (Ni) Cobalt (Co) Iron (Fe) Alumina (Al2O3) Silicon Oxide (SiO2) Chromium Oxide (Cr2O3) Titanium Oxide (TiO2) Magnesium Oxide (MgO) Calcium Oxide (CaO) Tungsten (W) Molybdenum (Mo) Nickel (Ni) Cobalt (Co) Gold (Au) Iron (Fe) Nickel (Ni) Cobalt (Co) Silver (Ag) Copper (Cu) Aluminum (Al) Silicon (Si) Gold (Au) Silver (Ag) Epoxy Silicon Dioxide (SiO2) Silver (Ag) Nickel (Ni) Silver (Ag) Silicon (Si) Content (mg) 5.09 3.15 9.47 79.178 3.143 3.379 0.873 0.437 0.297 12.272 0.380 4.740 0.395 0.624 5.809 3.119 1.829 2.269 0.400 0.0021 0.950 0.480 0.000210 0.0000700 2.04 0.019 0.000159 0.00037 0.000125 140.3 Content 3.63% 2.24% 6.75% 56.4% 2.24% 2.41% 0.622% 0.311% 0.212% 8.74% 0.27% 3.38% 0.28% 0.445% 4.14% 2.22% 1.30% 1.62% 0.285% 0.00150% 0.68% 0.342% 0.000150% 0.0000499% 1.45% 0.0135% 0.000113% 0.000264% 0.000089% 100.00% Base Ceramic + Metallization + Nickel Plating + Gold Plating Seal ring silver solder Gold Adhesive Crystal Crystal Electrode Adhesive TOTAL (CAS Number) 7440-02-0 7440-48-4 7439-89-6 1344-28-1 14808-60-7 1308-38-9 13463-67-7 1309-48-4 1305-78-8 7440-33-7 7439-98-7 7440-02-0 7440-48-4 7440-57-5 7439-89-6 7440-02-0 7440-48-4 7440-22-4 7440-50-8 7429-90-5 7440-21-3 7440-57-5 7440-22-4 14808-60-7 7440-22-4 7440-02-0 7440-22-4 7440-21-3 Page 10 of 15 (c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified FVXO-LC73 Series 3rd Party (SGS) Material Report Page 11 of 15 (c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified FVXO-LC73 Series 3rd Party (SGS) Material Report (continued) Page 12 of 15 (c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified FVXO-LC73 Series Mechanical Testing Parameter Mechanical Shock Mechanical Vibration High Temperature Burn-in Hermetic Seal Test Method Drop from 75cm to hardwood surface - 3 times 10~55Hz, 1.5mm amplitude, 1 Minute Sweep 2 Hours each in 3 Directions (X, Y, Z) Under Power @ 125C for 2000 Hours (results below) He pressure: 4 1 kgf / cm2 2 Hour soak 2,000 Hour Burn-In Burn-In Testing - under power 2000 Hours, 125C XpressO LVDS Burn-In Freq = 10MH VD = 3.3V; Ta = 125C; N = 120 z; D Frequency Drift (PP 10 5 0 -5 -10 -15 -20 Initial 250 hours 500 hours 1000 hours 2000 hours Page 13 of 15 (c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified FVXO-LC73 Series MTTF / FITS Calculations Products are grouped together by process for MTTF calculations. (All XpressO output and package types are manufactured with the same process) Number of Parts Tested: 360 (120 of each output type: HCMOS, LVDS, LVPECL) Number of Failures: 0 Test Temperature: 125C Number of Hours: 2000 MTTF was calculated using the following formulas: [1.] Device Hours (devhrs) = (number of devices) x (hours at elevated temperature in K) [2.] MTTF = [3.] FITS = Where: Label af eV k t1 t2 r 2 Theta Failures Chi-Square devhrs x af x 2 2 * 109 Formula/Value eV 11 ( )x( - ) k t1 t2 1 MTTF Name Acceleration Factor Activation Energy Bolzman's Constant e 0.40 V 8.62 X 10-5 eV/K Operating Temperature (K) Accelerated Temperature (K) Confidence Level (60% industry standard) Number of failed devices statistical significance for bivariate tabular analysis [table lookup] based on assumed (Theta - confidence) and number of failures (r) For zero failures (60% Confidence): 2 = 1.830 DEVICE-HOURS = 360 x 2000 HOURS = 720,000 ( 1 1 0.40 ) )x( - 298 398 = 49.91009 8.625 ACCELERATION FACTOR = e MTTF = 720,000 x 49.91009 x 2 = 15,607,065 Hours 1.833 1.833 = 6.41E-8 720,000 x 49.91009 x 2 Failure Rate = FITS = Failure Rate *1E9 = 64 Page 14 of 15 (c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified FVXO-LC73 Series Notes : Other XPRESSO Links XPRESSO Brochure Crystal Oscillators HCMOS 5 x 3.2mm 3.3V XO 0.75 to 250MHz HCMOS 7 x 5mm 3.3V XO 0.75 to 250MHz LVPECL 5 x 3.2mm 3.3V XO 0.75 to 1.35GHz LVPECL 7 x 5mm 3.3V XO 0.75 to 1.35GHz LVDS 5 x 3.2mm 3.3V XO 0.75 to 1.35GHz LVDS 7 x 5mm 3.3V XO 0.75 to 1.35GHz Voltage Controlled Crystal Oscillators HCMOS 5 x 3.2mm 3.3V VCXO 0.75 to 250MHz HCMOS 7 x 5mm 3.3V VCXO 0.75 to 250MHz LVPECL 5 x 3.2mm 3.3V VCXO 0.75 to 1.35GHz LVPECL 7 x 5mm 3.3V VCXO 0.75 to 1.35GHz LVDS 5 x 3.2mm 3.3V VCXO 0.75 to 1.35GHz LVDS 7 x 5mm 3.3V VCXO 0.75 to 1.35GHz Main Website www.foxonline.com Patent Numbers: US 6,664,860, US 5,960,403, US 5,952,890; US 5,960,405; US 6,188,290; Foreign Patents: R.S.A. 98/0866, R.O.C. 120851; Singapore 67081, 67082; EP 0958652 China ZL 98802217.6, Malaysia MY-118540-A, Philippines 1-1998-000245, Hong Kong #HK1026079, Mexico #232179 US and Foreign Patents Pending XpressOTM Fox Electronics Contact Information (USA)-Worldwide Headquarters Tel: 888-GET-2-FOX Outside US: +1.239.693.0099, Fax:+1.239.693.1554 Email: www.foxonline.com/email.htm Fox EMEA Tel/Fax: +44.1767.312632 Email: www.foxonline.com/email.htm Fox Taiwan Tel:+886-2-22073427, Fax:+886-2-22073486 Fox Hong Kong Tel: +852.2854.4285, Fax:+852.2854.4282 Email: www.foxonline.com/email.htm Fox Japan Tel:+81.3.3374.2079, Fax: +81.3.3377.5221 Email: www.foxonline.com/email.htm Email: www.foxonline.com/email.htm The above specifications, having been carefully prepared and checked, is believed to be accurate at the time of publication; however, no responsibility is assumed by Fox Electronics for inaccuracies. Page 15 of 15 (c) 2008 FOX ELECTRONICS | ISO9001:2000 Certified |
Price & Availability of FVXO-LC73B |