Part Number Hot Search : 
2W105 BA15T PIC16L 2SD1978 QS5935 PIC16L 1060CT 48232
Product Description
Full Text Search
 

To Download FSOLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5.0V/3.0V Plastic HCMOS/TTL Oscillator
Model: FSOLF Series RoHS compliant / Pb Free
Rev. 9/18/2006
FEATURES
* * * *
* 5.0V / 3.3V Operation
Discontinued
learn more about: Part Marking Identification Tape and Reel Specification Mechanical Specification
internet required
http://www.foxonline.com/need_a_sample.htm
HCMOS/TTL Output Tri-State Enable/Disable Extended Temperature Range Tape and Reel (1,000 pcs. STD)
* PART nUMbER SElEcTiOn Learn More - Internet Required
Part Number
259LF-Freq-xxxxx 547LF-Freq-xxxxx 432LF-Freq-xxxxx 433LF-Freq-xxxxx 543LF-Freq-xxxxx 434LF-Freq-xxxxx Model Number
FSO-2LF 3 FSO-2RLF FSO-25LF FSO-3LF 3 FSO-3RLF FSO-35LF
Frequency Operating Vdd (V) Frequency Stability1 Temperature (C) Range (MHz) 5.0 0.5 100PPM -20 ~ +70 1.000 ~ 66.6667 100PPM -40 ~ +85 1.000 ~ 66.6667 50PPM -20 ~ +70 1.000 ~ 66.6667 3.3 0.3 100PPM -20 ~ +70 1.000 ~ 66.6667 100PPM -40 ~ +85 1.000 ~ 66.6667 50PPM -20 ~ +70 1.000 ~ 66.6667
* ElEcTRicAl cHARAcTERiSTicS
PARAMETERS
Frequency Range (Fo) Input Current (Idd) 1.000 ~ 30.000 MHz 30.000+ ~ 66.6667 MHz Output Symmetry (50% Vdd) Rise Time (20% ~ 80% Vdd) (Tr) 1.000 ~ 30.000 MHz 30.000+ ~ 66.6667 MHz Fall Time (80% ~ 20% Vdd) (Tf) 1.000 ~ 30.000 MHz 30.000+ ~ 66.6667 MHz Output Voltage (Vol) (Voh) Output Current (Iol) (Ioh) Output Load (TTL) (HCMOS) Start-up Time (Ts) 1.000 ~ 30.000 MHz 30.000+ ~ 66.6667 MHz Enable/Disable Time 2
1
FSO-2LF Series FSO-3LF Series MAX (unless otherwise noted)
1.000 ~ 66.6667 MHz 23mA 35mA 9mA 20mA 40% ~ 60% 6nS 6nS 6nS 6nS 0.4V 2.9V Min 4mA Min -4mA Min --30pF 4mS 10mS 100nS
8nS 7nS 8nS 7nS 0.4V 4.6V Min 16mA Min -16mA Min 10TTL 50pF
Inclusive of 25C tolerance, operating temperature range, input voltage change, aging, and load change. 2 An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open. 3 The FSO-2LF and FSO-3LF models will also operate over -40C ~ +85C, but with a stability of 200 PPM. Note: A 0.01F bypass capacitor should be placed between VDD (Pin 4) and GND (Pin 2) to minimize power supply line noise. All specifications subject to change without notice.
All dimensions are in millimeters.
* EnAblE / DiSAblE FUncTiOn INH (Pin 1) OUTPUT (Pin 3) OPEN 2 ACTIVE '1' Level Vih 2.4 V ACTIVE '0' Level Vil 0.6 V High Z
FOXElectronics
5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
(c) 2006 FOX ELECTRONICS | ISO9001:2000 Certified
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486 | Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221


▲Up To Search▲   

 
Price & Availability of FSOLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X