|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FRF1601G - FRF1607G Isolated 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers ITO-220AB Features Glass passivated chip junction. High efficiency, Low VF High current capability High reliability High surge current capability Low power loss Mechanical Data Cases: ITO-220AB molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Pure tin plated, Lead free. Leads solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: o 260 C /10 seconds 0.25",(6.35mm) from case. Mounting position: Any Weight: 2.24 grams Mounting torque: 5 in - 1bs. max. Dimensions in inches and (millimeters) Maximum Ratings and Electrical Characteristics Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 8.0A Maximum DC Reverse Current @ T C =25 C at Rated DC Blocking Voltage @ T C =125 oC Maximum Reverse Recovery Time ( Note 1) Typical Junction Capacitance (Note 3) Typical Thermal Resistance (Note 2) o Symbol FRF V RRM V RMS V DC I(AV) IFSM VF IR Trr 50 35 50 FRF FRF FRF FRF FRF FRF 1601G 1602G 1603G 1604G 1605G 1606G 1607G Units V V V A A V uA uA nS pF o C/W o C 100 70 100 200 140 200 400 280 400 16.0 150 1.3 5.0 100 600 420 600 800 560 800 1000 700 1000 150 Cj R JC Operating and Storage Temperature Range T J ,T STG 1. Reverse Recovery Test Conditions: IF =0.5A, IR =1.0A, IRR =0.25A. Notes: 2. Thermal Resistance from Junction to Case Per Leg Mounted on Heatsink Size 2" x 3" x 0.25" Al-Plate. 3. Measured at 1MHz and Applied Reverse Voltage of 4.0 Volts D.C. 250 50 5.0 -65 to +150 500 Version: A06 RATINGS AND CHARACTERISTIC CURVES (FRF1601G THRU FRF1607G) FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE 1000 FIG.2- TYPICAL REVERSE CHARACTERISTICS PER LEG 20 AVERAGE FORWARD CURRENT. (A) 16 12 INSTANTANEOUS REVERSE CURRENT. ( A) 100 8 Tj=125 0C 10 4 0 0 50 100 o 150 CASE TEMPERATURE. ( C) FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 300 1 Tj=25 0C PEAK FORWARD SURGE CURRENT. (A) 250 TJ=125 0C 8.3ms Single Half Sine Wave JEDEC Method 0.1 0 20 40 60 80 100 120 140 200 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%) 150 100 80 50 40 0 NUMBER OF CYCLES AT 60Hz FIG.5- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG INSTANTANEOUS FORWARD CURRENT. (A) 1 2 5 10 20 50 100 20 10 FIG.4- TYPICAL JUNCTION CAPACITANCE 300 Tj=25 0C f=1.0MHz Vsig=50mVp-p 250 4 2 1 CAPACITANCE.(pF) 200 150 100 0.4 0.2 0.1 0.8 50 Tj=25oC Pulse Width=300 s 1% Duty Cycle 0.9 1.0 1.1 1.2 1.3 1.4 1.5 0 0.1 0.5 1 5 10 50 100 500 1000 REVERSE VOLTAGE. (V) INSTANTANEOUS FORWARD VOLTAGE. (V) FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM 50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms -1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm Version: A06 |
Price & Availability of FRF1601G1 |