Part Number Hot Search : 
HC40600 4C686 OSM5D351 MW3HP 0ACPZ 1800F SMV4700A B1517
Product Description
Full Text Search
 

To Download EM6320FP32AW-70L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 merging Memory & Logic Solutions Inc.
Document Title
256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FU16E Series
Low Power, 256Kx16 SRAM
Revision History
Revision No.
0.0 0.1 0.2
History
Initial Draft 2'nd Draft 3'rd Draft Changed Icc, Icc1 value & 55ns product tDW value tLZ1, tLZ2 value is changed from 5ns to 10ns tBW value ischanged from 60ns to 55ns ( 70ns product ) tWP value is changed from 55ns to 50ns ( 70ns product ) tWP value is changed from 45ns to 40ns ( 55ns product ) VDR & IDR measurement condition change Changed ISB1 test conditions
Draft Date
August 5 , 2002 November 11 , 2002 March 13 , 2003
Remark
0.3
4'th Draft
Add Pb-free part number
February 13 , 2004
Emerging Memory & Logic Solutions Inc.
IT Venture Tower Eastside 11F, 78, Karac-Dong, Songpa-Ku, Seoul, Rep.of Korea Zip Code : 138-160 Tel : +82-2-2142-1759~1766 Fax : +82-2-2142-1769 / Homepage : www.emlsi.com The attached datasheets are provided by EMLSI reserve the right to change the specifications and products. EMLSI will answer to your questions about device. If you have any questions, please contact the EMLSI office. 1
merging Memory & Logic Solutions Inc.
FEATURES
* * * * * * Process Technology : 0.18m Full CMOS Organization : 256K x 16 bit Power Supply Voltage : 2.7V ~ 3.3V Low Data Retention Voltage : 1.5V(Min.) Three state output and TTL Compatible Package Type : 48-FPBGA 6.0x7.0
EM640FU16E Series
Low Power, 256Kx16 SRAM
GENERAL DESCRIPTION
The EM640FU16E families are fabricated by EMLSI's advanced full CMOS process technology. The families support industrial temperature range and Chip Scale Package for user flexibility of system design. The families also supports low data retention voltage for battery back-up operation with low data retention current.
PRODUCT FAMILY
Power Dissipation Product Family EM640FU16E Operating Temperature Industrial (-40 ~ 85 oC) Vcc Range Speed Standby (ISB1 , Typ.) 1 A Operating (ICC1.Max.) 2 mA PKG Type
2.7V~3.3V
551 )/70ns
48-FPBGA
1. The parameter is measured with 30pF test load.
PIN DESCRIPTION
1 A B C D E F G H 2 3 4 5 6
FUNCTIONAL BLOCK DIAGRAM
Pre-charge Circuit
LB I/O 9
OE UB
A0 A3 A5 A17 DNU A14 A12 A9
A1 A4 A6 A7 A16 A15 A13 A10
A2 CS1 I/O2 I/O4 I/O5 I/O6 WE A11
CS2 I/O1 I/O3 VCC V SS I/O7 I/O8 DNU
A A12 A A A15 A A 11 13 14 16 17
Row S elect
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10
VC C VSS
Memory Array 2048 x 2048
I/O10 I/O11 V SS VC C I/O12 I/O13
I/O1 ~ I/O8 I/O9 ~ I/O16
Data Cont Data Cont
I/O Circuit Column Select
I/O15 I/O14 I/O16 DNU DNU A8
48-FPBGA : Top view (ball down)
W E O E UB LB
Control Logic
Name CS1 ,CS 2 OE WE A 0 ~A17
Function Chip select inputs Output Enable input Write Enable input Address Inputs
Name Vcc Vss UB LB DNU
Function Power Supply Ground Upper Byte (I/O 9~16) Lower Byte (I/O 1~8 ) Do Not Use
CS 1 CS 2
I/O1 ~I/O 16 Data Inputs/outputs
2
merging Memory & Logic Solutions Inc.
ABSOLUTE MAXIMUM RATINGS * Parameter
Voltage on Any Pin Relative to Vss Voltage on Vcc supply relative to Vss Power Dissipation Operating Temperature
EM640FU16E Series
Low Power, 256Kx16 SRAM
Symbol
VIN , VOUT VCC PD TA
Ratings
-0.2 to Vcc+0.3 (Max. 4.0V) -0.2 to 4.0V 1.0 -40 to 85
Unit
V V W
oC
* Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Functional
operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
FUNCTIONAL DESCRIPTION
CS1 H X X L L L L L L L L CS 2 X L X H H H H H H H H OE X X X H H L L L X X X WE X X X H H H H H L L L LB X X H L X L H L L H L UB X X H X L H L L H L L I/O 1-8 High-Z High-Z High-Z High-Z High-Z Data Out High-Z Data Out Data In High-Z Data In I/O9-16 High-Z High-Z High-Z High-Z High-Z High-Z Data Out Data Out High-Z Data In Data In Mode Deselected Deselected Deselected Output Disabled Output Disabled Lower Byte Read Upper Byte Read Word Read Lower Byte Write Upper Byte Write Word Write Power Stand by Stand by Stand by Active Active Active Active Active Active Active Active
Note: X means don't care. (Must be low or high state)
3
merging Memory & Logic Solutions Inc.
RECOMMENDED DC OPERATING CONDITIONS 1)
Parameter Supply voltage Ground Input high voltage Input low voltage
1. 2. 3. 4.
EM640FU16E Series
Low Power, 256Kx16 SRAM
Symbol VCC VSS VIH VIL
Min 2.7 0 2.2 -0.2 3)
Typ 3.0 0 -
Max 3.3 0 VCC + 0.22) 0.6
Unit V V V V
TA= -40 to 85oC, otherwise specified Overshoot: VCC +2.0 V in case of pulse width < 20ns Undershoot: -2.0 V in case of pulse width < 20ns Overshoot and undershoot are sampled, not 100% tested.
CAPACITANCE 1) (f =1MHz, TA=25oC)
Item Input capacitance Input/Ouput capacitance
1. Capacitance is sampled, not 100% tested
Symbol C IN CIO
Test Condition VIN=0V VIO =0V
Min -
Max 8 10
Unit pF pF
DC AND OPERATING CHARACTERISTICS
Parameter Input leakage current Output leakage current Operating power supply Symbol ILI ILO ICC ICC1 Average operating current ICC2 Output low voltage Output high voltage Standby Current (TTL) VOL VOH IS B
V I N=V SS to V CC CS 1=V I H or CS 2 = VIL or O E=VIH or W E=VIL or LB= UB=V IH V IO =V SS to V CC IIO =0mA, CS 1 =VIL , CS 2 =WE=VI H, VIN=V IH or V IL Cycle time=1s, 100% duty, I IO=0mA, CS 1 <0.2V, LB <0.2V or/and UB<0.2V, CS 2 >V CC-0.2V, V IN <0.2V or VI N>V CC -0.2V Cycle time = Min, I IO =0mA, 100% duty, CS 1 = VIL , CS 2 = VIH, LB=V IL or/and UB = VIL , V IN =VIL or V IH IOL = 2.1mA IO H = -1.0mA CS 1 = VIH , CS2 =VIL, Other inputs=V IH or V IL CS 1 >V CC-0.2V, CS 2> V C C-0.2V (CS 1 controlled) or 0V Test Conditions
Min -1 -1 -
Typ -
Max 1 1 2
Unit A A mA mA
2.2 -
-
2 25 20 0.4 0.3
55ns 70ns
mA V V mA
Standby Current (CMOS)
I SB1
LL LF
-
1
5
A
4
merging Memory & Logic Solutions Inc.
AC OPERATING CONDITIONS
Test Conditions (Test Load and Test Input/Output Reference) Input Pulse Level : 0.4 to 2.2V Input Rise and Fall Time : 5ns Input and Output reference Voltage : 1.5V Output Load (See right) : CL = 100pF+ 1 TTL CL 1) = 30pF + 1 TTL 1. Including scope and Jig capacitance 2. R1 =3070, R 2 =3150 3. VTM=2.8V
EM640FU16E Series
Low Power, 256Kx16 SRAM
VTM 3) R12)
CL1)
R22)
READ CYCLE (V cc =2.7 to 3.3V, Gnd = 0V, T A = -40oC to +85oC)
Parameter
Read cycle time Address access time Chip select to output Output enable to valid output UB, LB acess time Chip select to low-Z output UB, LB enable to low-Z output Output enable to low-Z output Chip disable to high-Z output UB, LB disable to high-Z output Output disable to high-Z output Output hold from address change
Symbol
tRC tAA tco1, tco2 tO E tBA tLZ1, tLZ2 tBLZ tOLZ tHZ1, tHZ2 tBHZ tOHZ tOH
55ns Min 55 Max 55 55 30 55 10 10 5 0 0 0 10 20 20 20 10 10 5 0 0 0 10 Min 70 -
70ns Max 70 70 35 70 25 25 25 -
Unit
ns ns ns ns ns ns ns ns ns ns ns ns
WRITE CYCLE (Vcc =2.7 to 3.3V, Gnd = 0V, TA = -40oC to +85oC)
Parameter
Write cycle time Chip select to end of write Address setup time Address valid to end of write UB, LB valid to end of write Write pulse width Write recovery time Write to ouput high-Z Data to write time overlap Data hold from write time End write to output low-Z
Symbol
tWC tCW1, tCW2 tAs tAW tBW tWP tWR tWHZ tDW tDH tOW
55ns Min 55 45 0 45 45 40 0 0 30 0 5 Max 20 Min 70 60 0 60 55 50 0 0 30 0 5
70ns Max 25
Unit
ns ns ns ns ns ns ns ns ns ns ns
5
merging Memory & Logic Solutions Inc.
TIMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE(1).
EM640FU16E Series
Low Power, 256Kx16 SRAM
(Address Controlled, CS1=OE=VIL, CS2= WE=V IH, UB or/and LB= VI L)
tRC Address tAA tOH Data Out
Previous Data Valid Data Valid
TIMING WAVEFORM OF READ CYCLE(2) (WE = VIH)
tRC Address tAA CS1 tCO tOH
CS2 tBA UB,LB tO E OE tOLZ Data Out High-Z
Data Valid
tHZ
tBHZ
tOHZ
tBLZ tLZ
NOTES (READ CYCLE) 1. t HZ and tOHZ are defined as the outputs achieve the open circuit conditions and are not referanced to output voltage levels. 2. At any given temperature and voltage condition, t HZ(Max.) is less than t LZ(Min.) both for a given device and from device to device interconnection.
6
merging Memory & Logic Solutions Inc.
TIMING WAVEFORM OF WRITE CYCLE(1) (WE CONTROLLED)
tWC Address tCW (2) CS1
EM640FU16E Series
Low Power, 256Kx16 SRAM
tWR (4)
CS2 tAW tBW UB ,LB tWP (1) WE tAS(3) Data in High-Z
Data Valid
tDW
tDH High-Z tOW
tWHZ Data out Data Undefined
TIMING WAVEFORM OF WRITE CYCLE(2) (CS1 CONTROLLED)
tWC Address tAS(3) CS1 tCW (2) tWR(4)
CS2 tAW tBW UB,LB tWP (1) WE tDW Data in
Data Valid
tDH
Data out
High-Z
High-Z
7
merging Memory & Logic Solutions Inc.
EM640FU16E Series
Low Power, 256Kx16 SRAM
TIMING WAVEFORM OF WRITE CYCLE(3) (UB, LB CONTROLLED)
tWC Address tCW(2) CS1 tW R(4)
CS2 tA W tB W UB ,LB tA S(3) WE tDW Data in Data out High-Z
Data Valid
tW P(1)
tDH
High-Z
NOTES (WRITE CYCLE) 1. A write occurs during the overlap(tWP ) of low CS1 and low WE. A write begins when CS 1 goes low and WE goes low with asserting UB or LB for single byte operation or simultaneously asserting UB and LB for double byte operation. A write ends at the earliest transition when CS1 goes high and WE goes high. The tWP is measured from the beginning of write to the end of write. 2. t CW is measured from the CS1 going low to end of write. 3. t A S is measured from the address valid to the beginning of write. 4. t WR is measured from the end or write to the address change. tWR applied in case a write ends as CS1 or WE going high.
8
merging Memory & Logic Solutions Inc.
DATA RETENTION CHARACTERISTICS
Parameter
VCC for Data Retention Data Retention Current Chip Deselect to Data Retention Time Operation Recovery Time NOTES
EM640FU16E Series
Low Power, 256Kx16 SRAM
Symbol
VDR IDR tSDR tRDR
Test Condition
ISB1 Test Condition (Chip Disabled)
1)
Min
1.5 0
Typ
0.5 -
Max
3.3 -
Unit
V A
VCC =1.5V, ISB1 Test Condition (Chip Disabled) 1) See data retention wave form
t RC
ns
1. See the IS B 1 measurement condition of datasheet page 4.
DATA RETENTION WAVE FORM
tSDR Vcc 2.7V
Data Retention Mode
tRDR
2.2V VDR
CS 1 > Vcc-0.2V
CS1 GND Vcc 2.7V CS 2 tSDR
Data Retention Mode
tRDR
VDR 0.4V
CS 2 < 0.2V
GND
9
merging Memory & Logic Solutions Inc.
EM640FU16E Series
Low Power, 256Kx16 SRAM
Unit: millimeters
PACKAGE DIMENSION
48 Ball Fine Pitch BGA (0.75mm ball pitch) Top View
B
Bottom View
A1 index Mark
B B1 6 A B C 5 4 3 21
0.5 0.5 Y C1 C B/2
#A1
C
D E C1/2 F G H
Side View
0.26 E2 D
0.25 Typ.
Detail A
A
E E1
Min A B B1 C C1 D E E1 E2 Y 5.93 6.93 0.30 1.00 -
Typ 0.75 6.00 3.75 7.00 5.25 0.35 1.04 0.79 0.25 -
Max 6.03 7.03 0.40 1.10 0.08
NOTES. 1. Bump counts : 48(8row x 6column) 2. Bump pitch : (x,y)=(0.75x0.75) (typ.) 3. All tolerence are +/-0.050 unless otherwise specified. 4. Typ : Typical 5. Y is coplanarity : 0.08(Max)
10
0.79 Typ.
C
merging Memory & Logic Solutions Inc.
MEMORY FUNCTION GUIDE
EM640FU16E Series
Low Power, 256Kx16 SRAM
EM X XX X X X XX X X - XX XX
1. EMLSI Memory 2. Device Type 3. Density 4. Option 5. Technology 6. Operating Voltage
1. Memory Component 2. Device Type 6 ------------------------ Low Power SRAM 7 ------------------------ STRAM 3. Density 1 ------------------------- 1M 2 ------------------------- 2M 4 ------------------------- 4M 8 ------------------------- 8M 16 ----------------------- 16M 32 ----------------------- 32M 64 ----------------------- 64M 4. Option 0 ----------------------- Dual CS 1 ----------------------- Single CS 5. Technology Blank ------------------ CMOS F ------------------------ Full CMOS 6. Operating Voltage Blank ------------------- 5V V ------------------------- 3.3V U ------------------------- 3.0V S ------------------------- 2.5V R ------------------------- 2.0V P ------------------------- 1.8V 7. Organization 8 ---------------------- x8 bit 16 ---------------------- x16 bit 32 ---------------------- x32 bit 11
11. Power 10. Speed
9. Packages 8. Version 7. Organization
8. Version Blank ----------------- Mother Die A ----------------------- First revision B ----------------------- Second revision C ----------------------- Third revision D ----------------------- Fourth revision 9. Package Blank ---------------------- Package W --------------------- Wafer 10. Speed 45 ---------------------- 45ns 55 ---------------------- 55ns 70 ---------------------- 70ns 85 ---------------------- 85ns 10 --------------------- 100ns 12 --------------------- 120ns 11. Power LL ---------------------L ---------------------S ---------------------LF ----------------------
Low Low Power Low Power Standard Power Low Low Power (Pb-free)


▲Up To Search▲   

 
Price & Availability of EM6320FP32AW-70L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X