Part Number Hot Search : 
25W02M3 C3875 74000 MXT224 HE361B 3EMC111 C1206 TMPD914L
Product Description
Full Text Search
 

To Download EC3597 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E-CMOS
EC3597 1.1
3D PS/2 MOUSE CONTROLLER WITH AUTO-REF.
FEATURES
. Auto-reference function for X-, Y-, Z-axis. . 70 KHz RC oscillator . 4 types of Z-axis encoders: button, optical 2:1, 4:1 & mechanical 2:1
ORDERING INFORMATION:
Encoder type 2:1 Optical Button 4:1 Optical 2:1 Mechanical 70 K Hz (RC) EC3597AR EC3597BR EC3597CR EC3597DR
1. PIN CONFIGURATION
1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9
X1 X2 Y1 Y2 VDD NC RIN RCOUT
Z2 Z1 CLK DATA
EC3597
GND BL BM BR
VERSION 1.1
PAGE 1/11
E-CMOS
2. PIN DESCRIPTION
PIN NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 PIN NAME X1 X2 Y1 Y2 VDD NC RIN RCOUT BR BM BL GND DATA CLK Z1 Z2 I/O I I I I P I I O I I I P I/O I/O I I FUNCTION Input from X-axis photo-encoder. Input from X-axis photo-encoder. Input from Y-axis photo-encoder. Input from Y-axis photo-encoder. +5V power supply. No Connection RC/crystal oscillator input. RC/crystal oscillator output. Right button input. Middle button input. Left button input. Power ground. Bidirectional DATA I/O pin . Bidirectional CLK I/O pin. Input from Z-axis encoder. Input from Z-axis encoder.
EC3597 1.1
3. DC ELECTRICAL CHARACTERISTICS
PARAMETER Operating Voltage Operating Current (no load) BL, BM, BR internal pull-up resistance X1, X2, Y1, Y2 internal pull-down resistance Z1, Z2 (A/C type) Internal pull-down resistance Z1, Z2 (B type) internal pull-up resistance Z1, Z2 (D type) internal pull-down resistance CLK, DATA internal pull-up resistance X1, X2, Y1,Y2, Z1, Z2 input range X1, X2, Y1,Y2, Z1, Z2 input amplitude MIN. 4.5 TYP. 5
50 12 12 100 100 5 0.1 0.6 3.2
MAX. 5.5 2
UNIT V mA Kohm
Kohm Kohm Kohm Kohm Kohm V V
VERSION 1.1
PAGE 2/11
E-CMOS
4. AC ELECTRICAL CHARACTERISTICS
Parameter Operating frequency (R-series) CLK active time CLK inactive time BL, BM, BR debounce time Min Typ 70 42.9 42.9
EC3597 1.1
Max
48
Unit KHz s s ms
5. DATA FORMAT
5.1 Standard 2D PS/2:
BYTE
1 2 3 7 Yv X7 Y7 6 Xv X6 Y6 5 Ys X5 Y5 4 Xs X4 Y4
BIT
3 1 X3 Y3 2 BM X2 Y2 1 BR X1 Y1 0 BL X0 Y0
5.2 Standard 3D PS/2:
BYTE
1 2 3 4 7 Yv X7 Y7 Z7 6 Xv X6 Y6 Z6 5 Ys X5 Y5 Z5 4 Xs X4 Y4 Z4
BIT
3 1 X3 Y3 Z3 2 BM X2 Y2 Z2 1 BR X1 Y1 Z1 0 BL X0 Y0 Z0
VERSION 1.1
PAGE 3/11
E-CMOS
6. PS/2 COMMAND LIST
HEX CODE FF FE F6 F5 F4 F3, XX F2 F0 EE EC EB EA E9 E8, XX E7 E6 COMMAND Reset Resend Set Default Disable Enable Set Sampling Rate Read Device Type Set Remote Mode Set Wrap Mode Reset Wrap Mode Read Data Set Stream Mode Status Request Set Resolution Set Scaling 2:1 Reset Scaling RESPONSE FA, AA, 00 XX, (XX, XX) FA FA FA FA, FA FA, 00 FA FA FA FA, XX, XX, XX FA FA, XX, XX, XX FA, FA FA FA
EC3597 1.1
6.1 F3,XX Set Sampling Rate
SECOND BYTE XX 0A 14 28 3C 50 64 C8
SAMPLING RATE 10/sec. 20/sec. 40/sec. 60/sec. 80/sec. 100/sec. 200/sec.
6.2 E9 Status Request
BYTE 3
BIT 0-7
DESCRIPTION Current Sampling Rate (Bit 0=LSB)
VERSION 1.1
PAGE 4/11
E-CMOS
2 1 0-7 7 6 5 4 3 2 1 0
EC3597 1.1
Current Resolution Setting (Bit 0=LSB) Reserved 0 = Stream Mode, 1 = Remote Mode 0 = Disabled, 1 = Enabled 0 = Scaling 1:1, 1 = Scaling 2:1 Reserved 1= Left Button Pressed 1= Middle Button Pressed 1 = Right Button Pressed
6.3 E8,XX Set Resolution
SECOND BYTE XX 00 01 02 03
RESOLUTION (COUNTS PER MM) 1 2 4 8
7. 3D MOUSE COMMAND SEQUENCE (PS/2)
7.1 Command F3 C8 F3 64 F3 50 F2 Response FA FA FA FA FA FA FA,03
7.2 Whenever the mouse received command 'FF', it will reset to 2D mode.
VERSION 1.1
PAGE 5/11
E-CMOS
EC3597 1.1
TYPICAL APPLICATION CIRCUIT (FOR REFERENCE ONLY)
4 U1 LED1 1 2 3 PT1 4 15 C1 10uF 16 C2 0.1uF LED2 X1 X2 Y1 Y2 Z1 Z2 RCOUT RIN 7 8 5 VDD DATA
VDD
13
1
DATA
R3 270K
EC3597AR/ EC3597CR
NC PT2 CLK BL BR BM GND R2 R1 PT3 12
6
14 11 9 10 S1 S2 S3
5
CLK
LED3
3
GND
VERSION 1.1
PAGE 6/11
E-CMOS
EC3597 1.1
TYPICAL APPLICATION CIRCUIT (FOR REFERENCE ONLY)
4 U1 LED1 1 2 3 PT1 4 15 C1 10uF 16 C2 0.1uF LED2 X1 X2 Y1 Y2 Z1 Z2 RCOUT RIN 7 8 5 VDD DATA
VDD
13
1
DATA
R3 270K
EC3597BR
6 NC PT2 CLK BL BR S5 R1 BM GND 12 3 14 11 9 10 S1 S2 S3 5
CLK
S4
GND
VERSION 1.1
PAGE 7/11
E-CMOS
EC3597 1.1
TYPICAL APPLICATION CIRCUIT (FOR REFERENCE ONLY)
4 U1 LED1 1 2 3 PT1 4 15 C1 10uF 16 C2 0.1uF LED2 X1 X2 Y1 Y2 Z1 Z2 RCOUT RIN 7 8 5 VDD DATA
VDD
13
1
DATA
R3 270K
EC3597DR
6 NC PT2 CLK BL A B GND R1 12 3 BR BM 14 11 9 10 S1 S2 S3 5
CLK
COM
GND
VERSION 1.1
PAGE 8/11
E-CMOS
EC3597 1.1
Typical Application Circuit For HDNS-2000 Optical Input (For Reference Only)
VDD LED1 0.1 270K R1 10 PT1
IN
3.3V REGULATOR LP2950ACZ-3.3
OUT
1
5 7 VDD RIN Z2 16 Y1 DATA CLK Z1 15 13 DATA 14 CLK EC3597AR/ CR 11 18.432MHZ(*) 2 1 3 4 S1 S2 S3 2 3 4 5 9
14 13 7 VDD5 VDD5 VDD3 OSC1 REFB 8 HDNS-2000 OSC2 XY_LED 6 MODE/XA RB/XB MB/YB LB/YA GND 10 NRESET 15 PS2_D 16 PS2_C 1 GND 12
0.1
70
HLMP-ED80 SURFACE 2N3904
GND 12
X2 X1 Y1 Y2 BL BM BR 11 10 9
0.22
GND
(*)Y1 IS A CERAMIC RESONATOR SUCH AS CSA18.43MXZ040 (FROM MURATA) OR KBR-18.43-MSA(FROM AVX).
VERSION 1.1
PAGE 9/11
E-CMOS
EC3597 1.1
Typical Application Circuit For HDNS-2000 Optical Input (For Reference Only)
VDD IN
3.3V REGULATOR LP2950ACZ-3.3
OUT
1
0.1 270K
10
5 7 VDD RIN Z2 16 Z1 15 13 DATA 14 CLK EC3597BR X2 X1 Y1 Y2 BL BM BR 11 10 9 2 1 3 4 S1 S2 S3 S5 Y1 S4 DATA CLK
14 13 7 VDD5 VDD5 VDD3 9 OSC1 REFB 8 HDNS-2000 11 OSC2 XY_LED 6 MODE/XA RB/XB MB/YB LB/YA GND 10 NRESET 15 PS2_D 16 PS2_C 1 GND 12
0.1
70
HLMP-ED80 SURFACE 2N3904
18.432MHZ(*) 2 3 4 5
GND 12
0.22
GND
(*)Y1 IS A CERAMIC RESONATOR SUCH AS CSA18.43MXZ040 (FROM MURATA) OR KBR-18.43-MSA(FROM AVX).
VERSION 1.1
PAGE 10/11
E-CMOS
EC3597 1.1
Typical Application Circuit For HDNS-2000 Optical Input (For Reference Only)
VDD IN
3.3V REGULATOR LP2950ACZ-3.3
OUT
1
0.1 270K
10
5 7 VDD RIN Z2 16 Z1 15 13 DATA 14 CLK EC3597DR X2 X1 Y1 Y2 BL BM BR 11 10 9 2 1 3 4 S1 S2 S3 COM B A Y1
14 13 7 VDD5 VDD5 VDD3 9 OSC1 REFB 8 HDNS-2000 11 OSC2 XY_LED 6 MODE/XA RB/XB MB/YB LB/YA GND 10 NRESET 15 PS2_D 16 PS2_C 1 GND 12
0.1
70
HLMP-ED80 SURFACE 2N3904
DATA CLK
18.432MHZ(*) 2 3 4 5
GND 12
0.22
GND
(*)Y1 IS A CERAMIC RESONATOR SUCH AS CSA18.43MXZ040 (FROM MURATA) OR KBR-18.43-MSA(FROM AVX).
VERSION 1.1
PAGE 11/11


▲Up To Search▲   

 
Price & Availability of EC3597

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X