Part Number Hot Search : 
UG2006 HMC39507 AD1585 1M35V10 OZ6833B BLF546 L128D AD1556
Product Description
Full Text Search
 

To Download EB52F5G15DN-12800M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EB52F5 Series
* Temperature Compensated Crystal Oscillator (TCXO) * HCMOS Output * 3.3V Supply Voltage * Stability to 1.5ppm * Internal mechanical trim * External voltage control option available
NOTES
EB52F5
H 8.3 L 20.3 W 13.0
OSCILLATOR
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
ELECTRICAL SPECIFICATIONS
Frequency Range Operating Temperature Range Storage Temperature Range Supply Voltage (VDD) Input Current Frequency Stability 1.544MHz to 44.736MHz See Table 1 -55C to 125C 3.3VDC 5% 15mA Maximum < 20.000MHz 25mA Maximum > 20.000MHz 1.0ppm (at Nominal VDD and VC , at 25C) See Table 1 (at Nominal VDD and VC ) 0.3ppm Maximum 0.2ppm Maximum 1ppm / year Maximum 90% of VDD Minimum 10% of VDD Maximum 6 nSeconds Maximum 50 5(%) 15pF HCMOS Load Maximum 0.0VDC to VDD 1.65VDC 1.35VDC 7ppm Minimum, 20ppm Maximum 10% Maximum 3ppm Minimum (Top Access) 10kOhms Typical -70dBc/Hz Typical -100dBc/Hz Typical -130dBc/Hz Typical -140dBc/Hz Typical -145dBc/Hz Typical
VOLTAGE CLASS REV.DATE
Measured at Steady State at 25C, at Nominal VDD, at Nominal VC vs. Initial Frequency Tolerance vs. Operating Temperature Range vs. Input Voltage (VDD 5%) vs. Load (10%)
Aging (at 25C) Output Voltage Logic High (VOH) Output Voltage Logic Low (VOL) Rise Time / Fall Time Duty Cycle Load Drive Capability Control Voltage Range Control Voltage (External) Frequency Deviation Linearity Internal Trim Input Impedance Phase Noise (at 19.440MHz)
20% to 80% of Waveform at 50% of Waveform
P ositive Transfer Characteristic Referenced to FO at VC = 1.65VDC, VDD = 3.3VDC Measured at 25C, VDD =3.3VDC, VC =1.65VDC Measured at 25C, at Nominal VDD, at Nominal VC at 10Hz Offset at 100Hz Offset at 1kHz Offset at 10kHz Offset at 100kHz Offset
SERIES PACKAGE
MANUFACTURER
CATEGORY
ECLIPTEK CORP.
OSCILLATOR
EB52F5
14-PIN DIP
3.3V
OS3B
06/04
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
PART NUMBERING GUIDE EB52F5 G 15 A V - 12.800M - G
INITIAL TOLERANCE G=1.0ppm Maximum FREQUENCY STABILITY Two Digit Code Per Table 1 OPERATING TEMP. RANGE One Letter Code Per Table 1 AVAILABLE OPTIONS Blank=None (Standard) CB=Cut Leads to 2.540 0.500 (0.100" 0.020") CC=Cut Leads to 3.175 0.500 (0.125" 0.020") CD=Cut Leads to 3.810 0.500 (0.150" 0.020") CE=Cut Leads to 4.445 0.500 (0.175" 0.020") G=Full Size Gull Wing FREQUENCY EXTERNAL TRIM N=None (No Connection on Pin 1) V=Voltage Control on Pin 1
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
MARKING SPECIFICATIONS
Line 1: ECLIPTEK
Line 2: XX.XXX M
M=MHz Frequency (5 Digits Maximum + Decimal)
Line 3: XX Y ZZ
Week of Year Last Digit of Year Ecliptek Manufacturing Identifier
Note: Pin 1 shall be designated with a dot
Pin 1: Voltage Control or No Connect Pin 7: Case Ground Pin 8: Output Pin 14: Supply Voltage
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS Characteristic Fine Leak Test Gross Leak Test Mechanical Shock Vibration Lead Integrity Solderability Temperature Cycling Resistance to Soldering Heat Resistance to Solvents Specification MIL-STD-883, Method 1014, Condition A (Internal Crystal Only) MIL-STD-883, Method 1014, Condition C (Internal Crystal Only) MIL-STD-202, Method 213, Condition C MIL-STD-883, Method 2007, Condition A MIL-STD-883, Method 2004 MIL-STD-883, Method 2002 MIL-STD-883, Method 1010 MIL-STD-883, Method 210 MIL-STD-883, Method 215
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV.DATE
ECLIPTEK CORP.
OSCILLATOR
EB52F5
14 pin DIP
3.3V
OS3B
06/04
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of EB52F5G15DN-12800M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X