Part Number Hot Search : 
AS3977 20001 C601D FB2028 C1706 DN340P BT8040D 01907
Product Description
Full Text Search
 

To Download EB51F3A20V-12800M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EB51F3 Series
* Temperature Compensated Crystal Oscillator (TCXO) * TTL/HCMOS Output * 5.0V Supply Voltage * Stability to 1.5ppm * External voltage control option available
NOTES
EB51F3
H 4.8 L 18.3 W 11.7
OSCILLATOR
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
ELECTRICAL SPECIFICATIONS
Frequency Range Operating Temperature Range Storage Temperature Range Supply Voltage (VDD) Input Current Frequency Stability 1.544MHz to 44.736MHz See Table 1 -40C to 85C 5.0VDC 5% 30mA Maximum See Table 1 0.3ppm Maximum 0.2ppm Maximum 1ppm / year Maximum 2.4VDC Minimum VDD - 0.5VDC Minimum 0.4VDC Maximum 0.5VDC Maximum 10 nSeconds Maximum 50 10(%) 10TTL Load 15pF HCMOS Load Maximum 3ppm Minimum 2.5VDC 2.0VDC , Positive Transfer Characteristic 7ppm Minimum, 20ppm Maximum 10kOhms Typical 10kHz Minimum -70dBc/Hz -100dBc/Hz -130dBc/Hz -140dBc/Hz -145dBc/Hz
VOLTAGE CLASS REV.DATE
vs. Operating Temperature Range vs. Input Voltage (VDD 5%) vs. Load (2pF) w/TTL Load w/HCMOS Load w/TTL Load w/HCMOS Load 0.4VDC to 2.4VDC w/TTL Load or 20% to 80% of Waveform w/HCMOS Load at 1.4VDC w/TTL Load or at 50% of Waveform w/HCMOS Load
Aging (at 25C) Output Voltage Logic High (VOH) Output Voltage Logic Low (VOL) Rise Time / Fall Time Duty Cycle Load Drive Capability Internal Trim (Top of Can) Control Voltage (External) Frequency Deviation Input Impedance Modulation Bandwidth Typical Phase Noise
Referenced to FO at VC = 2.5VDC; VDD = 5.0VDC Measured at -3dB, VC = 2.5VDC at 10Hz Offset at 100Hz Offset at 1kHz Offset at 10kHz Offset at 100kHz Offset
SERIES PACKAGE
MANUFACTURER
CATEGORY
ECLIPTEK CORP.
OSCILLATOR
EB51F3
14-PIN DIP
5.0V
OS1V
10/06
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
PART NUMBERING GUIDE EB51F3 A 15 V - 12.800M
OPERATING TEMP. RANGE One Letter Code Per Table 1 FREQUENCY STABILITY Two Digit Code Per Table 1 FREQUENCY EXTERNAL TRIM N=None (No Connection on Pin 1) V=Voltage Control on Pin 1
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
Pin 1: Voltage Control or No Connect Pin 2: Case Ground Pin 3: Output Pin 4: Supply Voltage
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS Characteristic Fine Leak Test Gross Leak Test Lead Integrity Mechanical Shock Resistance to Soldering Heat Resistance to Solvents Solderability Temperature Cycling Vibration Specification MIL-STD-883, Method 1014, Condition A (Internal Crystal Only) MIL-STD-883, Method 1014, Condition C (Internal Crystal Only) MIL-STD-883, Method 2004 MIL-STD-202, Method 213 Condition C MIL-STD-202, Method 210 MIL-STD-202, Method 215 MIL-STD-883, Method 2003 MIL-STD-883, Method 1010 MIL-STD-883, Method 2007 Condition A
MARKING SPECIFICATIONS Line 1: ECLIPTEK
Line 2: XX.XXX M
M=MHz Frequency (5 Digits Maximum + Decimal)
Line 3: XX Y ZZ
Week of Year Last Digit of Year Ecliptek Manufacturing Identifier
Note: Pin 1 shall be designated with a dot
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV.DATE
ECLIPTEK CORP.
OSCILLATOR
EB51F3
14 pin DIP
5.0V
OS1V
10/06
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of EB51F3A20V-12800M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X