Part Number Hot Search : 
0444048 2SK1192 ADA4800 AN8746 MHW9267 IL3842N NJU3714 UFS160G
Product Description
Full Text Search
 

To Download DL5250B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DL5227B thru DL5262B
GLASS SILICON ZENER DIODES
FEATURES
Voltage Range:3.6V to 51V Double slug type construction
DL - 35
.063(1.6) .055(1.4)
MECHANICAL DATA
Case: Glass case Minimelf DL-35 Terminals:Solder plated ,solderable per
.020(0.5) .012(0.3)
.146(3.7) .130(3.3)
.020(0.5) .012(0.3)
MIL-STD-750,Method 2026
Polarity: Color band denotes cathode end Mounting position : Any Weight:
0.05 gram Approx
Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
SYMBOL Zener Current see Table "Characterisitics" Power Dissipation at Tamb=25 Junction Temperature Storage Temperature Range Thermal Resistance Junction to Ambient Air ptot Tj Tstg 500(1) 175 -55 to +175 0.3(1) Forward Voltage at IF=100mA 1 1)Valid Provided that leads are kept at ambient tempeature at a distance of 8 mm from case NOTES:Suffix "B" indicates Zener Voltage Tolerance 5% mW K/mW RthA Typ Min Max Volts Vf Typ Min Max VALUE UNIT
~ 396 ~
RATING AND CHARACTERISTIC CURVES DL5227B thru DL5262B
CHANGES IN THE POWER DISSIPATION DUE TO THE AMBIENT TEMPERATURE
POWER DISSIPATION
Pd(mw)
500
400
300
200
100
50
100
150 Ta(C)
200
300
AMBIENT TEMPERATURE
BREAKDOWN CHARACTERISTICS
5V 50 10V 15V
DL52 series
20V
25V
30V
40 IZ(mA)
30
Test Current IZ=20mA
20
10
0
1N5252
1N5239 1N5224 1N5228 1N5229 1N5230 1N5232 1N5241 1N5242 1N5245 1N5250 1N5231 1N5234 1N5235
VZ(V)
~ 397 ~
DL5227B thru DL5262B
Nominal Zener Type Voltage VZ@IZT DL5227B DL5228B DL5229B DL5230B DL5231B DL5232B DL5233B DL5234B DL5235B DL5236B DL5237B DL5238B DL5239B DL5240B DL5241B DL5242B DL5243B DL5244B DL5245B DL5246B DL5247B DL5248B DL5249B DL5250B DL5251B DL5252B DL5253B DL5254B DL5255B DL5256B DL5257B DL5258B DL5259B DL5260B DL5261B DL5262B Volts 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 Zener Test Current IZT mA 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3 2.7 2.5 ZZT@IZT Ohms 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 150 125 Maximum Zener Impedance ZZT@IZK(*)=0.25mA Ohms 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 Coefficient %/ -0.065 -0.060 0.055 0.030 0.030 +0.038 +0.038 +0.045 +0.050 +0.058 +0.060 +0.065 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.082 +0.083 +0.084 +0.085 +0.085 +0.086 +0.087 +0.088 +0.089 +0.090 +0.091 +0.091 +0.092 +0.093 +0.094 +0.095 +0.095 +0.096 Typcial Temperature IR uA 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 Maximum Reverse Leakage Current @VR Volts 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10 11 12 13 14 15 16 17 18 19 21 21 23 25 27 30 33 36 39 Maximum Regulator Current IZM mA 126 115 106 97 89 81 76 73 67 61 55 52 50 45 41 38 35 32 30 28 27 25 24 23 21.2 19.1 18.2 16.8 16.2 15.1 13.8 12.6 11.5 10.6 9.7 8.9
~ 398 ~


▲Up To Search▲   

 
Price & Availability of DL5250B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X