Part Number Hot Search : 
215016P SIA418DJ SMA5103 DFB54 SDA667MF STB6NC80 FSL230R4 1N5358B
Product Description
Full Text Search
 

To Download CY62167ELL-45ZXI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CY62167E MoBL(R)
16-Mbit (1M x 16 / 2M x 8) Static RAM
Features
* * * * Configurable as 1M x 16 or as 2M x 8 SRAM Very high speed: 45 ns Wide voltage range: 4.5V-5.5V Ultra low standby power -- Typical standby current: 1.5 A -- Maximum standby current: 12 A * Ultra low active power * * * * -- Typical active current: 2.2 mA @ f = 1 MHz Easy memory expansion with CE1, CE2, and OE features Automatic power down when deselected CMOS for optimum speed and power Offered in 48-pin TSOP I package (CE1 HIGH, or CE2 LOW, or both BHE and BLE are HIGH). The input and output pins (IO0 through IO15) are placed in a high impedance state when: * The device is deselected (CE1 HIGH or CE2 LOW) * Outputs are disabled (OE HIGH) * Both Byte High Enable and Byte Low Enable are disabled (BHE, BLE HIGH) or * A write operation is in progress (CE1 LOW, CE2 HIGH, and WE LOW) To write to the device, take Chip Enables (CE1 LOW and CE2 HIGH) and Write Enable (WE) input LOW. If Byte Low Enable (BLE) is LOW, then data from IO pins (IO0 through IO7), is written into the location specified on the address pins (A0 through A19). If Byte High Enable (BHE) is LOW, then data from the IO pins (IO8 through IO15) is written into the location specified on the address pins (A0 through A19). To read from the device, take Chip Enables (CE1 LOW and CE2 HIGH) and Output Enable (OE) LOW while forcing the Write Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW, then data from the memory location specified by the address pins appears on IO0 to IO7. If Byte High Enable (BHE) is LOW, then data from memory appears on IO8 to IO15. See the "Truth Table" on page 10 for a complete description of read and write modes.
Functional Description[1]
The CY62167E is a high performance CMOS static RAM organized as 1M words by 16 bits/2M words by 8 bits. This device features advanced circuit design to provide an ultra low active current. This is ideal for providing More Battery LifeTM (MoBL(R)) in portable applications such as cellular telephones. The device also has an automatic power down feature that reduces power consumption by 99% when addresses are not toggling. Place the device into standby mode when deselected
Logic Block Diagram
DATA IN DRIVERS A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
ROW DECODER
1M x 16 / 2M x 8 RAM ARRAY
SENSE AMPS
IO0-IO7 IO8-IO15
COLUMN DECODER
CE2
POWER DOWN CIRCUIT
A11 A12 A13 A14 A15 A16 A17 A18 A19
CE1 BHE BLE
BYTE BHE WE OE BLE
CE2 CE1
Note 1. For best practice recommendations, refer to the Cypress application note AN1064, SRAM System Guidelines.
Cypress Semiconductor Corporation Document #: 001-15607 Rev. *A
*
198 Champion Court
*
San Jose, CA 95134-1709 * 408-943-2600 Revised June 07, 2007
[+] Feedback
CY62167E MoBL(R)
Pin Configuration[2, 3]
48-Pin TSOP I Top View
A15 A14 A13 A12 A11 A10 A9 A8 A19 NC WE CE2 NC BHE BLE A18 A17 A7 A6 A5 A4 A3 A2 A1
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
A16 BYTE Vss IO15/A20 IO7 IO14 IO6 IO13 IO5 IO12 IO4 Vcc IO11 IO3 IO10 IO2 IO9 IO1 IO8 IO0 OE Vss CE1 A0
Product Portfolio
Power Dissipation Product Min CY62167ELL 4.5 VCC Range (V) Typ[4] 5.0 Max 5.5 45 Speed (ns) Typ[4] 2.2 Operating ICC (mA) f = 1 MHz Max 4.0 25 f = fmax Typ[4] Max 30 Standby ISB2 (A) Typ[4] 1.5 Max 12
Notes 2. NC pins are not connected on the die. 3. The BYTE pin in the 48-TSOPI package must be tied to VCC to use the device as a 1M X 16 SRAM. The 48-TSOPI package can also be used as a 2M X 8 SRAM by tying the BYTE signal to VSS. In the 2M x 8 configuration, pin 45 is A20, while BHE, BLE and IO8 to IO14 pins are not used. 4. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25C.
Document #: 001-15607 Rev. *A
Page 2 of 12
[+] Feedback
CY62167E MoBL(R)
Maximum Ratings
Exceeding the maximum ratings may shorten the battery life of the device. User guidelines are not tested. Storage Temperature ................................ -65C to + 150C Ambient Temperature with Power Applied............................................ -55C to + 125C Supply Voltage to Ground Potential ........................................................... -0.5V to 6.0V DC Voltage Applied to Outputs in High-Z State[5, 6] ........................................... -0.5V to 6.0V DC Input Voltage[5, 6] ........................................-0.5V to 6.0V Output Current into Outputs (LOW) ............................ 20 mA Static Discharge Voltage........................................... >2001V (MIL-STD-883, Method 3015) Latch Up Current ..................................................... >200 mA
Operating Range
Device CY62167ELL Range Ambient Temperature VCC[7]
Industrial -40C to +85C 4.5V to 5.5V
Electrical Characteristics
Over the Operating Range Parameter VOH VOL VIH VIL IIX IOZ ICC Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Leakage Current Output Leakage Current VCC Operating Supply Current Test Conditions IOH = -1.0 mA IOL = 2.1mA VCC = 4.5V to 5.5V VCC = 4.5V to 5.5V GND < VI < VCC GND < VO < VCC, Output Disabled f = fMAX = 1/tRC f = 1 MHz VCC = VCC(max) IOUT = 0 mA CMOS levels 2.2 -0.5 -1 -1 25 2.2 1.5 45 ns Min 2.4 0.4 VCC + 0.5V 0.7[8] +1 +1 30 4.0 12 Typ[4] Max Unit V V V V A A mA mA A
ISB2[9]
Automatic CE Power Down CE1 > VCC - 0.2V or CE2 < 0.2V, Current--CMOS Inputs VIN > VCC - 0.2V or VIN < 0.2V, f = 0, VCC = VCC(max)
Capacitance[10]
Parameter CIN COUT Description Input Capacitance Output Capacitance TA = 25C, f = 1 MHz, VCC = VCC(typ) Test Conditions Max 10 10 Unit pF pF
Thermal Resistance[10]
Parameter JA JC Description Thermal Resistance (junction to ambient) Thermal Resistance (junction to case) Test Conditions Still air, soldered on a 3 x 4.5 inch, two-layer printed circuit board TSOP I 60 4.3 Unit C/W C/W
Notes 5. VIL(min) = -2.0V for pulse durations less than 20 ns. 6. VIH(max) = VCC + 0.75V for pulse durations less than 20 ns. 7. Full Device AC operation is based on a 100 s ramp time from 0 to VCC (min) and 200 s wait time after VCC stabilization. 8. Under DC conditions the device meets a VIL of 0.8V. However, in dynamic conditions Input LOW Voltage applied to the device must not be higher than 0.7V. 9. Only chip enables (CE1 and CE2), byte enables (BHE and BLE) and BYTE need to be tied to CMOS levels to meet the ISB2 / ICCDR spec. Other inputs can be left floating. 10. Tested initially and after any design or process changes that may affect these parameters.
Document #: 001-15607 Rev. *A
Page 3 of 12
[+] Feedback
CY62167E MoBL(R)
AC Test Loads and Waveforms
VCC OUTPUT
R1
VCC GND 10% R2
ALL INPUT PULSES 90% 90% 10% FALL TIME= 1 V/ns
30 pF INCLUDING JIG AND SCOPE
RISE TIME= 1 V/ns
EQUIVALENT TO: THEVENIN EQUIVALENT RTH OUTPUT V
Parameters R1 R2 RTH VTH
Values 1800 990 639 1.77
Unit V
Data Retention Characteristics
Over the Operating Range Parameter VDR ICCDR[9] Description VCC for Data Retention Data Retention Current VCC= VDR CE1 > VCC - 0.2V, CE2 < 0.2V, VIN > VCC - 0.2V or VIN < 0.2V 0 tRC Conditions Min 2.0 12 Typ[4] Max Unit V A
tCDR[10] tR[11]
Chip Deselect to Data Retention Time Operation Recovery Time
ns ns
Data Retention Waveform[12]
VCC(min) tCDR DATA RETENTION MODE VDR > 2.0 V VCC(min) tR
VCC CE1 or BHE. BLE or CE2
Notes 11. Full device operation requires linear VCC ramp from VDR to VCC(min) > 100 s or stable at VCC(min) > 100 s. 12. BHE. BLE is the AND of BHE and BLE. Deselect the chip by either disabling the chip enable signals or by disabling BHE and BLE.
Document #: 001-15607 Rev. *A
Page 4 of 12
[+] Feedback
CY62167E MoBL(R)
Switching Characteristics
Over the Operating Range[13, 14] Parameter READ CYCLE tRC tAA tOHA tACE tDOE tLZOE tHZOE tLZCE tHZCE tPU tPD tDBE tLZBE tHZBE tWC tSCE tAW tHA tSA tPWE tBW tSD tHD tHZWE tLZWE Read Cycle Time Address to Data Valid Data Hold from Address Change CE1 LOW and CE2 HIGH to Data Valid OE LOW to Data Valid OE LOW to LOW-Z[15] Low-Z[15] High-Z[15, 16] 0 45 45 10 18 5 18 10 18 OE HIGH to High-Z[15, 16] CE1 LOW and CE2 HIGH to CE1 HIGH and CE2 LOW to 10 45 22 45 45 ns ns ns ns ns ns ns ns ns ns ns ns ns ns Description 45 ns Min Max Unit
CE1 LOW and CE2 HIGH to Power Up CE1 HIGH and CE2 LOW to Power Down BLE/BHE LOW to Data Valid BLE/BHE LOW to BLE/BHE HIGH to Low-Z[15] HIGH-Z[15, 16]
WRITE CYCLE[17] Write Cycle Time CE1 LOW and CE2 HIGH to Write End Address Setup to Write End Address Hold from Write End Address Setup to Write Start WE Pulse Width BLE/BHE LOW to Write End Data Setup to Write End Data Hold from Write End WE LOW to High-Z[15, 16]
[15]
45 35 35 0 0 35 35 25 0 18 10
ns ns ns ns ns ns ns ns ns ns ns
WE HIGH to Low-Z
Notes 13. Test conditions for all parameters other than tri-state parameters assume signal transition time of 1 V/ns, timing reference levels of VCC(typ)/2, input pulse levels of 0 to VCC(typ), and output loading of the specified IOL/IOH as shown in "AC Test Loads and Waveforms" on page 4. 14. AC timing parameters are subject to byte enable signals (BHE or BLE) not switching when chip is disabled. See application note AN13842 for further clarification. 15. At any temperature and voltage condition, tHZCE is less than tLZCE, tHZBE is less than tLZBE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any device. 16. tHZOE, tHZCE, tHZBE, and tHZWE transitions are measured when the outputs enter a high impedance state. 17. The internal write time of the memory is defined by the overlap of WE, CE1 = VIL, BHE or BLE or both = VIL, and CE2 = VIH. All signals must be active to initiate a write and any of these signals can terminate a write by going inactive. The data input setup and hold timing should be referenced to the edge of the signal that terminates the write.
Document #: 001-15607 Rev. *A
Page 5 of 12
[+] Feedback
CY62167E MoBL(R)
Switching Waveforms
Figure 1 shows address transition controlled read cycle waveforms.[18, 19] Figure 1. Read Cycle No. 1
tRC RC ADDRESS tOHA DATA OUT PREVIOUS DATA VALID tAA DATA VALID
Figure 2 shows OE controlled read cycle waveforms.[19, 20] Figure 2. Read Cycle No. 2
ADDRESS tRC CE1 CE2 tACE BHE/BLE tDBE tLZBE OE tDOE DATA VALID tHZOE HIGH IMPEDANCE tHZBE tPD tHZCE
DATA OUT
tLZOE HIGH IMPEDANCE tLZCE
VCC SUPPLY CURRENT
tPU
50%
50%
ICC ISB
Notes 18. The device is continuously selected. OE, CE1 = VIL, BHE, BLE or both = VIL, and CE2 = VIH. 19. WE is HIGH for read cycle. 20. Address valid before or similar to CE1, BHE, BLE transition LOW and CE2 transition HIGH.
Document #: 001-15607 Rev. *A
Page 6 of 12
[+] Feedback
CY62167E MoBL(R)
Switching Waveforms (continued)
Figure 3 shows WE controlled write cycle waveforms.[17, 21, 22] Figure 3. Write Cycle No. 1
tWC ADDRESS tSCE CE1 CE2 tAW WE tSA tPWE tHA
BHE/BLE
tBW
OE tSD DATA IO NOTE 23 tHZOE VALID DATA
tHD
Notes 21. Data IO is high impedance if OE = VIH. 22. If CE1 goes HIGH and CE2 goes LOW simultaneously with WE = VIH, the output remains in a high impedance state. 23. During this period the IOs are in output state and input signals must not be applied.
Document #: 001-15607 Rev. *A
Page 7 of 12
[+] Feedback
CY62167E MoBL(R)
Switching Waveforms (continued)
Figure 4 shows CE1 or CE2 controlled write cycle waveforms.[17, 21, 22] Figure 4. Write Cycle No. 2
tWC ADDRESS tSCE CE1 CE2 tSA tAW tPWE tHA
WE
BHE/BLE
tBW
OE DATA IO NOTE 23 tHZOE
tSD VALID DATA
tHD
Figure 5 shows WE controlled, OE LOW write cycle waveforms.[22] Figure 5. Write Cycle No. 3
tWC ADDRESS tSCE CE1 CE2
BHE/BLE tAW tSA WE
tBW
tHA tPWE
tSD DATA IO NOTE 23 VALID DATA
tHD
tHZWE
tLZWE
Document #: 001-15607 Rev. *A
Page 8 of 12
[+] Feedback
CY62167E MoBL(R)
Switching Waveforms (continued)
Figure 6 shows BHE/BLE controlled, OE LOW write cycle waveforms.[22] Figure 6. Write Cycle No. 4
tWC ADDRESS
CE1 CE2 tSCE tAW BHE/BLE tSA WE tPWE tSD DATA IO NOTE 23 VALID DATA tHD tBW tHA
Document #: 001-15607 Rev. *A
Page 9 of 12
[+] Feedback
CY62167E MoBL(R)
Truth Table
CE1 H X X L L L L L L L L L CE2 X L X H H H H H H H H H WE X X X H H H H H H L L L OE X X X L L L H H H X X X BHE X X H L H L L H L L H L BLE X X H L L H H L L L L H Inputs Outputs High-Z High-Z High-Z Data Out (IO0-IO15) Data Out (IO0-IO7); High-Z (IO8-IO15) High-Z (IO0-IO7); Data Out (IO8-IO15) High-Z High-Z High-Z Data In (IO0-IO15) Data In (IO0-IO7); High-Z (IO8-IO15) High-Z (IO0-IO7); Data In (IO8-IO15) Mode Deselect/Power Down Deselect/Power Down Deselect/Power Down Read Read Read Output Disabled Output Disabled Output Disabled Write Write Write Power Standby (ISB) Standby (ISB) Standby (ISB) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC)
Ordering Information
Speed (ns) 45 Ordering Code CY62167ELL-45ZXI Package Diagram 51-85183 Package Type 48-pin TSOP I (Pb-free) Operating Range Industrial
Document #: 001-15607 Rev. *A
Page 10 of 12
[+] Feedback
CY62167E MoBL(R)
Package Diagram
Figure 7. 48-Pin TSOP I (12 mm x 18.4 mm x 1.0 mm), 51-85183
DIMENSIONS IN INCHES[MM] MIN. MAX. JEDEC # MO-142 0.037[0.95] 0.041[1.05]
1 N
0.020[0.50] TYP.
0.472[12.00]
0.007[0.17] 0.011[0.27]
0.724 [18.40] 0.047[1.20] MAX. 0.787[20.00] SEATING PLANE 0.004[0.10] 0.004[0.10] 0.008[0.21] 0.020[0.50] 0.028[0.70] 0.010[0.25] GAUGE PLANE
0.002[0.05] 0.006[0.15]
0-5
51-85183-*A
Document #: 001-15607 Rev. *A
Page 11 of 12
(c) Cypress Semiconductor Corporation, 2007. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. MoBL is a registered trademark and More Battery Life is a trademark of Cypress Semiconductor. All product and company names mentioned in this document are the trademarks of their respective holders. Any Source Code (software and/or firmware) is owned by Cypress Semiconductor Corporation (Cypress) and is protected by and subject to worldwide patent protection (United States and foreign), United States copyright laws and international treaty provisions. Cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the Cypress Source Code and derivative works for the sole purpose of creating custom software and or firmware in support of licensee product to be used only in conjunction with a Cypress integrated circuit as specified in the applicable agreement. Any reproduction, modification, translation, compilation, or representation of this Source Code except as specified above is prohibited without the express written permission of Cypress. Disclaimer: CYPRESS MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARD TO THIS MATERIAL, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE. Cypress reserves the right to make changes without further notice to the materials described herein. Cypress does not assume any liability arising out of the application or use of any product or circuit described herein. Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress' product in a life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Use may be limited by and subject to the applicable Cypress software license agreement.
[+] Feedback
CY62167E MoBL(R)
Document History Page
Document Title: CY62167E MoBL(R) 16-Mbit (1M x 16 / 2M x 8) Static RAM Document Number: 001-15607 REV. ** *A ECN NO. Issue Date 1103145 1138903 See ECN See ECN Orig. of Change VKN VKN Description of Change New Data Sheet Converted from preliminary to final Changed ICC(max) spec from 2.8 mA to 4.0 mA for f=1MHz Changed ICC(typ) spec from 22 mA to 25 mA for f=fmax Changed ICC(max) spec from 25 mA to 30 mA for f=fmax Added footnote# 8 related to VIL Changed ICCDR spec from 10 A to 12 A Added footnote# 14 related to AC timing parameters
Document #: 001-15607 Rev. *A
Page 12 of 12
[+] Feedback


▲Up To Search▲   

 
Price & Availability of CY62167ELL-45ZXI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X