Part Number Hot Search : 
BAT54AW KAD5610P DSS30 ZTB481E NL1027 22B12 CS1527 SMT20C2
Product Description
Full Text Search
 

To Download CUSOE3390 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.2X5 mm SMD, 3.3V, CMOS
Frequency Range: Frequency Stability: Temperature Range: Operating: (Option M) (Option E) Storage: Input Voltage: Input Current: Standby Mode: Output: Symmetry: Rise/Fall Time: Logic: Load: Jitter: 12KHz to 20MHz
CUSO33xx Model
ree dF ea oHS nt L R plia m Co
Clock Oscillator
1.544MHz to 106.25MHz 25ppm to 100ppm 0C to 70C -20C to 70C -40C to 85C -55C to 120C 3.3V 0.3V <30MHz 4-10mA (freq. dependent) >31MHz 10-20mA (freq. dependent) 5uA Max CMOS 45/55% Max @ 50% Vdd 2ns Typ., 4ns Max "0" = 10% Vdd Max "1" = 90% Vdd Min 15pF Max 0.5ps Typ, 1ps Max RMS
Designed to meet application requirements for smaller layout areas. The CUSO (Crystek Ultra Small Oscillator) Series utilizes fundamental and 3rd overtone crystal design thereby providing the proven performance of our larger 5x7mm package. Standby mode and Powersave Pull-up Resistance is standard. Packaged on tape and reel in quantities of 1K.
Aging:
<3ppm 1st/yr, 1ppm every year thereafter
SUGGESTED PAD LAYOUT .047 (1.20 ) #1 #2 #3 .100 .007 (2.54 .2) .039 (1.0) .063 SQ (1.60)
Dimensions inches (mm) All dimensions are Max unless otherwise specified. .205 Max (5.2)
P/N DC Freq
Denotes pad 1
.134 Max (3.4)
.043 .004 #4 (1.1 .1)
.086 (2.2)
.100 (2.54) 0.01uF Bypass Capacitor Recommended
RECOMMENDED REFLOW SOLDERING PROFILE TEMPERATURE
260C 217C 200C 150C
Ramp-Up 3C/Sec Max. Critical Temperature Zone Ramp-Down 6C/Sec.
Crystek Part Number Guide
Example: CUSO3392-44.736 Example: CUSOM3392-44.736 Example: CUSOE3392-44.736 Temperature
0/ 70C -20/ 70C -40/ 85C
Frequency Stability +/- 100ppm +/- 50ppm +/- 25ppm
Preheat 180 Secs. Max. 8 Minutes Max.
90 Secs. Max.
CUSO3390 CUSOM3390 CUSOE3390 CUSO3392 CUSOM3392 CUSOE3392 CUSO3391 CUSOM3391 CUSOE3391
260C for 10 Secs. Max. NOTE: Reflow Profile with 240C peak also acceptable. mA M OUT pin 4
Vdd OUT
Standby Function Function pin 1 Open "1" level .7Vcc Min "0" level .3Vcc Max Output pin Active Active High Z Oscillator State Normal Operation Normal Operation Stopped
pin 3 OSC.
GND
PWR Supply
O/P Load incl Probe Cl
VM
Bypass Cap. pin 1
pin 2
High Impedance GND or "LOW"
Oscillation OPEN or "HIGH"
Specifications subject to change without notice.
TD-021102 Rev. C


▲Up To Search▲   

 
Price & Availability of CUSOE3390

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X