Part Number Hot Search : 
RXXP09D SSA339 NTE4915 GI1404 NTE4915 198NT1 1N6674 IP3002
Product Description
Full Text Search
 

To Download CHA3667A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHA3667A
7-20GHz Medium Power Amplifier
GaAs Monolithic Microwave IC Description
The CHA3667A is a wide band monolithic medium power amplifier. It is designed for a wide range of applications, from military to commercial communication systems. The circuit is manufactured with a Power-HEMT process, 0.15m gate length, via hole through the substrate. It is ESD protected on RF ports thanks to DC specific filter circuits . It is supplied in chip form.
Vd
RFin
RFout
Main Features.
Broadband performance 7-20GHz Self biased 23dB gain @2.7dB noise figure 20 dBm Output power at 1dB compression DC power consumption, 175 mA @4.2V Chip size:2,45 x1,21x0,1 mm
S21
S11 S22
Main Characteristics
Tamb. = 25 Vd = 4.2V C, Symbol Fop G NF P-1dB Id Parameter Input frequency range Small signal gain Noise Figure Output power at 1dB gain compression Bias current Min 7 23 2.7 20 175 Typ Max 20 Unit GHz dB dB dBm mA
ESD Protections : Electrostatic discharge sensitive device observe handling precautions !
Electrical Characteristics on wafer
Ref. : DSCHA3667A7296 - 23 Oct 07 1/8 Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Departementale 128 - B.P.46 - 91401 Orsay Cedex France Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
CHA3667A
Tamb. = 25 Vd = 4.2V C, Symbol Fop G Parameter Operating frequency range Gain (7-8 GHz) (8-20 GHz) NF Noise figure (7-18 GHz) Noise figure (19-20 GHz) RLin RLout IP3 Input Return Loss Output Return Loss Output IP3 Pout at 1dB gain compression: P1dB ( 7-13 GHz) (14-20 GHz) Isol Vd Id Reverse isolation Drain bias voltage Drain bias current Min 7
7-20GHz Amplifier
Typ
Max 20
Unit GHz dB
21 23 2.5 3 -10 (1) -10 28 dB dB dB dB dBm
20 21 45 4.2 175
dBm dBm dB V mA
These values are representative for on wafer measurements that are made without bonding wires at the RF ports. (1) Typical Rlin at 20GHz is -8dB
Ref. : DSCHA3667A7296 - 23 Oct 07
2/8
Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
7-20GHz Amplifier
Absolute Maximum Ratings (1)
Tamb. = +25 C Symbol Vd Id Pin Tch
Ta
CHA3667A
Parameter Drain bias voltage Drain bias current RF input power (2) Maximum chanel temperature Operating temperature range Storage temperature range
Values 4.5 240 3 +175
-40 to +85
Unit V mA dBm C
C
Tstg
.
-55 to +125
C
(1)Operation of this device above anyone of these paramaters may cause permanent damage. (2)Duration<1s
Ref. : DSCHA3667A7296 - 23 Oct 07
3/8
Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
CHA3667A
Typical Measured Performance
On wafer measurement (without bonding wires at the RF ports) Tamb.=+25 Vd=+4.2V Id=175mA C,
7-20GHz Amplifier
Gain & Return Losses versus frequency
30 25 20 15 10 5 0 -5 -10 -15 -20 -25 -30 0 2 4 6 8
Gain & Return Losses (dB)
S21
S11 S22
10 12 14 16 18 20 22 24 26 Frequency ( GHz)
Noise Figure versus Frequency
5.0 4.5 4.0 3.5 NF (dB) 3.0 2.5 2.0 1.5 1.0 0.5 0.0 6 8 10 12 14 16 18 20 Frequency ( GHz)
Ref. : DSCHA3667A7296 - 23 Oct 07 4/8 Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
7-20GHz Amplifier
Pout, Gain & Id versus Pin @ 7GHz
26 24 22 20 18 16 14 12 10 8 6 4 2 0 -20 Pout( dBm) & Gain (dB) 290
CHA3667A
Gain
Pout
270 Id (mA) 250 230
Id
210 190 170
-15
-10 Pin (dB)
-5
0
Pout, Gain & Id versus Pin @16GHz
26 24 22 20 18 16 14 12 10 8 6 4 2 0 -20 Pout( dBm) & Gain (dB) 290
Gain
Pout
270 Id (mA) 250 230
Id
210 190 170
Pout, Gain & Id versus Pin @20GHz
26 24 22 20 18 16 14 12 10 8 6 4 2 0 -20 Pout (dBm) & Gain (dB) 290
-15
-10 Pin (dB)
-5
0
Gain
Pout
270 Id (mA) 250 230
Id
210 190 170
-15
-10 Pin (dB)
-5
0
Output Power @1dB compression versus Frequency
26 24 22 20 18 16 14 12 10 8 6 4 2 0 6 8
Pout @1dB compression (dBm)
Pout@ 1 dB compression
10
12
14
16
18
20
Freq ( GHz)
Ref. : DSCHA3667A7296 - 23 Oct 07
5/8
Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
CHA3667A
Typical Chip on wafer Sij parameters
Tamb.=+25 Vd1=+4.2V, Id=175mA C,
7-20GHz Amplifier
Ref. : DSCHA3667A7296 - 23 Oct 07
6/8
Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
7-20GHz Amplifier
Chip Assembly and Mechanical Data
DC drain supply feed
CHA3667A
10nF
120pF
Vd OUT
IN
Note : 25m diameter gold wire is to be prefered. DC Pad size : 86/83m . RF Pad size: 105/171 m RF wire bondings should be as short as possible, lower than 0.35mm. Chip thickness: 100m .10 m
Bonding pad position
Ref. : DSCHA3667A7296 - 23 Oct 07
7/8
Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
CHA3667A
Notes
7-20GHz Amplifier
-Due to ESD protection circuits on RF input and output, an external capacitance might be requested to isolate the product from external voltage that could be present on the RF accesses.
-Due to BCB coating on the chip, qualification domain implies the chip must be glued.
Ordering Information Chip form: CHA3667A98F/00
Information furnished is believed to be accurate and reliable. However United Monolithic Semiconductors S.A.S. assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of United Monolithic Semiconductors S.A.S.. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. United Monolithic Semiconductors S.A.S. products are not authorised for use as critical components in life support devices or systems without express written approval from United Monolithic Semiconductors S.A.S.
Ref. : DSCHA3667A7296 - 23 Oct 07
8/8
Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09


▲Up To Search▲   

 
Price & Availability of CHA3667A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X