Part Number Hot Search : 
23240 1100E 2SC544 AM28F021 NJW1190 D4066 1802FX TDA9556
Product Description
Full Text Search
 

To Download CAT4004VP2-GT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAT4004 4-Channel Constant Current LED Driver with EZDimTM
FEATURES
Four LED current sinks with tight matching Low Dropout Driver 130mV at 30mA No switching noise Shutdown current < 1A LED current set by external resistor Dimming via 1-wire EZDimTM interface Thermal shutdown protection RoHS Compliant 8-lead 2mm x 3mm TDFN package
DESCRIPTION
The CAT4004 provides four matched low dropout current sources to drive LEDs. An external resistor on RSET sets the current in the LED channels. Each LED channel includes an individual control loop allowing the device to handle a wide range of LED forward voltages while still maintaining tight current matching. The EN/DIM logic inputs supports device enable and a digital dimming interface for current setting of all LEDs. Six different current dimming ratios are available. The device is aimed at "direct drive" battery applications. It is required that the battery or voltage source have enough headroom to drive the LED forward voltage and current sink (>150mV). The device is available in a tiny 8-lead TDFN 2mm x 3mm package with a max height of 0.8mm.
APPLICATIONS
LCD Display Backlight Cellular Phones Digital Still Cameras Handheld Devices
ORDERING INFORMATION
Part Number CAT4004VP2-T3 Package TDFN-8
(1)
Quantity per Reel 3000 3000
Package Marking FT HA
For Ordering Information details, see page 10.
CAT4004VP2-GT3 TDFN-8 (2)
Notes: (1) Matte-Tin Plated Finish (RoHS-compliant). (2) NiPdAu Plated Finish (RoHS-compliant).
PIN CONFIGURATION
8-lead TDFN Package
(Top View) EN/DIM 1 GND 2 LED1 3 LED2 4 CAT4004
8 VIN 7 RSET 6 LED4 5 LED3
TYPICAL APPLICATION CIRCUIT
VIN 2.4V to 5.5V CIN 1F LED1 LED2 LED3 LED4 VIN One wire programming RSET 3.8k EN/DIM RSET GND CAT4004 20mA
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
1
Doc. No. MD-5024 Rev. B
CAT4004 ABSOLUTE MAXIMUM RATINGS
Parameter VIN, LEDx, RSET EN/DIM Voltage Storage Temperature Range Junction Temperature Range Lead Temperature Rating 6 VIN + 0.7 -65 to +160 -40 to +150 300 Unit V V C C C
RECOMMENDED OPERATING CONDITIONS
Parameter VIN Ambient Temperature Range ILED per LED pin Rating 2.4 to 5.5 0 to 40
(1)
Unit V C mA
-40 to +85
Typical application circuit with external components is shown on page 1.
ELECTRICAL OPERATING CHARACTERISTICS
(over recommended operating conditions unless specified otherwise) VIN = 4.0V, EN = High, TAMB = 25C Symbol IQ IQSHDN ILED-ACC ILED-DEV VDOUT REN/DIM VHI VLO TSD THYS VUVLO Name Quiescent Current Shutdown Current LED Current Accuracy LED Channel Matching Dropout Voltage EN/DIM Pin * Internal pull-down resistor * Logic High Level * Logic Low Level Thermal Shutdown Thermal Hysteresis Undervoltage lockout (UVLO) threshold Conditions No load, RSET = Float No load, RSET = 4.8k VEN = 0V 1mA ILED 40mA ILED - ILEDAVG ILED ILED = 30mA Min Typ 0.6 1.0 1 1 -5 1 130 100 1.3 0.4 150 20 1.8 +5 Max Units mA mA A % % mV k V V C C V
Doc. No. MD-5024 Rev. B
2
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT4004 RECOMMENDED EN/DIM TIMING
For 2.4 VIN 5.5V, over full ambient temperature range -40C to +85C. Symbol TSETUP TLO THI TPWRDWN TLED Name EN/DIM setup from shutdown EN/DIM program low time EN/DIM program high time EN/DIM low time to shutdown LED current settling time
TSETUP THI
Conditions
Min 10 0.2 0.2 1.5
Typ
Max 100
Units s s s ms
40
TPWRDWN
s
EN/DIM TLED 100% 50% LED Current Shutdown 25% TLO 100%
12.5% 6.25% 3.12%
Shutdown
Figure 1. EN/DIM Dimming Timing Diagram
EN/DIM number of pulses * LOW Transitions HIGH 1 2 3
st nd rd th
RSET Gain Shutdown mode 132 66 33 16.5 8.25 4.125 132 Device will keep cycling through gain selection
LED Current Zero 132 x 0.6V/RSET 66 x 0.6V/RSET 33 x 0.6V/RSET 16.5 x 0.6V/RSET 8.25 x 0.6V/RSET 4.125 x 0.6V/RSET 132 x 0.6V/RSET GAIN x 0.6V/RSET
4
5th 6th x
th
* The gain is changed on the rising edges of the EN/DIM input.
LED CURRENT SELECTION
At power-up, the initial LED current is set to full scale (100% brightness) by the external resistor RSET as follows: 0 .6 V LED current = 132 x R SET The EN/DIM pin has two primary functions. One function enables and disables the device. The other function is LED current dimming with six different levels by pulsing the input signal, as shown on Figure 3. On each consecutive pulse rising edge, the LED current is divided by half to 50%, then 25%, 12.5%, 6.25% and 3.125% dimming levels. Pulses faster than the minimum TLO may be ignored and filtered by the device. Pulses longer than the maximum TLO may shutdown the device. The LED driver enters a "zero current" shutdown mode if EN/DIM is held low for 1.5ms or more.
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
3
Doc. No. MD-5024 Rev. B
CAT4004 TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 4V, VF = 3.3V, IOUT = 80mA (4 LEDs at 20mA), CIN = 1F, TAMB = 25C unless otherwise specified. Quiescent Current vs. Input Voltage
1.4 QUIESCENT CURRENT [mA]
QUIESCENT CURRENT [mA]
Quiescent Current vs. Temperature
1.4 1.2 1.0
1.2
1.0 0.8
0.8 0.6 -40 0 40 80 TEMPERATURE [C] 120
0.6 2.5 3.0 3.5 4.0 4.5 5.0 INPUT VOLTAGE [V] 5.5
LED Current Change vs. Input Voltage
LED CURRENT CHANGE [%]
LED CURRENT CHANGE [%]
LED Current Change vs. Temperature
10 8 6 4 2 0 -2 -4 -6 -8 -10 -40 0 40 80 TEMPERATURE [C] 120
1.0 0.8 0.6 0.4 0.2 0.0 -0.2 -0.4 -0.6 -0.8 -1.0 3.0 3.5 4.0 4.5 5.0 INPUT VOLTAGE [V] 5.5
LED Current vs. RSET Resistor
40 LED CURRENT [mA]
30
20
10
0 0 5 10 RSET [k] 15 20
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
4
Doc. No. MD-5024 Rev. B
CAT4004 TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 4V, VF = 3.3V, IOUT = 80mA (4 LEDs at 20mA), CIN = 1F, TAMB = 25C unless otherwise specified. RSET Pin Voltage vs. Input Voltage
0.7 RSET VOLTAGE [V]
RSET VOLTAGE [V]
RSET Pin Voltage vs. Temperature
0.7 0.6 0.5 0.4 0.3 0.2
0.6 0.5 0.4 0.3 0.2 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 INPUT VOLTAGE [V]
-40
0 40 80 TEMPERATURE [C]
120
LED Current vs. LED Pin Voltage
40 LED CURRENT [mA]
LED CURRENT [mA] 40
Dropout Characteristics
30
30
20
20
10
10
0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 LED PIN VOLTAGE [V]
0 0 50 100 150 200 250 LED PIN VOLTAGE [mV] 300
Efficiency vs. Input Voltage
100 90 EFFICIENCY [%] 80 70 60 50 5.0 4.5 4.0 3.5 3.0 2.5 INPUT VOLTAGE [V] 2.0
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
5
Doc. No. MD-5024 Rev. B
CAT4004 TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 4V, VF = 3.3V, IOUT = 80mA (4 LEDs at 20mA), CIN = 1F, TAMB = 25C unless otherwise specified. Power Up Waveform Power Down Waveform
Line Transient Waveform 4V to 5.5V
Dimming Waveform 80mA to 40mA
Doc. No. MD-5024 Rev. B
6
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT4004 PIN DESCRIPTIONS
Pin # 1 2 3 4 5 6 7 8 TAB Name EN/DIM GND LED1 LED2 LED3 LED4 RSET VIN TAB Function Device enable (active high) and dimming control Ground reference LED1 cathode terminal LED2 cathode terminal LED3 cathode terminal LED4 cathode terminal RSET external LED mirror gain 128 Device supply input, connect to battery or supply Connect to GND on the PCB
PIN FUNCTION
VIN is the supply pin for the device logic. A small 1F ceramic bypass capacitor is required between the VIN pin and ground near the device. The operating input voltage range is from 2.5V to 5.5V. Whenever the input supply falls below the under-voltage threshold (1.8V), all the LED channels are disabled and the device enters shutdown mode. EN/DIM is the enable and one wire dimming input for all LED channels. Levels of logic high and logic low are set at 1.3V and 0.4V respectively. When EN/DIM is initially taken high, the device becomes enabled and all LED currents are set to the full scale according to the resistor RSET. To place the device into "zero current" shutdown mode, the EN/DIM pin must be held low for at least 1.5ms. LED1 to LED4 provide the internal regulated current for each of the LED cathodes. There pins enter a high impedance zero current state whenver the device is placed in shutdown mode. RSET is connected to the resistor (RSET) to set the full scale current for the LEDs. The voltage at this pin is regulated to 0.6V. The ground side of the external resistor should be star connected back to the GND of the PCB. In shutdown mode, RSET beomes high impedance. GND is the ground reference for the device. The pin must be connected to the ground plane on the PCB. TAB is the exposed pad underneath the package. For best thermal performance, the tab should be soldered to the PCB and connected to the ground plane.
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
7
Doc. No. MD-5024 Rev. B
CAT4004 BLOCK DIAGRAM
VIN
LED1
LED2
LED3
VIN
Undervoltage Lockout Reference Voltage
RSET
Current Setting DAC
EN/DIM
Serial Interface 100k
Register
4 Current Sink Regulators
GND
Figure 2. CAT4004 Functional Block Diagram
BASIC OPERATION
The CAT4004 uses four tightly matched current sinks to accurately regulate LED current in each channel proportional to the current sourced from the RSET pin.
ILED = GAIN x 0.6 V R SET
Each LED channel needs a minimum of 150mV headroom to sink constant regulated current. If the input supply falls below 1.8V, the under-voltage lockout circuit disables all LED channels and resets the circuit to default values. Any unused LED channels should be left open.
There are six different gain settings for LED brightness that can be set through the EN/DIM pin. The default gain on power-up is 132. Tight current regulation for all channels is possible over a wide range of input and LED voltages due to independent current sensing circuitry on each channel.
Doc. No. MD-5024 Rev. B
8
LED4
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT4004 PACKAGE OUTLINE DRAWING
TDFN 8-Pad 2 x 3mm (VP2)
(1)(2)
D
A
e
b
E
E2 PIN#1 IDENTIFICATION
A1 PIN#1 INDEX AREA D2 L
TOP VIEW
SIDE VIEW
BOTTOM VIEW
SYMBO L A A1 A2 A3 b D D2 E E2 e L
MIN 0.70 0.00 0.45 0.20 1.90 1.30 2.90 1.20 0.20
NOM 0.75 0.02 0.55 0.20 REF 0.25 2.00 1.40 3.00 1.30 050 TYP 0.30
MAX 0.80 0.05 0.65 0.30 2.10 1.50 3.10 1.40 0.40
A2 A3
FRONT VIEW
For current Tape & Reel information, download the pdf file from: http://www.catsemi.com/documents/tapeandreel.pdf
Notes: (1) All dimensions are in millimeters. (2) Complies with JEDEC standard MO-229.
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
9
Doc. No. MD-5024 Rev. B
CAT4004 EXAMPLE OF ORDERING INFORMATION 1
Prefix CAT
Device # 4004
Suffix VP2 - G T2
Product Number 4004 Optional Company ID Package VP2: TDFN 2 x 3mm
Lead Finish G: NiPdAu Blank: Matte-Tin(4)
Tape & Reel T: Tape & Reel 3: 3000/Reel
Notes: (1) All packages are RoHS-compliant (Lead-free, Halogen-free). (2) The standard lead finish is NiPdAu. (3) The device used in the above example is a CAT4004VP2-GT3 (TDFN, NiPdAu Plated Finish, Tape & Reel 3000). (4) For Matte-Tin package option, please contact your nearest Catalyst Semiconductor Sales office.
Doc. No. MD-5024 Rev. B
10
(c) Catalyst Semiconductor, Inc. Characteristics subject to change without notice
REVISION HISTORY
Date 03/15/2007 Rev. A Reason Initial Issue Add NiPdAu lead finish Add Extended Temperature range Update Package Outline Drawing Update Example of Ordering Information Add "MD-" to Document Number
01/07/2008
B
Copyrights, Trademarks and Patents (c) Catalyst Semiconductor, Inc. Trademarks and registered trademarks of Catalyst Semiconductor include each of the following: Adaptive AnalogTM, Beyond MemoryTM, DPPTM, EZDimTM, LDDTM, MiniPotTM, Quad-ModeTM and Quantum Charge ProgrammableTM Catalyst Semiconductor has been issued U.S. and foreign patents and has patent applications pending that protect its products. CATALYST SEMICONDUCTOR MAKES NO WARRANTY, REPRESENTATION OR GUARANTEE, EXPRESS OR IMPLIED, REGARDING THE SUITABILITY OF ITS PRODUCTS FOR ANY PARTICULAR PURPOSE, NOR THAT THE USE OF ITS PRODUCTS WILL NOT INFRINGE ITS INTELLECTUAL PROPERTY RIGHTS OR THE RIGHTS OF THIRD PARTIES WITH RESPECT TO ANY PARTICULAR USE OR APPLICATION AND SPECIFICALLY DISCLAIMS ANY AND ALL LIABILITY ARISING OUT OF ANY SUCH USE OR APPLICATION, INCLUDING BUT NOT LIMITED TO, CONSEQUENTIAL OR INCIDENTAL DAMAGES. Catalyst Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Catalyst Semiconductor product could create a situation where personal injury or death may occur. Catalyst Semiconductor reserves the right to make changes to or discontinue any product or service described herein without notice. Products with data sheets labeled "Advance Information" or "Preliminary" and other products described herein may not be in production or offered for sale. Catalyst Semiconductor advises customers to obtain the current version of the relevant product information before placing orders. Circuit diagrams illustrate typical semiconductor applications and may not be complete.
Catalyst Semiconductor, Inc. Corporate Headquarters 2975 Stender Way Santa Clara, CA 95054 Phone: 408.542.1000 Fax: 408.542.1200 2Hwww.catsemi.com
Document No: MD-5024 Revision: B Issue date: 01/07/08


▲Up To Search▲   

 
Price & Availability of CAT4004VP2-GT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X