Part Number Hot Search : 
78L05A G3202 ON0190 SB260 IRHNA 16021 Y7C256 4LS37
Product Description
Full Text Search
 

To Download C527XT290-S0100-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XThin(R) LEDs
CxxxXT290-Sxx00-A
Cree's XThin LEDs are the next generation of solid-state LED emitters that combine highly efficient InGaN materials with Cree's proprietary G*SiC(R) substrate to deliver superior price/performance for high-intensity LEDs. These LED chips have a geometrically enhanced Epi-down design to maximize light extraction efficiency and require only a single wire bond connection. These vertically structured LED chips are approximately 115 microns in height and require a low forward voltage. Cree's XTTM chips are tested for conformity to optical and electrical specifications and the ability to withstand 1000V ESD. Applications for XThin LEDs include next-generation mobile appliances for use in their LCD backlights and digital camera flash where brightness, sub-miniaturization, and low power consumption are required.
FEATURES
* XThin LED Performance
460 & 470 nm
APPLICATIONS
* * * Cellular Phone LCD Backlighting Digital Camera Flash for Mobile Appliance Mobile Phone Key Pads - White LEDs - Blue LEDs - Green LEDs Automotive Dashboard Lighting LED Video Displays Audio Product Display Lighting Traffic Signals
- - - - -

XT-12TM XT-16TM XT-18TM XT-21TM XT-24TM
- - - - -
12.0 16.0 18.0 21.0 24.0
mW mW mW mW mW
min. min. min. min. min.
505nm - 8.5 mW min. 527nm - 7.0 mW min.
* * * *
Thin 115 m Chip Low Forward Voltage - 3.2 Typical at 20 mA Single Wire Bond Structure Class 2 ESD Rating
* * * *
CxxxXT290-Sxx00-A Chip Diagram
Top View
Bottom View
Die Cross Section
R3BV, Rev. H Datasheet: CP
G*SiC LED Chip 300 x 300 m Gold Bond Pad 105 m Diameter
Backside Metalization Cathode (-) SiC Substrate t = 115m
Anode (+)
Subject to change without notice. www.cree.com
Maximum Ratings at TA = 25C Notes &3 DC Forward Current Peak Forward Current (1/10 duty cycle @ 1kHz) LED Junction Temperature Reverse Voltage Operating Temperature Range Storage Temperature Range Electrostatic Discharge Threshold (HBM)
Note 2
CxxxXT290-Sxx00-A 30mA 100mA 125C 5V -40C to +100C -40C to +100C 1000V Class 2
Note 3
Electrostatic Discharge Classification (MIL-STD-883E)Note 2 Typical Electrical/Optical Characteristics at T = 25C, If = 20mA Part Number Forward Voltage (Vf, V) Min. C460XT290-Sxx00-A C470XT290-Sxx00-A C505XT290-S0100-A C527XT290-S0100-A Mechanical Specifications Description P-N Junction Area (m) Top Area (m) Bottom Area (m) Chip Thickness (m) Au Bond Pad Diameter (m) Au Bond Pad Thickness (m) Back Contact Metal Area (m) Back Contact Metal Thickness (m) (Au/Sn)
Note 4
Reverse Current [I(Vr=5V), A] Max. 2 2 2 2
Full Width Half Max (D, nm) Typ. 21 22 30 35 CxxxXT290-Sxx00-A Dimension 250 x 250 200 x 200 300 x 300 115 105 1.2 210 x 210 1.7 Tolerance 25 25 25 15 -5, +15 0.5 25 0.3
Typ. 3.2 3.2 3.2 3.2
Max. 3.7 3.7 3.7 3.7
2.7 2.7 2.7 2.7
Notes:
1.
2. 3.
4. 5. 6. 7.
Maximum ratings are package dependent. The above ratings were determined using a T-1 3/4 package (with Hysol OS4000 epoxy) for characterization. Ratings for other packages may differ. The forward currents (DC and Peak) are not limited by the die but by the effect of the LED junction temperature on the package. The junction temperature limit of 125C is a limit of the T-1 3/4 package; junction temperature should be characterized in a specific package to determine limitations. Assembly processing temperature must not exceed 325C (< 5 seconds). See Cree Xthin Applications Note for more assembly process information. Product resistance to electrostatic discharge (ESD) according to the HBM is measured by simulating ESD using a rapid avalanche energy test (RAET). The RAET procedures are designed to approximate the maximum ESD ratings shown. The RAET procedure is performed on each die. The ESD classification of Class 2 is based on sample testing according to MIL-STD-883E. All products conform to the listed minimum and maximum specifications for electrical and optical characteristics when assembled and operated at 20 mA within the maximum ratings shown above. Efficiency decreases at higher currents. Typical values given are within the range of average values expected by manufacturer in large quantities and are provided for information only. All measurements were made using lamps in T-1 3/4 packages (with Hysol OS4000 epoxy). Optical characteristics measured in an integrating sphere using Illuminance E. Back contact metal is 80%/20% Au/Sn by weight, with target eutectic melting temperature of approximately 282C. See XBright(R) Applications Note for detailed packaging recommendations. Caution: To avoid leakage currents and achieve maximum output efficiency, die attach material must not contact the side of the chip. See Cree XBright Applications Note for more information. XThin chips are shipped with the junction side down, not requiring a die transfer prior to die attach. Specifications are subject to change without notice.
Copyright (c) 2003-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo, G*SiC, XThin and XBright are registered trademarks, and XT, XT-12, XT-16, XT-18, XT-21 and XT-24 are trademarks of Cree, Inc.
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com
2
CPR3BV Rev. H
Standard Bins for CxxxXT290-Sxx00-A
LED chips are sorted to the radiant flux and dominant wavelength bins shown. A sorted die sheet contains die from only one bin. Sorted die kit (CxxxXT290-Sxx00-A) orders may be filled with any or all bins (CxxxXT290-01xx-A) contained in the kit. All radiant flux and dominant wavelength values shown and specified are at If = 20mA. XT-24 Radiant Flux 24.0 mW 455 nm
C460XT290-0117-A
C460XT290-S2400-A
C460XT290-0118-A C460XT290-0119-A C460XT290-0120-A
457.5 nm
460 nm Dominant Wavelength
462.5 nm
465 nm
XT-2 Radiant Flux 24.0 mW
C460XT290-0117-A C460XT290-0113-A
C460XT290-S200-A
C460XT290-0118-A C460XT290-0114-A C460XT290-0119-A C460XT290-0115-A C460XT290-0120-A C460XT290-0116-A
21.0 mW 455 nm
457.5 nm
460 nm Dominant Wavelength C460XT290-S800-A
462.5 nm
465 nm
XT-8 Radiant Flux 24.0 mW 21.0 mW
C460XT290-0117-A C460XT290-0113-A C460XT290-0109-A
C460XT290-0118-A C460XT290-0114-A C460XT290-0110-A
C460XT290-0119-A C460XT290-0115-A C460XT290-0111-A
C460XT290-0120-A C460XT290-0116-A C460XT290-0112-A
18.0 mW 455 nm
457.5 nm
460 nm Dominant Wavelength C460XT290-S600-A
462.5 nm
465 nm
XT-6 Radiant Flux 24.0 mW 21.0 mW 18.0 mW
C460XT290-0117-A C460XT290-0113-A C460XT290-0109-A C460XT290-0105-A
C460XT290-0118-A C460XT290-0114-A C460XT290-0110-A C460XT290-0106-A
C460XT290-0119-A C460XT290-0115-A C460XT290-0111-A C460XT290-0107-A
C460XT290-0120-A C460XT290-0116-A C460XT290-0112-A C460XT290-0108-A
16.0 mW 455 nm
457.5 nm
460 nm Dominant Wavelength
462.5 nm
465 nm
Copyright (c) 2003-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo, G*SiC, XThin and XBright are registered trademarks, and XT, XT-12, XT-16, XT-18, XT-21 and XT-24 are trademarks of Cree, Inc.
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com
3
CPR3BV Rev. H
Standard Bins for CxxxXT290-Sxx00-A (continued)
XT-2
C460XT290-0117-A
C460XT290-S200-A
C460XT290-0118-A C460XT290-0114-A C460XT290-0110-A C460XT290-0106-A C460XT290-0102-A C460XT290-0119-A C460XT290-0115-A C460XT290-0111-A C460XT290-0107-A C460XT290-0103-A C460XT290-0120-A C460XT290-0116-A C460XT290-0112-A C460XT290-0108-A C460XT290-0104-A
24.0 mW Radiant Flux
C460XT290-0113-A
21.0 mW 18.0 mW 16.0 mW
C460XT290-0109-A C460XT290-0105-A C460XT290-0101-A
12.0 mW 455 nm
457.5 nm
460 nm Dominant Wavelength C470XT290-S200-A
462.5 nm
465 nm
XT-2 Radiant Flux 21.0 mW 465 nm
C470XT290-0113-A
C470XT290-0114-A
C470XT290-0115-A
C470XT290-0116-A
467.5 nm
470 nm Dominant Wavelength
472.5 nm
475 nm
XT-8 Radiant Flux 21.0 mW
C470XT290-0113-A C470XT290-0109-A
C470XT290-S800-A
C470XT290-0114-A C470XT290-0110-A C470XT290-0115-A C470XT290-0111-A C470XT290-0116-A C470XT290-0112-A
18.0 mW 465 nm
467.5 nm
470 nm Dominant Wavelength C470XT290-S600-A
472.5 nm
475 nm
XT-6 Radiant Flux 21.0 mW 18.0 mW
C470XT290-0113-A C470XT290-0109-A C470XT290-0105-A
C470XT290-0114-A C470XT290-0110-A C470XT290-0106-A
C470XT290-0115-A C470XT290-0111-A C470XT290-0107-A
C470XT290-0116-A C470XT290-0112-A C470XT290-0108-A
16.0 mW 465 nm
467.5 nm
470 nm Dominant Wavelength
472.5 nm
475 nm
Copyright (c) 2003-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo, G*SiC, XThin and XBright are registered trademarks, and XT, XT-12, XT-16, XT-18, XT-21 and XT-24 are trademarks of Cree, Inc.
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com
4
CPR3BV Rev. H
Standard Bins for CxxxXT290-Sxx00-A (continued)
XT-2
C470XT290-0113-A
C470XT290-S200-A
C470XT290-0114-A C470XT290-0110-A C470XT290-0106-A C470XT290-0102-A C470XT290-0115-A C470XT290-0111-A C470XT290-0107-A C470XT290-0103-A C470XT290-0116-A C470XT290-0112-A C470XT290-0108-A C470XT290-0104-A
21.0 mW Radiant Flux
C470XT290-0109-A
18.0 mW 16.0 mW
C470XT290-0105-A C470XT290-0101-A
12.0 mW 465 nm
467.5 nm
470 nm Dominant Wavelength C505XT290-S000-A
472.5 nm
475 nm
Radiant Flux
10.5 mW
C505XT290-0103-A C505XT290-0101-A
C505XT290-0104-A C505XT290-0102-A
8.5 mW 500 nm
505 nm Dominant Wavelength C527XT290-S000-A
510 nm
C527XT290-0110-A
C527XT290-0111-A C527XT290-0108-A C527XT290-0105-A C527XT290-0102-A
C527XT290-0112-A C527XT290-0109-A C527XT290-0106-A C527XT290-0103-A
Radiant Flux
10.0 mW 9.0 mW 8.0 mW
C527XT290-0107-A C527XT290-0104-A C527XT290-0101-A
7.0 mW 520 nm
525 nm 530 nm Dominant Wavelength
535 nm
Copyright (c) 2003-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo, G*SiC, XThin and XBright are registered trademarks, and XT, XT-12, XT-16, XT-18, XT-21 and XT-24 are trademarks of Cree, Inc.
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com
5
CPR3BV Rev. H
Characteristic Curves
These are representative measurements for the XThin product. Actual curves will vary slightly for the various radiant flux and dominant wavelength bins.
Forward Current vs. Forward Voltage
12.00
Wavelength Shift vs Forward Current
30
10.00 460nm
25
8.00 527nm
20
6.00 Shift (nm)
If (mA)
505nm 4.00
15
10
2.00
0.00
5
-2.00
0 0.0 0.5 1.0 1.5 2.0 2.5 Vf (V) 3.0 3.5 4.0 4.5 5.0
-4.00
0
5
10
15
20
25
30
If (mA)
Relative Intensity vs Forward Current
100
Relative Intensity vs Peak Wavelength
140
120
80 Relative Intensity (%)
100 % Intensity
60
80
60
40
40
20
20
0 0 5 10 15 If(mA) 20 25 30
400 500 Wavelength (nm) 600
Copyright (c) 2003-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo, G*SiC, XThin and XBright are registered trademarks, and XT, XT-12, XT-16, XT-18, XT-21 and XT-24 are trademarks of Cree, Inc.
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com
6
CPR3BV Rev. H


▲Up To Search▲   

 
Price & Availability of C527XT290-S0100-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X