Part Number Hot Search : 
ERD25TJB FT0405DE ST25VF ADM3077E FKBP200 MC54F32N 003900 16212
Product Description
Full Text Search
 

To Download BTA41 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BTB/BTA41
Discrete Triacs(Non-Isolated/Isolated)
Dimensions TO-247AD
Dim. A B Millimeter Min. Max. 19.81 20.32 20.80 21.46 15.75 16.26 3.55 3.65 4.32 5.4 1.65 1.0 10.8 4.7 0.4 1.5 5.49 6.2 2.13 4.5 1.4 11.0 5.3 0.8 2.49 Inches Min. Max. 0.780 0.819 0.610 0.140 0.170 0.212 0.065 0.040 0.426 0.185 0.016 0.087 0.800 0.845 0.640 0.144 0.216 0.244 0.084 0.177 0.055 0.433 0.209 0.031 0.102
G T2 T1 T2
C D E F G H
G T1
J K L M N
ABSOLUTE MAXIMUM RATINGS Symbol
IT(RMS) ITSM It dI/dt Parameter RMS on-state current (full sine wave) Non repetitive surge peak on-state current (full cycle, Tj initial = 25C) It Value for fusing Critical rate of rise of on-state current _ I G = 2 x I GT , tr < 100 ns TO-247AD F = 60 Hz F = 50 Hz Tc = 80 C t = 16.7 ms t = 20 ms Value 41 420 400 880 Tj = 125C 50 Unit A A As A/s
tp = 10 ms F = 120 Hz
VDSM/V RSM Non repetitive surge peak off-state voltage
IGM PG(AV) Tstg Tj Peak gate current Average gate p ower diss ipation Storage junction temperature range Operating junction temperature range
tp = 10 ms
tp = 20 s
Tj = 25C
Tj = 125C Tj = 125C
VDRM/VRRM
+ 100
V
A W C
8 1 - 40 to + 150 - 40 to + 125
ELECTRICAL CHARACTERISTICS (Tj = 25C, unless otherwise specified)
Symbol IGT (1) VGT VGD IH (2) IL dV/dt (2) VD = 12 V VD = VDRM IT = 500 mA IG = 1.2 IGT VD = 67 % VDRM gate open Tj = 125C Tj = 125C I- III-IV II MIN. MIN. (dI/dt)c (2) Without snubber RL = 33 RL = 3.3 k Tj = 125C Test Conditions Quadrant I - II - III IV ALL ALL MAX. MAX. MIN. MAX. MAX. Value 50 100 1.3 0.2 80 70 160 500 10 V/s A/ms Unit mA V V mA mA
BTB/BTA41
Discrete Triacs(Non-Isolated/Isolated)
STATIC CHARACTERISTICS
Symbol VTM (2) Vto (2) Rd (2) IDRM IRRM
Note 1: minimum IGT is guaranted at 5% of IGT max. Note 2: for both polarities of A2 referenced to A1
Test Conditions ITM = 60 A tp = 380 s Tj = 25C Tj = 125C Tj = 125C Tj = 25C Tj = 125C MAX. MAX. MAX. MAX.
Value 1.55 0.85 10 5 5
Unit V V m A mA
Threshold voltage Dynamic resistance VDRM = VRRM
THERMAL RESISTANCES
Symbol Rth(j-c) Rth(j-a) Junction to case (AC) Junction to ambient Parameter Value 0.6 50 Unit C/W C/W
PRODUCT SELECTOR
Voltage (xxx) Part Number 200 V ~~ 1000 V BTB/BTA41 X X 50 mA Standard TO-247AD Sensitivity Type Package
OTHER INFORMATION
Part Number BTB/BTA41
Marking BTB/BTA41
Weight 4.5 g
Base quantity 120
Packing mode Bulk
BTB/BTA41
Discrete Triacs(Non-Isolated/Isolated)
F ig. 1: Maximum power dis s ipation vers us R MS on-s ta te current (full cycle).
50 40 30 20 10 IT (R MS ) (A ) 0 0 5 10 15 20 25 30 35 40
F ig. 2: R MS on-state current vers us cas e temperature (full cycle).
45 40 35 30 25 20 15 10 5 0 IT (R MS ) (A )
B TA 41 B T B 41
P (W)
= 180
180
T c ( C ) 0 25 50 75 100 125
F ig. 3: R elative variation of thermal impeda nce versus pulse duration.
1.E +00 K =[Zth/R th]
Zth(j-c)
F ig. 4: values ).
IT M (A )
On-s tate
cha racteris tics
(maximum
400 100
T j max
1.E -01
Zth(j-a) B TA/B T B 41
1.E -02
10
T j=25C
tp (s ) 1.E -03 1.E -03 1.E -02 1.E -01 1.E +00 1.E +01 1.E +02 1.E +03
V T M (V ) 1 0.5 1.0 1.5 2.0 2.5 3.0 3.5
T j max.: V to = 0.85 V R d = 10 m
4.0
4.5
5.0
F ig. 5: S urge peak on-s tate current vers us number of cycles .
F ig. 6: Non-repetitive s urge pea k on-s tate current for a s inus oidal puls e with width tp < 10 ms, and corresponding value of It.
IT S M (A ), I t (A s )
IT S M
450 400 350 300 250 200 150 100 50 0
IT S M (A )
10000
t=20ms
Non repetitive T j initial=25C
One cycle
1000
dI/dt limitation: 50A / s
It
R epetitive T c=70C
Number of cycles 1 10 100 1000
tp (ms ) 100 0.01 0.10 1.00
T j initial=25C
10.00
BTB/BTA41
Discrete Triacs(Non-Isolated/Isolated)
F ig. 7: R elative varia tion of gate trigger current, holding current and latching current vers us junction temperature (typical values).
IG T,IH,IL [T j] / IG T,IH,IL [T j=25 C ]
2.0 1.8
IG T
F ig. 8: R ela tive variation of critica l rate of decreas e of main current vers us (dV /dt)c (typica l values ).
2.5 2.0 1.5 1.0 0.5
(dI/dt)c [(dV /dt)c ] / S pec ified (dI/dt)c
1.6 1.4 1.2 1.0 0.8 0.6 (dV /dt)c (V / ) s 1.0 10.0 100.0
IH & IL
T j( C ) 0.0 -40 -20 0 20 40 60 80 100 120 140
0.4 0.1
F ig. 9: R elative varia tion of critical rate of decreas e of main current vers us junction temperature.
(dI/dt)c [T j] / (dI/dt)c [T j s pec ified] 6 5 4 3 2 1 0 0 25 50 T j ( C ) 75 100 125


▲Up To Search▲   

 
Price & Availability of BTA41

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X