![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Issue: 01 Specification AXIOM95 Oscillator type : VHF OCXO with SMA connector Parameter Frequency range Standard frequencies Frequency stability Initial tolerance vs. temperature in operating temperature range (steady state) Date: 2006-03-15 min. typ. max. Unit Condition MHz MHz ppm ppb ppb ppb ppb ppb C ppb ppb ppb ppb ppb ppb ppm ppm V V k 80 130 96 / 100 / 101 / 116 / 130 500 200 100 50 25 70 10 10 10 2 200 100 @+25C, VC= 2.5V Option II = "200" Option II = "100" Option II = "50" Option II = "25" operating temperature range vs. supply voltage variation vs. load change Long term (aging) per day, after 30 days operation long term (aging) 1st year, after 30 days operation Frequency adjustment range Electronic Frequency Control (EFC) range EFC voltage VC EFC slope (f / VC) EFC input impedance RF output Signal waveform Load Output level Harmonics attenuation Non-harmonics Warm-up time Supply voltage VS -20 Option II = "200", "100" Option II = "50", "25" Option II = "200", "100" Option II = "50", "25" Option II = "200", "100" Option II = "50", "25" Option I = "33" Option I = "50" or "12" 3 1 0.15 0.25 positive 100 Sinus 50 +3 30 50 3.15 4.75 11.4 3.15 4.75 Current consumption (steady state) @ +25C Current consumption (warm-up) Operable temperature range Storage temperature range Enclosure (see drawing) Weight Packing Notes: 1. Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated 5 3.45 5.25 12.6 400 300 150 1000 800 400 -25 +75 -40 +85 54x40.5x20 max. 50 Palette 3.3 5.0 12 dBm dBc dBc min V V V mA mA mA mA mA mA C C mm gram ffinal/f0 < 0.1 ppm Option I = "33" Option I = "50" Option I = "12" Option I = "33" Option I = "50" Option I = "12" Option I = "33" Option I = "50" Option I = "12" Ordering Code: Model (Specification) AXIOM95 GmbH & Co. KG Wasemweg 5 D-74821 Mosbach Germany Option I Option II Frequency [MHz] 50 100 100.000 AXIOM95 page 1(2) www.axtal.com fon: +49 (6261) 939834 fax: +49 (6261) 939836 E-mail: info@axtal.com Enclosure drawing Pin connections Pin# 1 2 3 SMA Symbol VC GND VS RF OUT Function Control Voltage (EFC) Ground Supply Voltage RF Output Environmental conditions Test Visual inspection, dimensions Solderability Resistance to soldering heat Shock* Bump* Free fall* IEC 60068 Part ... IEC 60679-1 clause ... 4.3 4.6.3 Test conditions Enclosure styles as in IEC 60679-3 or 61837, if applicable Test Ta (235 5)C Method 1 Test Tb Method 1A, 5s Test Ea, 3 x per axes 100g, 6 ms half-sine pulse Test Eb, 4000 bumps per Axes, 40g, 6 ms Test Ed procedure 1, 2 drops from 1m height Test Fc, 30 min per axes, 10 Hz - 55 Hz 0,75mm; 55 Hz - 2 kHz, 10g Test Na, 10 cycles at extremes of operating temperature range Test Ba, 16 h at upper temperature indicated by climatic category Test Db variant 1 severity b), 55C/95% r.H., 6 cycles Test Aa, 2 h at lower temperature indicated by climatic category Sequence of 4.6.14, 4.6.15 (1st cycle), 4.6.16, 4.6.15 (5 cycles) Test Ca, 56 days 2-20 2-58 2-27 2-29 2-32 4.6.8 4.6.6 4.6.9 4.6.7 4.6.5 4.6.14 4.6.15 4.6.16 4.6.17 4.6.18 Vibration, sinusoidal* 2-6 Rapid change of temperature Dry heat Damp heat, cyclic* Cold Climatic sequence* Damp heat, steady state* Endurance tests - ageing - extended aging 2-14 2-2 2-30 2-1 1-7 2-3 4.7.1 4.7.2 30 days @ 85C, OCXO @25C 1000h, 2000h, 8000h @85C GmbH & Co. KG Wasemweg 5 D-74821 Mosbach Germany AXIOM95 page 2(2) www.axtal.com fon: +49 (6261) 939834 fax: +49 (6261) 939836 E-mail: info@axtal.com |
Price & Availability of AXIOM95
![]() |