|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Issue: 01 Specification AXHV1002 Oscillator type : VCO - Voltage Controlled Oscillator Date: 2005-12-08 Parameter min. typ. max. Unit Condition 1000 1700 MHz @ 25C Frequency tuning range Frequency adjustment range EFC voltage VC 0.2 10 V positive EFC slope (f / VC) RF output Signal waveform SINUS Amplitude +3.5 +5.5 dBm RL = 50 -90 dBc/Hz @ 100 kHz Phase Noise Supply voltage VS 4.75 5 5.25 V Current consumption (steady state) 10 mA -10 +60 C Operating temperature range -20 +70 C Operable temperature range -40 +85 C Storage temperature range 12.7 x 12.7 x 6.1 mm Enclosure (see drawing) LxWxH 5 gram Weight bulk IEC 60286-3 Packing 1500 V HBM, IEC 61000-4-2 ESD Sensitivity Notes: 1. Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated Ordering Code: Model (Specification) AXHV1002 Frequency Range [MHz] 1000-1700 GmbH & Co. KG Wasemweg 5 D-74821 Mosbach Germany AXHV1002 page 1(3) www.axtal.com fon: +49 (6261) 939834 fax: +49 (6261) 939836 E-mail: info@axtal.com Enclosure drawing Pin connections Pin # Symbol P1 VC P2 RF OUT P3 VS P4 N.C. All GND others Function Control Voltage (EFC) RF Output Supply Voltage Not Connected Ground Typical Performance HV1002 VCO 1.01 GHz bis 1.7 GHz 2 fres/GHz 1.8 1.6 1.4 1.2 1 0.8 0 2 4 Vtune/V 6 8 10 GmbH & Co. KG Wasemweg 5 D-74821 Mosbach Germany AXHV1002 page 2(3) www.axtal.com fon: +49 (6261) 939834 fax: +49 (6261) 939836 E-mail: info@axtal.com Pout/dBm 10 HV1002 VCO 1.01 GHz bis 1.7 GHz 8 6 4 2 0 0 2 4 Vtune/V 6 8 10 Environmental conditions Test Visual inspection, dimensions Sealing tests (if applicable) Solderability Resistance to soldering heat Shock* Bump* Free fall* IEC 60068 Part ... IEC 60679-1 clause ... 4.3 4.6.2 4.6.3 Test conditions Enclosure styles as in IEC 60679-3 or 61837, if applicable Gross leak: Test Qc, Fine leak: Test Qk Test Ta (235 5)C Method 1 Test Tb Method 1A, 5s Test Ea, 3 x per axes 100g, 6 ms half-sine pulse Test Eb, 4000 bumps per Axes, 40g, 6 ms Test Ed procedure 1, 2 drops from 1m height Test Fc, 30 min per axes, 10 Hz - 55 Hz 0,75mm; 55 Hz - 2 kHz, 10g Test Na, 10 cycles at extremes of operating temperature range Test Ba, 16 h at upper temperature indicated by climatic category Test Db variant 1 severity b), 55C/95% r.H., 6 cycles Test Aa, 2 h at lower temperature indicated by climatic category Sequence of 4.6.14, 4.6.15 (1st cycle), 4.6.16, 4.6.15 (5 cycles) Test Ca, 56 days 2-17 2-20 2-58 2-27 2-29 2-32 4.6.8 4.6.6 4.6.9 4.6.7 Vibration, sinusoidal* 2-6 Rapid change of temperature Dry heat Damp heat, cyclic* Cold Climatic sequence* Damp heat, steady state* Endurance tests - ageing - extended aging 2-14 2-2 2-30 2-1 1-7 2-3 4.6.5 4.6.14 4.6.15 4.6.16 4.6.17 4.6.18 4.7.1 4.7.2 30 days @ 85C, OCXO @25C 1000h, 2000h, 8000h @85C GmbH & Co. KG Wasemweg 5 D-74821 Mosbach Germany AXHV1002 page 3(3) www.axtal.com fon: +49 (6261) 939834 fax: +49 (6261) 939836 E-mail: info@axtal.com |
Price & Availability of AXHV1002 |