Part Number Hot Search : 
305000 TC38C46 2SK3562 UE200013 SMBG5932 REF19 TDA8566 C1909
Product Description
Full Text Search
 

To Download APT2012SYC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.0x1.25mm SMD CHIP LED LAMP
APT2012SYC
SUPER BRIGHT YELLOW
Features
2.0mmx1.25mm SMT LED,0.75mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. RoHS COMPLIANT.
Description
The Super Bright Yellow device is made with DH InGaAlP (on GaAs substrate) light emitting diode chip.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAD0948 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: MAR/12/2005 DRAWN: Y.CHENG
PAGE: 1 OF 4 ERP: 1203001890
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. APT2012SYC SUPER BRIGHT YELLOW (InGaAIP) WATER CLEAR 36 Typ. 150 Viewing Angle 2 1/2 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Typ. 590 588 28 25 2.0 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Yellow 125 30 150 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAD0948 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: MAR/12/2005 DRAWN: Y.CHENG
PAGE: 2 OF 4 ERP: 1203001890
Super Bright Yellow
APT2012SYC
SPEC NO: DSAD0948 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: MAR/12/2005 DRAWN: Y.CHENG
PAGE: 3 OF 4 ERP: 1203001890
APT2012SYC
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
Remarks: If there is sorting requirement (eg. forward voltage, luminous intensity or wavelength), the condition as follows: 1.Wavelength: +/-1nm (Test condition is based on the sorting standard). 2.Luminous intensity: +/-15% (Test condition is based on the sorting standard). 3.Forward voltage: +/-0.1V (Test condition is based on the sorting standard).
SPEC NO: DSAD0948 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: MAR/12/2005 DRAWN: Y.CHENG
PAGE: 4 OF 4 ERP: 1203001890


▲Up To Search▲   

 
Price & Availability of APT2012SYC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X