Part Number Hot Search : 
2SC397 E106K S80C32 RMCF1206 20060 23748B KA723D 107B530
Product Description
Full Text Search
 

To Download AK4626A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ASAHI KASEI
[AKD4626A-B]
AKD4626A-B
AK4626A Evaluation board Rev.0
GENERAL DESCRIPTION The AKD4626A-B is an evaluation board for the AK4626A, the Multi-channel Audio CODEC. The AKD4626A-B also has the digital audio interface and can achieve the interface with digital audio systems via opt-connector or BNC connector. Ordering guide
AKD4626A-B --- AK4626A Evaluation board Rev.0 (Cable for connecting with printer port of IBM-AT compatible PC and control software are packed with this.)
FUNCTION On-board analog input buffer circuit Compatible with 2 types of interface - DIT(AK4103A)/DIR(AK4112B) with optical output/input and BNC input - Direct interface with AC3 decoder by 10pin header 10pin header for serial control interface
-15V +15V Regulator GND
LIN RIN Input Buffer Control Data
10pin Header
LOUT1 ROUT1 LOUT2 ROUT2 Output Buffer
AK4112B(DIR)
BNC In Opt In
AK4626A
AK4103A(DIT)
Opt Out
AC3 LOUT3
10pin Header
ROUT3 LOUT4 ROUT4
Fig 1. AKD4626A-B Block Diagram
*Circuit diagram and PCB layout are attached at the end of this manual.
-1-
2005/11
ASAHI KASEI
[AKD4626A-B]
Operation sequence (1) Set up the power supply lines. [+12V] (orange jack) = +12 +15V [-12V] (blue jack) = -12 -15V [AGND] (black jack) = 0V [DGND] (black jack) = 0V Each supply line should be distributed from the power supply unit. 12V are supplied to analog interface. +12V is regulated to +5V and +3.3V by regulators(T1,T2). +5V is supplied to digital interface, AK4626A and TVDD of AK4112B. +3.3V is supplied to AVDD and DVDD of AK4112B and TVDD of AK4626A. (2) Set up the evaluation mode and jumper pins. (See p.6.) (3) Power on. The AK4626A, AK4112B and AK4103A should be reset once bringing PDN(SW1) "L" upon power-up. (4) Set up software. The control mode of AK4626A and AK4112B is fixed to "serial". The AKD4626A-B can be controlled via the printer port (parallel port) of IBM-AT compatible PC. Connect PORT1(uP-I/F) with PC by 10-line flat cable packed with the AKD4626A-B. Take care of the direction of connector. There is a mark at pin#1. The pin layout of PORT1 is as Figure 2.
2 10 PORT1 uP-I/F 9 CSN CCLK CDTI CDTO 1
Figure 2. PORT1 pin layout
-2-
2005/11
ASAHI KASEI
[AKD4626A-B]
Evaluation mode 1) Evaluation of ADC TOTX176 is used for digital output. Clock mode of the AK4112B should be set to PLL mode or X'tal mode. 2) Evaluation of DAC TORX176 or BNC is used for digital input. Clock mode of the AK4112B should be set to PLL mode. "4112A" should be selected on JP4,5,6 and 7. 3) Loopback mode Clock mode of the AK4112B should be set to PLL mode or X'tal mode. "4112A" should be selected on JP4,5,6 and 7. 4) Evaluation of DAC using DSP "DSP" should be selected on JP4,5,6 and 7. Evaluation mode ADC AK4112B clock set-up CM1= "0", CM0= "1"(X'tal mode) JP4,5,6,7 SHORT Used I/F TOTX176 optical output
DAC CM1= "0", CM0= "0"(PLL mode) SHORT Loopback CM1= "0", CM0= "1"(X'tal mode) SHORT Using DSP CM1= "0", CM0= "0"(PLL mode) OPEN PORT5(10-pin Header) (Note.)1. Software "4112.exe" packed with the AKD4626A-B is used for set-up of the AK4112B. 2. CM1 and CM0 bits are D5 and D4 of Addr=00H, respectively Table 2.Evalution mode DIP Switch set up. (See the datasheet of AK4626A and AK4103A) 1. DFS_4529(SW2-1) set up of AK4626A Sampling speed(fs). DFS_4529 OFF ON Sampling Speed (fs) Normal Speed Mode 32kHz~48kHz Double Speed Mode 64kHz~96kHz Table 3. Set up of Sampling Speed (fs)
Default
2. V(SW2-2) set up of for AK4103AValidity detect. V OFF ON Validity Default Valid Invalid Table 4. Set up of Validity
3. FS3(SW2-3) FS2(SW2-4) set up of AK4103A sampling frequency setting. FS3 OFF OFF ON ON FS2 Sampling frequency setting OFF 44.1kHz Default ON 48kHz OFF Reserved ON 32kHz Table 5. Set up of sampling frequency setting
-3-
2005/11
ASAHI KASEI
[AKD4626A-B]
4. CKS1(SW2-5) set up of AK4103A System Clock . MCLK fs 256fs 28k-108kHz Default 512fs 28k-54kz Table 6.Set up of System Clock 5. DIF0(SW2-6) set up of AK4103A Audio Serial Interface Format. DIF0 OFF ON Audio Serial LRCK BICK Interface Format 24bit, Left justified H/L 48fs-128fs 24bit, I2S L/H 48fs-128fs Table 7. Set up of Audio Serial Interface Format CKS1 OFF ON
Default
Jumper pin set up [JP1] (open) ---Analog GND and Digital GND [JP4,5,7] (SDTI1,2,3) --- AK4626A SDTI1,2,3 input source select (open) : Serial Data is input from DSP via PORT4. <4112A> (short) : Serial Data is input from AK4112B SDTO. [JP3] (V/TX) --- AK4112B V/TX output select. : Validity. : Transmit channel (through data)

[JP2](OPT/COAX) --- The source of the biphase signal input to the AK4112B : Optical input to RX1 of AK4112B : BNC input to RX1 of AK4112B The function of the toggle SW. [SW1] : Resets the AK4626A, AK4112B and AK4103A. Keep "H" during normal operation. The indication content for LED. [LE1] (DZF1) [LE2] (DZF2_OVF) [LE3] (ERF) [LE4] (FS96) [LE5] (AUTO) [LE6] (V) : Zero detection : Zero detection or Overflow Detection : AK4112B unlock and parity error output. : AK4112B 96kHz sampling detect. : AK4112B AC-3/MPEG detect. : AK4112B Validity detect
-4-
2005/11
ASAHI KASEI
[AKD4626A-B]
Consideration for analog input circuit
3.0Vpp Op-amp circuit
AK4626A
22u RIN 32 LIN 31 330 330 NJM4580 + -
6.0Vpp
Signal
Same circuit
1) Gain
Gain of analog input circuit is 330/(330+330) = -6.02dB. Therefore input level for this board is +0.51dBV(=3.0Vpp)+6.02dB = +6.53dBV = 6.00Vpp = 2.12Vrms.
2) S/N of op-amp circuit (Theory: BW=20k+A)
Non-inverting amp is implemented on board. The output noise level of op-amp circuit is -126.01dBV = -132.54dB (0dB=+6.53dBV). S/N of ADC is 103.6dB (measurement). Therefore total S/N of op-amp circuit and ADC is 103.59dB (measurement: 103.6dB).
-5-
2005/11
ASAHI KASEI
[AKD4626A-B]
Consideration for analog output circuit
3.0Vpp 6.0Vpp 22u NJM4580 + 4.7k 220 Signal 330p
AK4626A
ROUT1 28 LOUT1 27 ROUT2 26 LOUT2 25 ROUT3 24 LOUT3 23 Same circuit Same circuit
10k
4.7k Same circuit Same circuit Same circuit
1) Frequency response of HPF The HPF is implemented on board to cancel the DC offset of analog output of AK4626A.
Frequency response of 1st-order HPF | Amplitude |2 = 1/{1+(fc/f)2}; fc=1/2RC=0.7Hz@R=10k,C=22u fin 20Hz Frequency Response -0.006dB 2) Gain, S/N and frequency response of op-amp circuit
1st-order filter with non-inverting amp is implemented on board to double the analog output level and attenuate out-of-band noise.
a) Gain The gain is 1+4.7k/4.7k = +6.02dB. Therefore the output level of this board is 0.51dBV(=3.0Vpp) + 6.02dB = 6.53dBV = 6.00Vpp = 2.12Vrms. b) S/N (Theory: BW=20k+A)
The output noise level of non-inverting amp -110.36dBV = -116.89dB (0dB=6.53dBV)
S/N of DAC is 106.3dB (measurement) Therefore total S/N of op-amp circuit and DAC is 105.94dB (measurement: 106.1dB).
-6-
2005/11
ASAHI KASEI
[AKD4626A-B]
c) Frequency response of filter
Frequency response of the 1st-order filter | Amplitude |2 = K*{1+(f/fc2)2}/{1+(f/fc1)2}; K = 1+4.7k/4.7k = 2, fc1 = 1/2RC = 102.7kHz@R=4.7k,C=330p, fc2 = K*fc1 = 205.3kHz Frequency response referenced to output level of this board is as following table: fin DC 20kHz 40kHz 80kHz Frequency Response 0dB -0.121dB -0.452dB -1.448dB
145kHz -3dB
-6dB
If the frequency response of filter influences the system, 1st-order LPF is also available as the following figure:
3.0Vpp LPF 22u NJM4580 + 4.7k 220 Signal 3300p 6.0Vpp
AK4626A
ROUT1 28 LOUT1 27 ROUT2 26 LOUT2 25 ROUT3 24 LOUT3 23 Same circuit Same circuit
10k
4.7k Same circuit Same circuit Same circuit
Frequency response of this LPF | Amplitude |2 = 1/{1+(f/fc)2}; fc = 1/2RC = 219kHz@R=220,C=3300p Frequency response referenced to output level of this board is as following table: fin DC 20kHz 40kHz 80kHz Frequency Response 0dB -0.036dB -0.142dB -0.543dB
219kHz -3dB
-dB
The total frequency response of this board is sum of the external filter and internal LPF of AK4626A. These filters are effective to attenuate the high frequency noise since some measurement units is sensitive for out-of-band noise.
-7-
2005/11
ASAHI KASEI
[AKD4626A-B]
2. Control Software Manual Set-up of evaluation board and control software
1. Set up the AKD4626A-B according to previous term. 2. Connect IBM-AT compatible PC with AKD4626A-B by 10-line type flat cable (packed with AKD4626A-B). Take care of the direction of 10pin header. (Please install the driver in the CD-ROM when this control software is used on Windows 2000/XP. Please refer "Installation Manual of Control Software Driver by AKM device control software". In case of Windows95/98/ME, this installation is not needed. This control software does not operate on Windows NT.) 3. Insert the CD-ROM labeled "AKD4626A-B Evaluation Kit" into the CD-ROM drive. 4. Access the CD-ROM drive and double-click the icon of "akd4626a.exe" to set up the control program. 5. Then please evaluate according to the follows.
Operation flow
Keep the following flow. 1. Set up the control program according to explanation above. 2. Click "Port Reset" button. 3. Click "Write default" button
Explanation of each buttons
1. [Port Reset] : 2. [Write default] : 3. [All Write] : 4. [Function1] : 5. [Function2] : 6. [Function3] : 7. [Function4] : 8. [Function5]: 9. [SAVE] : 10. [OPEN] : 11. [Write] : Set up the USB interface board (AKDUSBIF-A) when using the board. Initialize the register of the AK4642EN. Write all registers that is currently displayed. Dialog to write data by keyboard operation. Dialog to write data by keyboard operation. The sequence of register setting can be set and executed. The sequence that is created on [Function3] can be assigned to buttons and executed. The register setting that is created by [SAVE] function on main window can be assigned to buttons and executed. Save the current register setting. Write the saved values to all register. Dialog to write data by mouse operation.
Indication of data
Input data is indicated on the register map. Red letter indicates "H" or "1" and blue one indicates "L" or "0". Blank is the part that is not defined in the datasheet.
-8-
2005/11
ASAHI KASEI
[AKD4626A-B]
Explanation of each dialog 1. [Write Dialog]: Dialog to write data by mouse operation
There are dialogs corresponding to each register. Click the [Write] button corresponding to each register to set up the dialog. If you check the check box, data becomes "H" or "1". If not, "L" or "0". If you want to write the input data to the AK4642EN, click [OK] button. If not, click [Cancel] button.
2. [Function1 Dialog] : Dialog to write data by keyboard operation
Address Box: Data Box: Input registers address in 2 figures of hexadecimal. Input registers data in 2 figures of hexadecimal.
If you want to write the input data to the AK4642EN, click [OK] button. If not, click [Cancel] button.
3. [Function2 Dialog] : Dialog to evaluate DATT
There are dialogs corresponding to register of 03h and 04h. Address Box: Input registers address in 2 figures of hexadecimal. Start Data Box: Input starts data in 2 figures of hexadecimal. End Data Box: Input end data in 2 figures of hexadecimal. Interval Box: Data is written to the AK4642EN by this interval. Step Box: Data changes by this step. Mode Select Box: If you check this check box, data reaches end data, and returns to start data. [Example] Start Data = 00, End Data = 09 Data flow: 00 01 02 03 04 05 06 07 08 09 09 08 07 06 05 04 03 02 01 00 If you do not check this check box, data reaches end data, but does not return to start data. [Example] Start Data = 00, End Data = 09 Data flow: 00 01 02 03 04 05 06 07 08 09 If you want to write the input data to the AK4642EN, click [OK] button. If not, click [Cancel] button.
-9-
2005/11
ASAHI KASEI
[AKD4626A-B]
4. [SAVE] and [OPEN]
4-1. [SAVE] All of current register setting values displayed on the main window are saved to the file. The extension of file name is "akr". (1) Click [SAVE] Button. (2) Set the file name and click [SAVE] Button. The extension of file name is "akr". 4-2. [OPEN] The register setting values saved by [SAVE] are written to the AK4642EN. The file type is the same as [SAVE]. (1) Click [OPEN] Button. (2) Select the file (*.akr) and Click [OPEN] Button.
- 10 -
2005/11
ASAHI KASEI
[AKD4626A-B]
5. [Function3 Dialog]
The sequence of register setting can be set and executed. (1) Click [F3] Button. (2) Set the control sequence. Set the address, Data and Interval time. Set "-1" to the address of the step where the sequence should be paused. (3) Click [START] button. Then this sequence is executed. The sequence is paused at the step of Interval= "-1". Click [START] button, the sequence restarts from the paused step. This sequence can be saved and opened by [SAVE] and [OPEN] button on the Function3 window. The extension of file name is "aks".
Figure 1. Window of [F3]
- 11 -
2005/11
ASAHI KASEI
[AKD4626A-B]
6. [Function4 Dialog]
The sequence file (*.aks) saved by [Function3] can be listed up to 10 files, assigned to buttons and then executed. When [F4] button is clicked, the window as shown in Figure 2 opens.
Figure 2. [F4] window
- 12 -
2005/11
ASAHI KASEI
[AKD4626A-B]
6-1. [OPEN] buttons on left side and [START] buttons (1) Click [OPEN] button and select the sequence file (*.aks) saved by [Function3]. The sequence file name is displayed as shown in Figure 3. ( In case that the selected sequence file name is "DAC_Stereo_ON.aks")
Figure 3. [F4] window(2) (2) Click [START] button, then the sequence is executed.
6-2. [SAVE] and [OPEN] buttons on right side [SAVE] : The name assign of sequence file displayed on [Function4] window can be saved to the file. The file name is "*.ak4". [OPEN] : The name assign of sequence file(*.ak4) saved by [SAVE] is loaded.
6-3. Note (1) This function doesn't support the pause function of sequence function. (2) All files used by [SAVE] and [OPEN] function on right side need to be in the same folder. (3) When the sequence is changed in [Function3], the sequence file (*.aks) should be loaded again in order to reflect the change.
- 13 -
2005/11
ASAHI KASEI
[AKD4626A-B]
7. [Function5 Dialog]
The register setting file(*.akr) saved by [SAVE] function on main window can be listed up to 10 files, assigned to buttons and then executed. When [F5] button is clicked, the window as shown in Figure 4 opens.
Figure 4. [F5] window
7-1. [OPEN] buttons on left side and [WRITE] button (1) Click [OPEN] button and select the register setting file (*.akr). (2) Click [WRITE] button, then the register setting is executed. 7-2. [SAVE] and [OPEN] buttons on right side [SAVE] : The name assign of register setting file displayed on [Function5] window can be saved to the file. The file name is "*.ak5". [OPEN] : The name assign of register setting file(*.ak5) saved by [SAVE] is loaded.
7-3. Note (1) All files used by [SAVE] and [OPEN] function on right side need to be in the same folder. (2) When the register setting is changed by [SAVE] Button on the main window, the register setting file (*.akr) should be loaded again in order to reflect the change.
- 14 -
2005/11
ASAHI KASEI
[AKD4626A-B]
AK4112B Control Program ver 1.0 operation manual
Set-up of evaluation board and control software
This board is used AK4112B as "DIR". This software must set up when Evaluation of DAC using DSP and Clock Mode selected X'tal.(See P3. (4)). This evaluation board does not correspond to I2C control. 1. Set up the AKD4628 according to above mentioned setting. 2. Connect IBM-AT compatible PC with AKD4628 by 10-line type flat cable (packed with AKD4628). Take care of the direction of 10pin header. (Please install the driver in the CD-ROM-disk when this control software is used on Windows 2000/XP. Please refer "Installation Manual of Control Software Driver by AKM device control software". In case of Windows95/98/ME, this installation is not needed. This control software does not operate on Windows NT.) 3. Insert the CD-ROM-disk labeled "AKD4628 Control Program ver 1.0" into the CD-ROM-disk drive. 4. Access the CD-ROM-disk drive and double-click the icon of "akd4112.exe" to set up the control program. 5. Then please evaluate according to the follows.
Operation flow
Keep the following flow. 1. 2. 3. Set up the control program. Click "Port Setup" button. Then set up the dialog and input data.
Explanation of each buttons
1. 2. 3. 4. 5. [Port Setup] : [Write default] : [All read] : [Read] : [Write] : set up the printer port. initialize the register of AK4112B. read all registers of AK4112B. read data from each register. write data to each register.
If you want to write the input data to AK4112B, click "OK" button. If not, click "Cancel" button.
Indication of data
Input data is indicated on the register map. Red letter indicates "H" or "1" and blue one indicates "L" or "0". Blank is the part that is not defined in the datasheet.
- 15 -
2005/11
ASAHI KASEI
[AKD4626A-B]
MEASUREMENT RESULTS
1) ADC part [Measurement condition] * Measurement unit : Audio Precision, System two, Cascade * MCLK : 256fs * BICK : 64fs * fs : 48kHz, 96kHz * BW : 10Hz20kHz(fs=48kHz), 10Hz48kHz(fs=96kHz) * Bit : 24bit : AVDD=DVDD=5V, TVDD=3.3V * Power Supply * Interface : DIT(AK4103A) * Temperature : Room fs=48kHz Parameter S/(N+D) DR S/N
Input signal 1kHz, -0.5dB 1kHz, -60dB no signal
Measurement filter 20kLPF 20kLPF 20kLPF+A-weighted 20kLPF 20kLPF+A-weighted
Lch 95.2dB 99.7dB 102.4dB 99.8dB 102.6dB
Rch 96.4dB 99.5dB 102.4dB 99.8dB 102.8dB
fs=96kHz Parameter S/(N+D) DR S/N
Input signal 1kHz, -0.5dB 1kHz, -60dB no signal
Measurement filter fs/2 fs/2 20kHz+A-weighted fs/2 20kHz+A-weighted
Lch 92.6dB 97.8dB 104.9dB 97.9dB 105.2dB
Rch 94.1dB 97.8dB 104.9dB 97.9dB 105.4dB
- 16 -
2005/11
ASAHI KASEI
[AKD4626A-B]
2) DAC part [Measurement condition] * Measurement unit : Audio Precision, System two, Cascade(fs=48kHz, 96kHz) * MCLK : 256fs * BICK : 64fs * fs : 48kHz, 96kHz * BW : 10Hz22kHz (fs=48kHz), 10Hz40kHz (fs=96kHz) * Bit : 24bit * Power Supply : AVDD=DVDD=5V, TVDD=3.3V * Interface : DIR(AK4112B) * Temperature : Room
fs=48kHz Parameter S/(N+D) DR S/N
Input signal 1kHz, 0dBFS
1kHz, -60dBFS
no signal
Measurement filter 20kLPF 20kLPF 22kLPF+A-weighted 20kLPF 22kLPF+A-weighted
Lch 97.0dB 102.5dB 105.0dB 103.0dB 105.0dB
Rch 95.9dB 102.5dB 105.0dB 103.0dB 105.0dB
fs=96kHz Parameter S/(N+D) DR S/N
Input signal 1kHz, 0dBFS
1kHz, -60dBFS
no signal
Measurement filter 40kHzLPF 40kHzLPF 22kHz+A-weighted 40kHz 22kHz+A-weighted
Lch 94.9dB 101.7dB 106.3dB 101.8dB 106.7dB
Rch 94.2dB 101.5dB 106.1dB 101.7dB 106.5dB
- 17 -
2005/11
ASAHI KASEI
[AKD4626A-B]
1.ADC (ADC fs=48kHz)
AKM
+0 -10 -20 -30 -40 -50 -60 -70 d B F S -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 -180 20 50 100 200 500 Hz 1k 2k 5k 10k 20k
AK4626A ADC FFT Plot AVDD=DVDD=TVDD=5V, fs=48kHz, Input Level=-0.5dBFS, fin=1kHz
FFT (Input=-0.5dBFS, fin=1kHz)
AKM
+0 -10 -20 -30 -40 -50 -60 -70 d B F S -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 -180 20 50
AK4626A ADC FFT Plot AVDD=DVDD=TVDD=5V, fs=48kHz, Input Level=-60dBFS, fin=1kHz
100
200
500 Hz
1k
2k
5k
10k
20k
FFT (Input=-60dBFS, fin=1kHz)
- 18 -
2005/11
ASAHI KASEI
[AKD4626A-B]
(ADC fs=48kHz)
AKM
+0 -10 -20 -30 -40 -50 -60 -70 d B F S -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 -180 20 50 100 200 500 Hz 1k 2k 5k 10k 20k
AK4626A ADC FFT Plot AVDD=DVDD=TVDD=5V, fs=48kHz, fin=None
FFT (noise floor)
- 19 -
2005/11
ASAHI KASEI
[AKD4626A-B]
(ADC fs=48kHz)
AKM
-60 -65 -70 -75 -80 -85 d B F S -90 -95 -100 -105 -110 -115 -120 -120
AK4626A ADC THD+N vs Input Level AVDD=DVDD=TVDD=5V, fs=48kHz, fin=1kHz
-110
-100
-90
-80
-70
-60 dBr
-50
-40
-30
-20
-10
+0
THD + N vs Amplitude (fin=1kHz)
AKM
-70
AK4626A ADC THD+N vs Input Frequency AVDD=DVDD=TVDD=5V, fs=48kHz, Input Level=-0.5dBFS
-75
-80
-85
-90 d B F S
-95
-100
-105
-110
-115
-120 20
50
100
200
500 Hz
1k
2k
5k
10k
20k
THD + N vs Input Frequency (Input=-0.5dBFS)
- 20 -
2005/11
ASAHI KASEI
[AKD4626A-B]
(ADC fs=48kHz)
AKM
+0 -10 -20 -30 -40 -50 d B F S -60 -70 -80 -90 -100 -110 -120 -120
AK4626A ADC Linearity AVDD=DVDD=TVDD=5V, fs=48kHz, fin=1kHz
-110
-100
-90
-80
-70
-60 dBr
-50
-40
-30
-20
-10
+0
Linearity (fin=1kHz)
AKM
+0 -0.1
AK4626A ADC Frequency Response AVDD=DVDD=TVDD=5V, fs=48kHz, Input Level=-0.5dBFS, fin=1kHz
-0.2
-0.3
-0.4 d B F S
-0.5
-0.6
-0.7
-0.8
-0.9
-1 20
50
100
200
500 Hz
1k
2k
5k
10k
20k
Frequency Response (Input Level=-0.5dBFS) (including input RC filter)
- 21 -
2005/11
ASAHI KASEI
[AKD4626A-B]
(ADC fs=48kHz)
AKM
-80 -85 -90 -95 -100 -105 -110 d B -115 -120 -125 -130 -135 -140 -145 -150 20
AK4626A ADC Crosstalk AVDD=DVDD=TVDD=5V, fs=48kHz, Input Level=-0.5dBFS
50
100
200
500 Hz
1k
2k
5k
10k
20k
Crosstalk (Blue= Rch, Red= Lch)
- 22 -
2005/11
ASAHI KASEI
[AKD4626A-B]
(ADC fs=96kHz)
AKM
+0 -10 -20 -30 -40 -50 -60 -70 d B F S -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 -180 40 50 100 200 500 1k Hz 2k 5k 10k 20k 40k
AK4626A ADC FFT Plot AVDD=DVDD=TVDD=5V, fs=96kHz, Input Level=-0.5dBFS, fin=1kHz
FFT (Input=-0.5dBFS, fin=1kHz)
AKM
+0 -10 -20 -30 -40 -50 -60 -70 d B F S -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 -180 40 50 100
AK4626A ADC FFT Plot AVDD=DVDD=TVDD=5V, fs=96kHz, Input Level=-60dBFS, fin=1kHz
200
500
1k Hz
2k
5k
10k
20k
40k
FFT (Input=-60dBFS, fin=1kHz)
- 23 -
2005/11
ASAHI KASEI
[AKD4626A-B]
(ADC fs=96kHz)
AKM
+0 -10 -20 -30 -40 -50 -60 -70 d B F S -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 -180 40 50 100 200 500 1k Hz 2k 5k 10k 20k 40k
AK4626A ADC FFT Plot AVDD=DVDD=TVDD=5V, fs=96kHz, fin=None
FFT (Noise floor)
- 24 -
2005/11
ASAHI KASEI
[AKD4626A-B]
(ADC fs=96kHz)
AKM
-60 -65 -70 -75 -80 -85 d B F S -90 -95 -100 -105 -110 -115 -120 -120
AK4626A ADC THD+N vs Input Level AVDD=DVDD=TVDD=5V, fs=96kHz, fin=1kHz
-110
-100
-90
-80
-70
-60 dBr
-50
-40
-30
-20
-10
+0
THD + N vs Amplitude (fin=1kHz)
AKM
-70 -75
AK4626A ADC THD+N vs Input Frequency AVDD=DVDD=TVDD=5V, fs=96kHz, Input Level=-0.5dBFS
-80
-85
-90 d B F S
-95
-100
-105
-110
-115
-120 40
50
100
200
500
1k Hz
2k
5k
10k
20k
40k
THD + N vs Input Frequency (Input Level=-0.5dBFS)
- 25 -
2005/11
ASAHI KASEI
[AKD4626A-B]
(ADC fs=96kHz)
AKM
+0 -10 -20 -30 -40 -50 d B F S -60 -70 -80 -90 -100 -110 -120 -130 -130
AK4626A ADC Linearity AVDD=DVDD=TVDD=5V, fs=96kHz, fin=1kHz
-120
-110
-100
-90
-80
-70 dBr
-60
-50
-40
-30
-20
-10
+0
Linearity (fin=1kHz)
AKM
+0 -0.1
AK4626A ADC Frequency Response AVDD=DVDD=TVDD=5V, fs=96kHz, Input Level=-0.5dBFS, fin=1kHz
-0.2
-0.3
-0.4 d B F S
-0.5
-0.6
-0.7
-0.8
-0.9
-1 40
50
100
200
500
1k Hz
2k
5k
10k
20k
40k
Frequency Response(Input Level=-0.5dBFS) (including input RC filter)
- 26 -
2005/11
ASAHI KASEI
[AKD4626A-B]
(ADC fs=96kHz)
AKM
-80 -85 -90 -95 -100 -105 -110 d B -115 -120 -125 -130 -135 -140 -145 -150 20
AK4626A ADC Crosstalk AVDD=DVDD=TVDD=5V, fs=96kHz, Input Level=-0.5dBFS
50
100
200
500
1k Hz
2k
5k
10k
20k
40k
Crosstalk (Blue= Rch, Red= Lch)
- 27 -
2005/11
ASAHI KASEI
[AKD4626A-B]
2.DAC (DAC fs=48kHz)
AKM
+0 -10 -20 -30 -40 -50 -60 -70 d B r A -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 -180 20 50 100 200 500 Hz 1k 2k 5k 10k 20k
AK4626A FFT Plot AVDD=DVDD=TVDD=5V, fs=48kHz, Input Level=0dBFS, fin=1kHz
FFT (Input=0dBFS, fin=1kHz)
AKM
+0 -10 -20 -30 -40 -50 -60 -70 d B r A -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 -180 20 50
AK4626A FFT Plot AVDD=DVDD=TVDD=5V, fs=48kHz, Input Level=-60dBFS, fin=1kHz
100
200
500 Hz
1k
2k
5k
10k
20k
FFT (Input=-60dBFS, fin=1kHz)
- 28 -
2005/11
ASAHI KASEI
[AKD4626A-B]
(DAC fs=48kHz)
AKM
+0 -10 -20 -30 -40 -50 -60 -70 d B r A -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 -180 20 50 100 200 500 Hz 1k 2k 5k 10k 20k
AK4626A FFT Plot AVDD=DVDD=TVDD=5V, fs=48kHz, fin=None
FFT (Noise floor)
AKM
+0 -10 -20 -30 -40 -50 -60 -70 d B r A -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 -180 20 50 100 200
AK4626A FFT Plot(Out-of-band noize) AVDD=DVDD=TVDD=5V, fs=48kHz, fin=None
500
1k Hz
2k
5k
10k
20k
50k
100k
FFT (Out-of-band noise)
- 29 -
2005/11
ASAHI KASEI
[AKD4626A-B]
(DAC fs=48kHz)
AKM
-80
AK4626A DAC THD+N vs Input Level AVDD=DVDD=TVDD=5V, fs=48kHz, fin=1kHz
-85
-90
-95 d B r A -105
-100
-110
-115
-120 -120
-110
-100
-90
-80
-70
-60 dBFS
-50
-40
-30
-20
-10
+0
THD + N vs Amplitude (fin=1kHz)
AKM
-80
AK4626A DAC THD+N vs Input Frequency AVDD=DVDD=TVDD=5V, fs=48kHz, Input Level=0dBFS
-85
-90
-95 d B r B -105
-100
-110
-115
-120 20
50
100
200
500 Hz
1k
2k
5k
10k
20k
THD + N vs Input Frequency (Input=0dBFS)
- 30 -
2005/11
ASAHI KASEI
[AKD4626A-B]
(DAC fs=48kHz)
AKM
+0 -10 -20 -30 -40 -50 d B r A -80 -90 -100 -110 -120 -130 -130 -60 -70
AK4626A Linearity AVDD=DVDD=TVDD=5V, fs=48kHz, fin=1kHz
-120
-110
-100
-90
-80
-70 dBFS
-60
-50
-40
-30
-20
-10
+0
Linearity (fin=1kHz)
AKM
+0.5
AK4626A Frequency Response AVDD=DVDD=TVDD=5V, fs=48kHz, Input Level=0dBFS
+0.4
+0.3
+0.2
+0.1 d B r A -0.1
+0
-0.2
-0.3
-0.4
-0.5 2k 4k 6k 8k 10k Hz 12k 14k 16k 18k 20k
Frequency Response (Input Level=0dBFS) (including external RC filter)
- 31 -
2005/11
ASAHI KASEI
[AKD4626A-B]
(DAC fs=48kHz)
AKM
-80 -82.5 -85 -87.5 -90 -92.5 -95 -97.5 d B -100 -102.5 -105 -107.5 -110 -112.5 -115 -117.5 -120 20 50 100 200 500 Hz 1k 2k 5k 10k 20k
AK4626A Crosstalk(Upper@1kHz; Lch--->Rch, Lower@1kHz; Rch--->Lch) AVDD=DVDD=TVDD=5V, fs=48kHz, Input Level=0dBFS
Crosstalk (Blue= Rch, Red= Lch)
- 32 -
2005/11
ASAHI KASEI
[AKD4626A-B]
(DAC fs=96kHz)
AKM
+0 -10 -20 -30 -40 -50 -60 -70 d B r A -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 -180 40 50 100 200 500 1k Hz 2k 5k 10k 20k 40k
AK4626A FFT Plot AVDD=DVDD=TVDD=5V, fs=96kHz, Input Level=0dBFS, fin=1kHz, Notch=on
FFT (Input=0dBFS, fin=1kHz, Notch)
AKM
+0 -10 -20 -30 -40 -50 -60 -70 d B r A -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 -180 40 50 100 200 500 1k Hz 2k 5k 10k 20k 40k
AK4626A FFT Plot AVDD=DVDD=TVDD=5V, fs=96kHz, Input Level=-60dBFS, fin=1kHz
FFT (Input=-60dBFS,fin=1kHz)
- 33 -
2005/11
ASAHI KASEI
[AKD4626A-B]
(DAC fs=96kHz)
AKM
+0 -10 -20 -30 -40 -50 -60 -70 d B r A -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 -180 40 50 100 200 500 1k Hz 2k 5k 10k 20k 40k
AK4626A FFT Plot AVDD=DVDD=TVDD=5V, fs=96kHz, fin=None
FFT (Noise floor)
AKM
+0 -10 -20 -30 -40 -50 -60 -70 d B r A -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 -180 20 50 100 200
AK4626A FFT Plot(Out-of-band noize) AVDD=DVDD=TVDD=5V, fs=96kHz, fin=None
500
1k Hz
2k
5k
10k
20k
50k
100k
FFT (Out-of-band noise)
- 34 -
2005/11
ASAHI KASEI
[AKD4626A-B]
(DAC fs=96kHz)
AKM
-80
AK4626A DAC THD+N vs Input Level AVDD=DVDD=TVDD=5V, fs=96kHz, fin=1kHz
-85
-90
-95 d B r A -105
-100
-110
-115
-120 -120
-110
-100
-90
-80
-70
-60 dBFS
-50
-40
-30
-20
-10
+0
THD + N vs Amplitude (fin=1kHz)
AKM
-80
AK4626A DAC THD+N vs Input Frequency AVDD=DVDD=TVDD=5V, fs=96kHz, Input Level=0dBFS
-85
-90
-95 d B r B -105
-100
-110
-115
-120 20
50
100
200
500
1k Hz
2k
5k
10k
20k
40k
THD + N vs Input Frequency (Input=0dBFS)
- 35 -
2005/11
ASAHI KASEI
[AKD4626A-B]
(DAC fs=96kHz)
AKM
+0 -10 -20 -30 -40 -50 d B r A -80 -90 -100 -110 -120 -130 -130 -60 -70
AK4626A Linearity AVDD=DVDD=TVDD=5V, fs=96kHz, fin=1kHz
-120
-110
-100
-90
-80
-70 dBFS
-60
-50
-40
-30
-20
-10
+0
Linearity (fin=1kHz)
AKM
+0.5 +0.4 +0.3 +0.2 +0.1 +0 -0.1 d B r A -0.4 -0.5 -0.6 -0.7 -0.8 -0.9 -1 2.5k 5k 7.5k -0.2 -0.3
AK4626A Frequency Response AVDD=DVDD=TVDD=5V, fs=96kHz, Input Level=0dBFS
10k
12.5k
15k
17.5k
20k Hz
22.5k
25k
27.5k
30k
32.5k
35k
37.5k
40k
.Frequency Response (Input Level=0dBFS)
(including external RC filter)
- 36 -
2005/11
ASAHI KASEI
[AKD4626A-B]
(DAC fs=96kHz)
AKM
-80 -82.5 -85 -87.5 -90 -92.5 -95 -97.5 d B -100 -102.5 -105 -107.5 -110 -112.5 -115 -117.5 -120 40 50 100 200 500 1k Hz 2k 5k 10k 20k 40k
AK4626A Crosstalk(Upper@1kHz; Lch--->Rch, Lower@1kHz; Rch--->Lch) AVDD=DVDD=TVDD=5V, fs=96kHz, Input Level=0dBFS
Crosstalk (Blue= Rch, Red= Lch)
- 37 -
2005/11
ASAHI KASEI
[AKD4626A-B]
Revision History
Date (YY/MM/DD) 05/11/18 Manual Revision KM079800 Board Reason Revision 0 First Edition Contents
IMPORTANT NOTICE * These products and their specifications are subject to change without notice. Before considering any use or application, consult the Asahi Kasei Microsystems Co., Ltd. (AKM) sales office or authorized distributor concerning their current status. * AKM assumes no liability for infringement of any patent, intellectual property, or other right in the application or use of any information contained herein. * Any export of these products, or devices or systems containing them, may require an export license or other official approval under the law and regulations of the country of export pertaining to customs and tariffs, currency exchange, or strategic materials. * AKM products are neither intended nor authorized for use as critical components in any safety, life support, or other hazard related device or system, and AKM assumes no responsibility relating to any such use, except with the express written consent of the Representative Director of AKM. As used here: (a) A hazard related device or system is one designed or intended for life support or maintenance of safety or for applications in medicine, aerospace, nuclear energy, or other fields, in which its failure to function or perform may reasonably be expected to result in loss of life or in significant injury or damage to person or property. (b) A critical component is one whose failure to function or perform may reasonably be expected to result, whether directly or indirectly, in the loss of the safety or effectiveness of the device or system containing it, and which must therefore meet very high standards of performance and reliability. * It is the responsibility of the buyer or distributor of an AKM product who distributes, disposes of, or otherwise places the product with a third party to notify that party in advance of the above content and conditions, and the buyer or distributor agrees to assume any and all responsibility and liability for and hold AKM harmless from any and all claims arising from the use of said product in the absence of such notification.
- 38 -
2005/11
5
4
3
2
1
+
R4 R6 1 2 3 4 5 PORT1 10 9 8 7 6 uP-I/F CSN CCLK CDTI CDTO
10k 10k CDTO R2 470 R3 470 R5 470
C3 22u +
R7 330
8
L5V
R1
10k
2 3 4 5 6 7 8 9 1 19
U1 A1 A2 A3 A4 A5 A6 A7 A8
Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8
18 17 16 15 14 13 12 11
CSN CCLK CDTI
AVDD1 C1 10u
C2 2.2u
+12V + 4
U2A NJM5532 3 2 R8 (open)
J1 RIN
R9 R11 R13
100 100 100 DZF1
C4 0.1u
+
C5 0.1u
1
R10 330 -12V
D
R1251
G1 G2 74HCT541
D
U11 DIF1/SCL/CCLK P/S LOOP0/SDA/CDTI MCLK AVSS DIF0/CSN VREFH VCOM TDM0 DZF1 AVDD C6 22u DZF2/OVF + R15 330
+12V 8 + 4
U2B NJM5532 5 6 R16 (open)
4112B_MCKO1
R14
100 SDOS I2C SMUTE
J2 LIN
7
DZF2/OVF RIN LIN NC TST5
R17 330 -12V
4112B_BICK 4112B_LRCK SDTI1 SDTI2 SDTI3 4626A_SDTO
C
R18 R19 R20 R22 R23 R25 R26
100 100 100 100 100 100 100 DFS_4626A
BICK LRCK SDTI1 SDTI2 SDTI3 SDTO DAUX DFS0 DVDD TVDD DVSS CAD1 CAD0 DZFE TST1 TST2 TST3 PDN
AK4626A
ROUT1 LOUT1 ROUT2 LOUT2 ROUT3 LOUT3 TST4
ROUT1 LOUT1 2 ROUT2 LOUT2 ROUT3 LOUT3 DZF1 3 1 R24 1k TR1 RN1202 (10k,10k) LE1 AVDD2 DZF1
C
SDTI4
T1 NJM78M05FA +12V 1 C7 0.1u GND IN OUT 3 + C8 47u 2
L1 10u
1
2
L5V
R28 1k ROUT4 LOUT4 +3.3V DZF2/OVF 3 1 C9 0.1u + TR2 RN1202 (10k,10k)
LE2 AVDD2 DZF2/OVF
2
AVDD1
2
L2 (short)
1
2
L3
1
AVDD2
C10 + 10u
C11 0.1u
R29 100 PDN
10u R30 5.1
C12 10u +12V C13 22u + U7B NJM5532 7 -12V R31 220 J3 ROUT4
B
B
C14 22u + ROUT1 R35 10k
+12V 5+ 64 U4B NJM5532 7 -12V R33 220 J4 ROUT1 ROUT2 R38 10k C16 22u + 8 8
5+ 64
U5B NJM5532 7 -12V
+
R36 220
J6 ROUT2 ROUT3
8
+12V
C15 22u
+12V 5+ U6B NJM5532 7 -12V R34 220 J5 ROUT3
ROUT4 R32 10k
5+ 64 R40 4.7K C21 22u
R37 10k
64
330p C17
330p C18
330p C19 R43 4.7K C22 22u + LOUT1 R50 10k R41 4.7k +12V 3+ 24 U4A NJM5532 1 R49 220 J8 LOUT1 LOUT2 8
330p C20
R39 4.7k +12V 3+ U7A NJM5532 1 -12V R47 220 J7 LOUT4 8 24
C23 22u +
+12V 3+ U5A NJM5532 1 -12V R51 220 J9 LOUT2 LOUT3 R54 10k C24 22u + 8 8
+12V 3+ 24 U6A NJM5532 1 -12V R53 220 J10 LOUT3
LOUT4 R48 10k
A
-12V C26 330p
R52 10k
24
+
R45 4.7K
R42 4.7k
R46 4.7K
R44 4.7k
330p C25
A
330p C27
330p C28
R56 4.7K
R60 4.7K
R57 4.7k
R61 4.7K
R58 4.7k
R62 4.7K
R59 4.7k
8
R55 4.7k
Title Size Document Number
AKD4626A-B
AK4626A
Sheet
1
Rev
A3
Date:
5 4 3 2
0
1
of
Friday, November 18, 2005
3
5
4
3
2
1
JP1 GND
D
D
J11 (TX)
T2 DA02-F
R63
TX
TX +3.3V C29 10u C31 10u L5V 1 + C30 0.1u C32 0.1u
U8 DVDD CM0/CDTO 28 CDTO
1:1
R64 150
240
2
DVSS
CM1/CDTI
27
CDTI
X1 5p C3312.288MHz 2
1
C
5p
C34 PDN 7 PDN DAUX 22 4626A_SDTO 1 4112B_BICK U9A 2 1k R67 4 1k R68 FS96 LE5 ERF LE4 R65 LE3
R66 L5V L4 10u 4 3 2 1 OPT C37 0.1u + C38 10u 2 18k +3.3V C35 + 10u JP2 OPT/COAX 9 C36 0.1u AVDD SDTO 20 4112B_SDTO 3 4112B_LRCK
1
6 5
PORT2 6 GND VCC GND 5 OUT
TORX176
R69 470
COAX
B
+3.3V J12 COAX D1 1S1588 R71 75 C39 0.1u
T3
LP2950A +3.3V
1 C40 47u +
GND
OUT
IN
3
L5V C41 0.1u
A
2
5
4
+ V/TX
3
TVDD
OCKS1/CCLK
26
CCLK
4
V/TX
OCKS0/CSN
25
CSN
5
XTI
MCKO1
24
4112B_MCKO1 L5V
C
6
XTO
MCKO2
23
4112B_MCKO2
8
R
BICK
21
74HCT14
U9B
10
AVSS
LRCK
19
74HCT14
11
RX1
ERF
18 5 U9C 6 74HCT14
12
RX2/DIF0
FS96
17
1k R70
AUTO
B
13
RX3/DIF1
P/SN
16
V/TX JP3 V/TX 2
14
RX4/DIF2 AK4112B
AUTO
15
3V 1 TX TX
9
U9D 8 74HCT14
LE6
1k
V
R72 47k
A
Title Size
Document Number
AKD4626A-B
AK4112B
Sheet
1
Rev
A3
Date:
3 2
0
2
of
Friday, November 18, 2005
3
5
4
3
2
1
L5V L5V PORT3 5 IN 4 3 VCC 2 IF 6 6 GND 1 TOTX176(ADC) 5
D
L5V 1 2 3 4 5 6 SW2 12 11 10 9 8 7
1S1588
D2
R74 10k 13
D
R73 1k
C42 0.1u
U9F
CKS1 DIF0 L5V U10 V V1 TRANS PDN MCLK SDTI BICK LRCK FS0/CSN FS1/CDTI FS2/CCLK FS3/CDTO C1 U1 DIF2 DIF1 DIF0 TXP TXN VSS VDD CKS1 CKS0 BLS ANS RP1 6 5 4 3 2 1
12
11
U9E
10
PDN
H
L
74HCT14 C43 0.1u
74HCT14
MDOE DFS_4626A V FS3 FS2 CKS1 DIF0
SW1 PDN
PDN 4112B_MCKO1 4626A_SDTO 4112B_BICK 4112B_LRCK FS2 FS3
C48 0.1u
+ C49 10u
47k
AK4103A R77 100 4112B_MCKO2 R76 100 4112B_MCKO1 R78 100 4112B_BICK R79 100 4112B_LRCK R80 100
MCKO1 BICK LRCK SDTO SDTI4
C
for NJM5532 x5 -12V PORT4 10 MCKO2 9 GND 8 SDTI1 7 SDTI2 6 SDTI3 AC3
DSP DSP DSP DSP
C
SDTI1 SDTI2 SDTI3 SDTI4
C51 0.1u
C52 10u
C53 0.1u
C54 10u
C55 0.1u
C56 10u
C57 0.1u
C58 10u
C59 0.1u
JP6 SDTI4
4112B
JP7 SDTI1
4112B
JP4 SDTI2
4112B
JP5 SDTI3
4112B
+12V 2 C61 47u
for NJM5532 x5 L6 1 + + + + + +12V
R81 100 4112B_SDTO
+ (short)
C62 0.1u
B
C63 10u
C64 0.1u
C65 10u
C66 0.1u
C67 10u
C68 0.1u
C69 10u
C70 0.1u
C71 10u
B
for 74HCT14, 74HCT541 L5V C72 0.1u C73 0.1u
A
Title Size Document Number
AKD4626A-B
Interface
Sheet
1
A3
Date:
5 4 3 2
Friday, November 18, 2005
+ C60 10u
A
+
+
+
+
+
1 2 3 4 5
2 C50 47u
L5 (short)
1
-12V
Rev
0
3
of
3


▲Up To Search▲   

 
Price & Availability of AK4626A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X