![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Tel : Fax : email : 0044 (0)118 979 1238 0044 (0)118 979 1283 info@actcrystals.com ACT ZTACC SMD Resonators The ACT ZTACC family of Ceramic SMD Resonators offers a cost effective solution to those applications requiring a wide temperature range together with accuracy. Specification Part Type/ Number Frequency Range MHz Test IC Vdd Frequency accuracy @25C (%) ZTACC MG 1.8 ~ 8.0 CD4069UBE x 2 +5V 0.5 Stability over temp. range (-20 +80C)(%) 0.3 Aging over 10 years (%) 0.3 Internal Cap. (pF) C1 & C2 30 EXTERNAL Vibration mode : Thickness Shear Important note when using Ceramic resonators with IC's. Some resonator parameters vary considerably with frequency and physical construction/size . These differences are too great to be able to be practically shown in a data sheet. However, these parameters can be critical when the resonators are used with ICs. Even if two different resonators appear to have the same specification the typical values of these critical parameters can be considerably different. When enquiring about resonators for use with ICs, it is important to supply the make and part number of the IC to be used and/or the list of recommended resonators, if this is given. Please note that all parameters can not necessarily be specified in the same device Customer to specify : Frequency ISO9001:2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK http://www.actcrystals.com Issue :8 C1r Date : 27/03/2008 Tel : Fax : email : ZTACC TAPE AND REEL DIMENSIONS (mm) 0044 (0)118 979 1238 0044 (0)118 979 1283 info@actcrystals.com ISO9001:2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK http://www.actcrystals.com Issue : 8 C1r Date :28-03-08 |
Price & Availability of ACTZTACC
![]() |