Part Number Hot Search : 
HSP451 MC74LV 28F640 CN25M P4840 ADF4208 BYC10 ISL3680
Product Description
Full Text Search
 

To Download ACTZTA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tel : Fax : email :
0044 (0)118 979 1238 0044 (0)118 979 1283 info@actcrystals.com
ACT ZTA Through Hole Resonators
The ACT ZTA family of Ceramic Through Hole Resonators offers a cost effective solution for applications requiring a wide temperature range, together with accuracy.
Specification
Part Type/ Number Frequency Range MHz Test IC Vdd Frequency accuracy @25C (%) Stab. over temp.Range
(-20 +80C)(%)
Aging over 10 years (%)
External Capacitance (pF) C1 & C2
30 (over range) 30 (over range) 30 (13.01~20.0MHz ) 15 (20.01~25.99MHz) 5 (26.00~60.00MHz##) ##Specification for frequencies from 50 to 60MHz may vary from above please enquire. Vibration Mode: MG Thickness Shear , MT Thickness Expander, MX Thickness Expander ( Third Overtone)
ZTA MG ZTA MT ZTA MX
1.80 ~ 8.00 CD4069UBE x 2 8.00 ~ 13.00 CD4069UBE x 2 13.01 ~ 60.00## 74HCU04 x2
+5V +5V +5V
0.5 0.5 0.5
0.3 0.3 0.3
0.3 0.3 0.3
Type No. ZTA MG ZTA MT ZTA MX
Freq. (MHz) 1.79 ~ 8.00 8.00 ~ 13.00 13.01 ~ 23.99 24.00 ~ 31.99 32.00 ~ 60.00 H 7.5 10 10 7.5 6.5 W 10 10 10 10 10 D 5 5 5 5 5
Dimensions mm (max) P L A 5.00.3 5.00.1 0.50.1 5.00.3 5.00.1 0.50.1 5.00.3 5.00.1 0.50.1 5.00.3 5.00.1 0.50.1 5.00.3 5.00.1 0.50.1
B 0.30.1 0.30.1 0.30.1 0.30.1 0.30.1
Important note when using Ceramic resonators with microcontrollers Some resonator parameters vary considerably with frequency and physical construction/size. These differences are too great to be able to be practically shown in a data sheet. However, these parameters can be critical when the resonators are used withmicrocontrollers. Even if two different resonators appear to have the same specification the typical values of these critical parameters can be considerably different. When enquiring about resonators for use with Imicricontrollers it is important to supply the make and part number of the IC to be used and/or the list of recommended resonators, if this is given.
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Package Type and Size
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Issue : 7 C1r Date : 07-03-2008


▲Up To Search▲   

 
Price & Availability of ACTZTA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X