Part Number Hot Search : 
76333 W85C178 SK271 300BZ KSR1203 162373 C847B GU4407
Product Description
Full Text Search
 

To Download 6RI100P-160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6RI100P-160
Diode Module
1600V / 100A
Diode Module
Features
* Compact Package * P.C. Board Mount Module * Converter Diode Bridge
Applications
* Inverter for Motor Drive * AC and DC Servo Drive Amplifier * Uninterruptible Power Supply
Maximum ratings and characteristics
Absolute maximum ratings (Tc=25C unless without specified)
Item Repetitive peak reverse voltage Non-repetitive peak reverse voltage Average output current One cycle surge current I2t Operation junction temperature Symbol VRRM VRSM IO IFSM I2t Tj Tstg Viso Condition Rating 1600 1760 100 1000 4000 -40 to +125 -40 to +125 3000 2.0 to 2.5 Unit V V A
ma Storage junction temperature on AC : 1 minute Isolation voltage te gn. e M5 screw Mounting screw torque sol desi b e o ew b led for n Electrical characteristics (Tj=25C unless otherwise specified) du nd he Item Symbol c Condition Min. Typ. Max. s Tj=25C,me Fofward voltage VFMis 1.30 m IFM=100A t cIRRM reco VR=VRRM Reverse current 20 Tj=150C, odu ot r N is p h T Thermal characteristics
Item Thermal resistance Thermal Resistance(Case to fine) Symbol Rth(j-c) Rth(c-f) Condition Per total loss Per each device with thermal compound Min. Typ. Max. 0.14 0.84 0.08
50Hz/60Hz sine wave Tc=94C From rated load From rated load
0 A 20 rchA s
2
7.
C C V N*m
Unit V mA
Unit C/W C/W
Diode Module
Forward Characteristics
100 90 80 Forward Current VF(V) 70 60 50 40 25deg 30 20
50 300
6RI100P-160
O u tp u t C u r r e n t - T o ta l L o s s
max
250
typ
200
150deg
Total Loss (W)
150
100
10 0 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4
0 0 50 100 150
Forward Current IF(A)
O u tp i t C u r r e n t Io ( A )
O u tp u t C u r r e n t - C a s e T e m p e r a tu r e
130
S u r g e C u rr e n t
1200
120
1000
Case Tempreture Tc (deg.C)
110
Peak Surge Current IFSM (A)
100
90
80
70
60
50 0
1
arc m on . te ole esign obs w d e d b or ne le du nd f e sch me is ct recom odu ot r Tra ns ie nt s p a l Im p eN nce da i The rm h T
600 400 200
50 100
800
h
0 20
7.
0 0 .0 1
0 .1
1
O u t p u t C u r r e n t Io ( A )
T im
0.1
Zth(j-c)(deg.C/w)
0.01
0.00 1 0.00 1
0.01
0.1
1
10
Tim e
Diode Module
Outline Drawings, mm
6RI100P-160
14
0.5
14
0.5
C3
7
0.5
7 0.5
0.5
1
32
23.5
16
2
50
5.5
0.3
0.5 0.5
51.5
11
0.5
11
0.5
3 0.5
2-
O
63 1
O
2.5 2.1
0.1 0.1
0.5
7-2 0.1x t1 0.1
O
arc m on . te ole esign 6RI100P-160 obs w d e d b or ne le du nd f e Equivalent Circuit Schematic sch me is ct recom odu ot r N is p h T
6 0.3 1.5
JAPAN
h
0 20
7.
13 0.5
0.3
17 0.5
3.4


▲Up To Search▲   

 
Price & Availability of 6RI100P-160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X