Part Number Hot Search : 
NTFS2415 GRM319 UN2112 TMXW341 B5819 UPA1774G 7805S SM5520TE
Product Description
Full Text Search
 

To Download 67-21UWCS400-XXTR10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet White Reverse Package Top View LEDs
67-21UWC/S400-XX/TR10
Features
Fluorescence Type High Luminous Intensity High Efficiency Emission Color:x=0.29,y=0.30 Pb-free.
Descriptions
The white LED which was fabricated using a blue LED and a phosphor, and the phosphor is excited by blue light and emits yellow fluorescence. The mixture of blue light and yellow light results in a white emission.
Applications
OA Equipment Backlighting of Full Color LCD Automotive Equipment Replacement of Conventional Light Bulbs and Fluorescent Lamps
Device Selection Guide Chip Material InGaN Emitted Color White Lens Color Water Clear
verlight Electronics Co., Ltd. Device No. : DSE-671-240
http://www.everlight.com Prepared date 03.22.2004
Rev. 1.0
Page: 1 of10
Prepared by: Teresa
EVERLIGHT ELECTRONICS CO.,LTD.
67-21UWC/S400-XX/TR10
Package Dimensions
C L
+
Polarity
-
For reflow soldering (propose)
Note : Tolerances dimension 0.1 unless otherwise noted Unit : mm
Absolute Maximum Ratings (Ta=25)
Parameter Forward Current Pulse Forward Current*1 Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Soldering Temperature*2 Symbol IF IFP VR Pd Topr Tstg Tsol Rating 25 100 5 110 -40 ~ +85 -40 ~ +100 260 Units mA mA V mW
Electrostatic Discharge ESD 150 V Notes: *1:IFP Conditions--Pulse Width10msec and Duty1/10. *2:Soldering time5 seconds.
verlight Electronics Co., Ltd. Device No. : DSE-671-240
http://www.everlight.com Prepared date 03.22.2004
Rev. 1.0
Page: 2 of10
Prepared by: Teresa
EVERLIGHT ELECTRONICS CO.,LTD.
67-21UWC/S400-XX/TR10
Electro-Optical Characteristics (Ta=25)
Parameter Symbol *Chip Rank A4 A5 A6 X7 X8 X9 -----Min. 100 200 240 400 485 600 -----Typ. 290 360 450 630 750 1000 3.5 -120 0.29 0.30 Max. Units Condition
Luminous Intensity
IV
--
mcd
IF=20mA
Forward Voltage Reverse Current Viewing Angle Chromaticity Coordinates
VF IR 21/2 x y
4.3 10 ----
V A deg ---
IF=20mA VR=5V IF=20mA IF=20mA IF=20mA
67-21UWC/S400-XX/TR10 Chip Rank
Notes: *The C.I.E. 1931 chromaticity diagram. *The products are sensitive to static electricity and care must be fully taken when handling products.
Chromaticity Coordinates Specifications for Bin Grading
CIE_x Color grading Min A B1 B B2 C1 C C2 D 0.295 0.31 0.33 0.37 0.275 0.285 0.355 0.385 0.265 0.28 0.3 0.315 0.255 0.265 0.335 0.345 0.22 0.25 Max 0.27 0.285 Min 0.215 0.245 Max 0.315 0.325 CIE_y
verlight Electronics Co., Ltd. Device No. : DSE-671-240
http://www.everlight.com Prepared date 03.22.2004
Rev. 1.0
Page: 3 of10
Prepared by: Teresa
EVERLIGHT ELECTRONICS CO.,LTD.
67-21UWC/S400-XX/TR10
Typical Electro-Optical Characteristics Curves
verlight Electronics Co., Ltd. Device No. : DSE-671-240
http://www.everlight.com Prepared date 03.22.2004
Rev. 1.0
Page: 4 of10
Prepared by: Teresa
EVERLIGHT ELECTRONICS CO.,LTD.
67-21UWC/S400-XX/TR10
Typical Electro-Optical Characteristics Curves
verlight Electronics Co., Ltd. Device No. : DSE-671-240
http://www.everlight.com Prepared date 03.22.2004
Rev. 1.0
Page: 5 of10
Prepared by: Teresa
EVERLIGHT ELECTRONICS CO.,LTD.
67-21UWC/S400-XX/TR10
Label explanation
CAT: Luminous Intensity Rank HUE: Chromaticity Coordinates Rank REF: Forward Voltage Rank
Reel Dimensions
Note: The tolerances unless mentioned is 0.1mm ,Unit = mm
verlight Electronics Co., Ltd. Device No. : DSE-671-240
http://www.everlight.com Prepared date 03.22.2004
Rev. 1.0
Page: 6 of10
Prepared by: Teresa
EVERLIGHT ELECTRONICS CO.,LTD.
67-21UWC/S400-XX/TR10
Carrier Tape Dimensions: Loaded quantity 2000 PCS per reel.
Moisture Resistant Packaging
Label
Aluminum moistue-proof bag
Desiccant
Label
verlight Electronics Co., Ltd. Device No. : DSE-671-240
http://www.everlight.com Prepared date 03.22.2004
Rev. 1.0
Page: 7 of10
Prepared by: Teresa
EVERLIGHT ELECTRONICS CO.,LTD.
67-21UWC/S400-XX/TR10
Reliability Test Items And Conditions
The reliability of products shall be satisfied with items listed below. Confidence level90% LTPD10%
No. 1
Items Reflow Soldering
Test Condition Temp. : 2605 Min. 5sec. H : +100 15min 5 min L : -40 15min H : +100 5min 10 sec L : -10 5min Temp. : 100 Temp. : -40 IF = 20 mA 85/ 85%RH
Test Sample Ac/Re Hours/Cycles Size 6 Min. 300 Cycles 22 PCS. 0/1
2
Temperature Cycle
22 PCS.
0/1
3
Thermal Shock High Temperature Storage Low Temperature Storage DC Operating Life High Temperature / High Humidity
300 Cycles 1000 Hrs. 1000 Hrs. 1000 Hrs. 1000 Hrs.
22 PCS.
0/1
4 5 6 7
22 PCS. 22 PCS. 22 PCS. 22 PCS.
0/1 0/1 0/1 0/1
verlight Electronics Co., Ltd. Device No. : DSE-671-240
http://www.everlight.com Prepared date 03.22.2004
Rev. 1.0
Page: 8 of10
Prepared by: Teresa
EVERLIGHT ELECTRONICS CO.,LTD.
67-21UWC/S400-XX/TR10
Precautions For Use
1. Over-current-proof Customer must apply resistors for protection , otherwise slight voltage shift will cause big current change ( Burn out will happen ). 2. Storage 2.1 Do not open moisture proof bag before the products are ready to use. 2.2 Before opening the package, the LEDs should be kept at 30 or less and 90%RH or less. 2.3 The LEDs should be used within a year. 2.4 After opening the package, the LEDs should be kept at 30 or less and 70%RH or less. 2.5 The LEDs should be used within 168 hours (7 days) after opening the package. 2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the storage time, baking treatment should be performed using the following conditions. Baking treatment : 605 for 24 hours. 3. Soldering Condition 3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times. 3.3 When soldering, do not put stress on the LEDs during heating. 3.4 After soldering, do not warp the circuit board. 4.Soldering Iron Each terminal is to go to the tip of soldering iron temperature less than 280 for 3 seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do soldering of each terminal. Be careful because the damage of the product is often started at the time of the hand solder.
verlight Electronics Co., Ltd. Device No. : DSE-671-240
http://www.everlight.com Prepared date 03.22.2004
Rev. 1.0
Page: 9 of10
Prepared by: Teresa
EVERLIGHT ELECTRONICS CO.,LTD.
67-21UWC/S400-XX/TR10
5.Repairing Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C
Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http://www.everlight.com
verlight Electronics Co., Ltd. Device No. : DSE-671-240
http://www.everlight.com Prepared date 03.22.2004
Rev. 1.0
Page: 10 of10
Prepared by: Teresa


▲Up To Search▲   

 
Price & Availability of 67-21UWCS400-XXTR10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X