Part Number Hot Search : 
MC10EL MC10EL MC10EL SKW30N60 HC1GT DDZ24CS SKW30N60 BZT52C
Product Description
Full Text Search
 

To Download 12507HS-20000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.25mm (0.049") PITCH CONNECTOR
Wire-to-Board Housing 12507HS Series
Material
I/NO 1 DESCRIPTION HOUSING TITLE 12507HS MATERIAL PA66 or PBT, UL 94V Grade
Available Pin
12507HS-20000 12507HS-25000 12507HS-30000
PARTS NO.
27.00 33.25 39.50
A
25.40 31.65 37.90
B
23.75 30.00 36.25
C
1.25(PITCH) C B 1.5
5.8
Specification
A 2.55
Voltage Rating Current Rating Operating Temperature Contact Resistance Withstanding Voltage Insulation Resistance Applicable Wire Applicable P.C.B Applicable FPC/FFC Solder Height Crimp Tensile Strength UL FILE NO
ITEM
AC/DC 125V AC/DC 1A -25E~+85E
SPEC
30m MAX AC250V/1min 100M MIN AWG #26~#32 -
AWG
Application Terminal : 12507TS (37 Page)
TERMINAL ASSEMBLY DRAWING AWG : #26 ~ #32


▲Up To Search▲   

 
Price & Availability of 12507HS-20000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X