Part Number Hot Search : 
IS43R SAA71 30WQ10F HC705 57745B SDR956Z LM158N BZX84
Product Description
Full Text Search
 

To Download Z2SMB43B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.0W Surface Mount Zener Diodes Z2SMB6.8B - Z2SMB51B
2.0W Surface Mount Zener Diodes
Features
* Low profile package * Built-in strain relief * * * * * * Low inductance Complete voltage range 6.8 to 51V SMB (DO-214AA) Typical ID less than 1.0A above 11V High temperature soldering guaranteed: 260C/10 seconds at terminals Low leakage current RoHS compliant
Mechanical Data
Case: Epoxy: Terminals: Polarity: Weight: JEDEC SMB (DO-214AA), molded plastic over passivated junction Plastic package has UL flammability classification 94V-0 Solder plated, solderable per MIL-STD-750, Method 2026 Color band denotes cathode end 0.003 ounce, 0.093 gram
Maximum Ratings (T Ambient=25C unless noted otherwise)
Symbol Description Peak Pulse Power Dissipation on TA=50C Value 2.0 24 Unit W mW/ C 8.3ms single half sinewave superimposed on rated load (JEDEC Method) Note Conditions
PD
Derate above 70C
IFSM TJ,TSTG
Peak Forward Surge Current Operating Junction and Storage Temperature Range
15
A
-55 to 150
C
Note: Mounted on 5.0mm (.013mm thick) land areas.
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060 Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415 Rev. A/AH 2008-06-16 Page 1 of 4
2.0W Surface Mount Zener Diodes Z2SMB6.8B - Z2SMB51B
Electrical Characteristics (T Ambient=25C unless noted otherwise)
Norminal Zener Voltage @ IZT Part NO. Marking Code Nom. Z2SMB6.8B Z2SMB7.5B Z2SMB8.2B Z2SMB8.7B Z2SMB9.1B Z2SMB10B Z2SMB11B Z2SMB12B Z2SMB13B Z2SMB14B Z2SMB15B Z2SMB16B Z2SMB17B Z2SMB18B Z2SMB19B Z2SMB20B Z2SMB22B Z2SMB24B Z2SMB25B Z2SMB27B Z2SMB28B Z2SMB30B Z2SMB33B Z2SMB36B Z2SMB39B Z2SMB43B Z2SMB47B Z2SMB51B 2006 2007 2008 20A8 2009 2010 2011 2012 2013 2014 2015 2016 2017 2018 2019 2020 2022 2024 2025 2027 2028 2030 2033 2036 2039 2043 2047 2051 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 Max. Zener Impedance ()
VZ(V)
Min. 6.46 7.13 7.79 8.27 8.65 9.50 10.45 11.40 12.35 13.30 14.25 15.20 16.15 17.10 18.05 19.00 20.90 22.80 23.75 25.65 26.60 28.50 31.35 34.20 37.05 40.85 44.65 48.45 Max. 7.14 7.88 8.61 9.14 9.56 10.50 11.55 12.60 13.65 14.70 15.75 16.80 17.85 18.90 19.95 21.00 23.10 25.20 26.25 28.35 29.40 31.50 34.65 37.80 40.95 45.15 49.35 53.55
Max. Reverse Leakage Current IR @ VR
IZT(mA)
73.5 66.5 61.0 58.0 55.0 50.0 45.5 41.5 38.5 35.7 33.4 31.2 29.4 27.8 26.3 25.0 22.8 20.8 20.0 18.5 17.0 16.6 15.1 13.9 12.8 11.6 10.6 9.8
ZZT @ IZT
2 2 2 2 3 4 4 5 5 6 7 8 9 10 11 11 12 13 14 18 18 20 23 25 30 35 40 48
ZZK @ Izk
700 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500
IZK(mA)
1.00 0.50 0.50 0.50 0.50 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
IR(A)
5.0 5.0 5.0 4.0 3.0 3.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
VR(V)
4.0 5.0 6.0 6.6 7.0 7.6 8.4 9.1 9.9 10.6 11.4 12.2 13.0 13.7 14.4 15.2 16.7 18.2 19.0 20.6 21.3 22.5 25.1 27.4 29.7 32.7 35.8 38.8
Note: Suffix "B" indicates 5% tolerance.
Rev. A/AH 2008-06-16 www.taitroncomponents.com Page 2 of 4
2.0W Surface Mount Zener Diodes Z2SMB6.8B - Z2SMB51B
Typical Characteristics Curves
Fig.1-Max.Surge Power PPK, Peak Surge Power (W)
P.W. Pulse Width (ms)
Dimensions in inch (mm)
SMB (DO-214AA)
Rev. A/AH 2008-06-16 www.taitroncomponents.com Page 3 of 4
2.0W Surface Mount Zener Diodes Z2SMB6.8B - Z2SMB51B
Marking Information:
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931 Rev. A/AH 2008-06-16 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of Z2SMB43B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X