Part Number Hot Search : 
KDS114E RBV1001D 25ETT SG3548 C484FD26 06P303 FDS6680A 2409S
Product Description
Full Text Search
 

To Download TX2EH-433-64-5V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EW N
24 August 2007
Radiometrix
Hartcran House, 231 Kenton Lane, Harrow, HA3 8RP, England
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233
TX2H-4xx-64
UHF High Power FM Transmitter
The TX2H is a 433/434MHz single-channel FM transmitter module with a power output of 25mW nominal. It is a 100% pin-compatible drop-in replacement for the Radiometrix TX2 and can be used to replace the TX2 in applications where greater radiated power is desired (for example when space limitations dictate the use of small and inefficient antennas, or in countries where the extra power is permitted). The module will handle raw data rates up to 64kb/s. The TX2H transmitter can be used with either RX2 or RX2A receivers. Features
* * * * * * * *
Figure 1: TX2H-433-64-5V & RX2A-433-64
Standard frequencies: 433.92MHz and 434.42MHz Hi power drop in replacement for TX2 Data rates up to 64kbps Usable range over 500m Fully screened Low power requirements Conforms to European EN 301 489-3 and ETSI EN 300 220-3 (for ERP 10mW) Conforms to Australian/New Zealand AS/NZS 4268:2003
Instead of the SAW-based technology of the TX2, the TX2H uses a PLL circuit locked to a crystal for better frequency stability over a wider temperature range (-40C to +85C), at the expense of slightly slower power-up. The TX2H is available as standard on frequencies of 433.92MHz and 434.42MHz at 25mW power output, in either 3V(3.3V) or 5V versions. Custom frequencies may be available to order (consult factory). The module is designed to meet all applicable EMC and type approval requirements. The module can be made available if required in an extra-high-power version (TX2EH), in the same footprint and pinout but giving 90-100mW nominal output power at 5V supply with a current consumption of less than 45mA (DC to RF conversion efficiency better than 45%).
Applications
* * * * * * Handheld terminals Data loggers Industrial telemetry and telecommand In-building environmental monitoring and control High-end security and fire alarms Vehicle data up / download
Technical Summary
* * * * * * Size: 32 x 12 x 5.5mm Operating frequency: 433.92MHz and 434.42MHz Supply : 3V or 5V regulated Current consumption: 25mA typical Data bit rate: 64kbps max. Transmit power: +14dBm (25mW) nominal TX2H - Data Page - 1 -
sales@radiometrix.com
Functional description
The TX2H transmitter module is a crystal based PLL controlled FM transmitter operating on either 3V or 5Vsupply and is available in 433.92MHz.
R1
3 3V / 5V
868/915 MHz band pass filter
2 RF out
amp
buffer VCO
/64
Loop Filter
ref osc
35kHz LPF
R2
5 TXD
1 RF GND
4 0V
Figure. 2: TX2H block diagram
User interface
32 mm 5.5 mm
12.0 mm
Radiometrix TX2H UHF Transmitter
12.5 mm
pin spacing: 2.54 mm 20.32 mm 1 2 3 4 5
PCB level
5 holes of 0.7 mm dia. pin spacing 2.54 mm
1 = RF gnd 2 = RF out 3 = Vcc 4 = 0V 5 = TXD
Figure 3: TX2H pin-out and dimension TX2H pin 1 2 3 4 5 Name RFgnd RF out VCC 0V TXD Function RF ground, internally connected to the module screen and pin 4 (0V). This pin should be directly connected to the RF return path - e.g. coax braid, main PCB ground plane etc. 50 RF output to antenna. Internally DC-isolated. +ve supply pin. The module will generate RF when the Vcc supply is present. Max ripple content 0.1Vp-p. A 100nF de-coupling ceramic capacitor is suggested. DC supply ground. Internally connected to pin 1 and module screen. This DC coupled modulation input will accept either serial digital data ( 0 V to Vcc levels) or high level linear signals. Input impedance is 100 k
sales@radiometrix.com
TX2H - Data
Page - 2 -
Preliminary Specifications (TX2H-433-64-5V):
Figures apply at +25C, 3.0V or 5.0V supply as applicable, unless otherwise stated.
Operating temperature range Supply voltage (3V version) Supply voltage (5V version and TX2EH) Supply current Supply current (for TX2EH version) Output power Output power (for TX2EH version) DC to RF conversion efficiency (3V version) DC to RF conversion efficiency (5V version) DC to RF conversion efficiency (for TX2EH) Harmonics/spurious emissions Initial centre frequency accuracy Centre frequency variation over volts/temp FM deviation Power-up time (DC on to full RF output) Baseband bandwidth Maximum raw data rate Required TXD input levels -40C to +85C 2.5 - 3.5V (3.0V nominal, 4.0V absolute max.) 4.5 - 5.5V (5.0V nominal, 6.0V absolute max.) 25mA typical 45mA typical +14dBm (25mW), 1dB +20dBm (100mW), 1dB 33% approx. 20% approx. 45% approx. <-36dBm below 1GHz, <-30dBm above 1GHz (<-40dBm typical) 15kHz max. 40kHz max. 30kHz typical 1.1ms typical, 1.5ms max. DC-35kHz approx. 64kbps 0V (logic 0), +5V (logic 1). Non-inverting.
Product designations: TX2H-433-64-3V (433.92MHz, 3V version) TX2H-433-64-5V (433.92MHz, 5V version) TX2H-434-64-3V (434.42MHz, 3V version) TX2H-434-64-5V (434.42MHz, 5V version) TX2EH-433-64-5V (433.92MHz, 100mW version) TX2EH-434-64-5V (434.42MHz, 100mW version)
sales@radiometrix.com
TX2H - Data
Page - 3 -
Antenna requirements
Three types of integral antenna are recommended and approved for use with the module:
0.5 mm enameled copper wire close wound on 3.2 mm diameter former
RF
433 MHz = 24 turns
A. Helical antenna
Feed point 15% to 25% of total loop length
RF-GND
C2 C3 C4 C1
track width = 1mm 4 to 10 cm inside area
2
RF
B. Loop antenna
16.4cm
wire, rod, PCB-track or a combination of these three
RF
C. Whip antenna
433 MHz = 16.4 cm total from RF pin.
Fig.8: Antenna A helical ** ** *** ** B loop * * ** *** C whip *** *** * *
Ultimate performance Easy of design set-up Size Immunity proximity effects A) Helical
Wire coil, connected directly to pin 2, open circuit at other end. This antenna is very efficient given it's small size (20mm x 4mm dia.). The helical is a high Q antenna, trim the wire length or expand the coil for optimum results. The helical de-tunes badly with proximity to other conductive objects. A loop of PCB track tuned by a fixed or variable capacitor to ground at the 'hot' end and fed from pin 2 at a point 20% from the ground end. Loops have high immunity to proximity de-tuning. This is a wire, rod, PCB track or combination connected directly to pin 2 of the module. Optimum total length is 15.5cm (1/4 wave @ 433MHz). Keep the open circuit (hot) end well away from metal components to prevent serious de-tuning. Whips are ground plane sensitive and will benefit from internal 1/4 wave earthed radial(s) if the product is small and plastic cased
B) Loop
C) Whip
The antenna choice and position directly controls the system range. Keep it clear of other metal in the system, particularly the 'hot' end. The best position by far, is sticking out the top of the product. This is often not desirable for practical/ergonomic reasons thus a compromise may need to be reached. If an internal antenna must be used try to keep it away from other metal components, particularly large ones like transformers, batteries and PCB tracks/earth plane. The space around the antenna is as important as the antenna itself.
sales@radiometrix.com
TX2H - Data
Page - 4 -
Radiometrix Ltd
Hartcran House 231 Kenton Lane Harrow, Middlesex HA3 8RP ENGLAND Tel: +44 (0) 20 8909 9595 Fax: +44 (0) 20 8909 2233 sales@radiometrix.com www.radiometrix.com Copyright notice
This product data sheet is the original work and copyrighted property of Radiometrix Ltd. Reproduction in whole or in part must give clear acknowledgement to the copyright owner.
Limitation of liability
The information furnished by Radiometrix Ltd is believed to be accurate and reliable. Radiometrix Ltd reserves the right to make changes or improvements in the design, specification or manufacture of its subassembly products without notice. Radiometrix Ltd does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other rights of third parties which may result from the use of its products. This data sheet neither states nor implies warranty of any kind, including fitness for any particular application. These radio devices may be subject to radio interference and may not function as intended if interference is present. We do NOT recommend their use for life critical applications. The Intrastat commodity code for all our modules is: 8542 6000
R&TTE Directive
After 7 April 2001 the manufacturer can only place finished product on the market under the provisions of the R&TTE Directive. Equipment within the scope of the R&TTE Directive may demonstrate compliance to the essential requirements specified in Article 3 of the Directive, as appropriate to the particular equipment. Further details are available on The Office of Communications (Ofcom) web site: http://www.ofcom.org.uk/radiocomms/ifi/ Information Requests Ofcom Riverside House 2a Southwark Bridge Road London SE1 9HA Tel: +44 (0)845 456 3000 or 020 7981 3040 Fax: +44 (0)20 7783 4033 information.requests@ofcom.org.uk European Radiocommunications Office (ERO) Peblingehus Nansensgade 19 DK 1366 Copenhagen Tel. +45 33896300 Fax +45 33896330 ero@ero.dk www.ero.dk
sales@radiometrix.com
TX2H - Data
Page - 5 -


▲Up To Search▲   

 
Price & Availability of TX2EH-433-64-5V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X